Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 87Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 88Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 89Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 90Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 93Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 94Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
L1
M
H
Connection
thread
Applicable tubing
ø
D2
M
L1
H
ø
D2
Connection
thread
Applicable tubing
L1
M
Connection
thread NPT
H
ø
D2
Connection
thread
Applicable tubing
Universal Male Elbow: KQ2V (Face seal)
* Reference dimensions after installation of NPT thread
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Hexagon Socket Head Universal Male Elbow: KQ2VS (Face seal)
* Reference dimensions after installation of NPT thread
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of NPT thread
Note) øD1 is maximum diameter.
Universal Female Elbow: KQ2VF (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2VF01-34
P 17.46 7.1 17 21.2 14.3 28.8 23.4 13.3 2.2 1.9 2.5 28.4
ø5/32
1/8
KQ2VF03-34
P 17.46 8.2 17 21.2 14.3 28.8 23.4 13.3 2.9 2.9 3
28.5
ø3/16
1/8
KQ2VF05-34
P 17.46 9.1 17 21.5 14.3 28.8 23.4 13.3 4.5 3.7 3.5 28.7
ø1/4
1/8
KQ2VF07-34
P 17.46 11.1 17 22.5 14.3 28.8 23.4 13.3 7.7 6.6 4.6 29
1/4
KQ2VF07-35
P 22.23 11.1 21.7 23.2 18.1 36.9 28.8 13.3 7.7 6.6 4.6 62.4
ø5/16
1/8
KQ2VF09-34
P 17.46 13.2 17.6 23.5 15 30.5 25.1 14.2 16 11.2 6
30.2
1/4
KQ2VF09-35
P 22.23 13.2 21.6 25.1 18.3 36.9 28.8 14.2 16 11.2 6
63.2
3/8
KQ2VF09-36
P 25.4 13.2 27.7 26.2 22.7 42.7 34.6 14.2 16 11.2 6
87.2
ø3/8
1/4
KQ2VF11-35
P 22.23 15.4 22.6 26.4 19.7 39.2 31.1 15.6 23.4 19.3 7
62.1
3/8
KQ2VF11-36
P 25.4 15.4 27.7 27.6 22.2 42.7 34.6 15.6 23.4 19.3 7
88
ø1/2
3/8
KQ2VF13-36
P 25.4 19.3 27.7 30.7 20.9 42.7 34.6 17 38.8 34.3 9
90.2
1/2
KQ2VF13-37
P 28.57 19.3 31.6 32.8 22.6 47.1 36.7 17 38.8 34.3 9
136
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2VS01-34
P 6.35 7.1 13.4 19.3 12.9 25 19.6 13.3 2.2 1.9 2.5 12.7
ø5/32
1/8
KQ2VS03-34
P 6.35 8.2 13.4 19.3 12.9 25 19.6 13.3 2.9 2.9 3
12.8
ø3/16
1/8
KQ2VS05-34
P 6.35 9.1 13.4 19.6 12.9 25 19.6 13.3 4.5 3.7 3.5 13.1
ø1/4
1/8
KQ2VS07-34
P 6.35 11.1 13.4 20.6 12.9 25 19.6 13.3 7.7 6.6 4.6 13.4
1/4
KQ2VS07-35
P 6.35 11.1 15.3 19.9 17.4 26.8 18.7 13.3 7.7 6.6 4.6 20.9
ø5/16
1/8
KQ2VS09-34
P 8
13.2 17.6 23.5 14.3 25.2 19.8 14.2 16
11.2 6
19.6
1/4
KQ2VS09-35
P 8
13.2 17.6 23.5 17.2 28.2 20.1 14.2 16
11.2 6
24.5
3/8
KQ2VS09-36
P 8
13.2 20.6 23.1 17.9 29.8 21.7 14.2 16
11.2 6
35.1
ø3/8
1/4
KQ2VS11-35
P 8
15.4 20.6 25.8 18.3 29.5 21.4 15.6 23.4 19.3 7
29.3
3/8
KQ2VS11-36
P 8
15.4 20.6 25.8 18.4 29.8 21.7 15.6 23.4 19.3 7
36.3
ø1/2
3/8
KQ2VS13-36
P 9.53 19.3 27 30.5 18.6 32 23.9 17 38.8 34.3 9
57.6
1/2
KQ2VS13-37
P 9.53 19.3 27 30.5 21.3 34.7 24.3 17 38.8 34.3 9
70.9
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2V01-34
P 8
7.1 13.4 19.3 12.9 24.8 19.4 13.3 2.2 1.9 2.5 13.1
ø5/32
1/8
KQ2V03-34
P 8
8.2 13.4 19.3 12.9 24.8 19.4 13.3 2.9 2.9 3
13.2
ø3/16
1/8
KQ2V05-34
P 8
9.1 13.4 19.6 12.9 24.8 19.4 13.3 4.5 3.7 3.5 13.4
ø1/4
1/8
KQ2V07-34
P 8
11.1 13.4 20.6 12.9 24.8 19.4 13.3 7.5 6.6 4.5 13.7
1/4
KQ2V07-35
P 8
11.1 15.3 19.9 17.4 30.8 22.7 13.3 7.5 6.6 4.5 23.9
ø5/16
1/8
KQ2V09-34
P 11.11 13.2 17.6 23.5 14.3 26.8 21.4 14.2 16 11.2 6
22.4
1/4
KQ2V09-35
P 11.11 13.2 17.6 23.5 17.2 29.7 21.6 14.2 16 11.2 6
27.2
3/8
KQ2V09-36
P 12.7 13.2 20.6 23.1 17.9 33.7 25.6 14.2 16 11.2 6
41.3
ø3/8
1/4
KQ2V11-35
P 12.7 15.4 20.6 25.8 18.3 33.6 25.5 15.6 23.4 19.3 7
35.7
3/8
KQ2V11-36
P 12.7 15.4 20.6 25.8 18.4 33.7 25.6 15.6 23.4 19.3 7
42.4
ø1/2
3/8
KQ2V13-36
P 17.46 19.3 27 30.5 18.6 33.5 25.4 17 38.8 34.3 7.5 65.1
1/2
KQ2V13-37
P 17.46 19.3 27 30.5 21.3 36.2 25.8 17 38.8 34.3 9
75.2
Dimensions
90
Inch Size One-touch Fittings
Series
KQ2
適用チューブ:インチサイズ 接続ねじ:NPT
Applicable Tubing: Inch Size, Connection Thread: NPT


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com