Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KQ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
To New
“KQ2”
KQ, KQ2 and KJ
consolidated into
“KQ2”
Light
weight
Enhanced
variation
Compact
New Series
KQ2
Miniature
One-touch Fittings
Series
KJ
Thread material/Surface treatment (TreatedorNon-treated):
2types
M
R
G
Uni
UNF
NPT
M
R
Uni
P.
1
P.
1
P.
73
P.
65
P.
85
P.
95
P.
101
P.
33
P.
57
P.
109
P.
33
P.
57
Body type: totaled
51models Sealmethod:3types
Body type: totaled
51models Sealmethod:3types
Metric size
Inch size
Applicable tubing O.D.
Connection
thread
Gasket
seal
Sealant
Seal method
Face
seal
Thread material/Surface treatment (TreatedorNon-treated):
2types
C
Improved tube
insertion/removal
Insertion force:
30%reduction
Removal force:
20%reduction∗
Existing model
KJ
17.8
Compact and lightweight
∗ Existing model KQ2 series Male elbow/Applicable tubing O.D.: ø6/Connection thread: R1/8
KQ2
New
New
15.5
Dimensions
Height direction
Weight
24∗
%
shorter
Dimensions
Horizontal direction
23∗
%
shorter
lighter
57∗
%
Max.
Max.
∗ Tube pulling out strength is ensured to be
equivalent to existing model.
20
Existing model
KQ2
New
New
New
New
One-touch Fittings
CAT.ES50-37C
Series
KQ2
New
New
RoHS


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com