Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
6
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
Applicable
tubing a
Applicable
tubing b
L
M2
M1
Connection
thread
Rc
Applicable
tubing
H
M
L1
L2
Different Diameter Straight: KQ2H
Note) øD1, øD2 are maximum diameters.
Female Connector: KQ2F
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
Rc
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
M3 x 0.5
KQ2F23-M3
l
7
6.9 17.3
5.7 13.3
3
2.5
2.5
3.1
M5 x 0.8
KQ2F23-M5
l
7
6.9 19.7
5.7 13.3
3
2.5
2.5
3.3
ø
4
M3 x 0.5
KQ2F04-M3
l
8
7.9 17.3
5.7 13.3
4
4
2.5
4.1
M5 x 0.8
KQ2F04-M5
l
8
7.9 19.6
5.7 13.3
4
4
3
4.5
1/8
KQ2F04-01
l
14
7.9 24.1
8.5 13.3
5.6
4
3
12
1/4
KQ2F04-02
l
17
7.9 29
12.9 13.3
5.6
4
3
21.5
ø
6
M5 x 0.8
KQ2F06-M5
l 10
9.9 17.6
5.7 13.3
10
10
4.1
5.5
1/8
KQ2F06-01
l
14
9.9 23.6
8.5 13.3
13.1 10.4
4.5 12.2
1/4
KQ2F06-02
l
17
9.9 28.5 12.9 13.3
13.1 10.4
4.5 21.6
3/8
KQ2F06-03
l
19
9.9 29.9 12.7 13.3
13.1 10.4
4.5 22.7
ø
8
1/8
KQ2F08-01
l
14
12.4 24.1
8.5 14.2
26.1 18
6
12.9
1/4
KQ2F08-02
l
17
12.4 29
12.2 14.2
26.1 18
6
22.1
3/8
KQ2F08-03
l
19
12.4 30.4 13.4 14.2
26.1 18
6
30.7
ø
10
1/4
KQ2F10-02
l
17
14.8 30
12.9 15.6
41.5 29.5
7.5 24.2
3/8
KQ2F10-03
l
19
14.8 31.3 13.3 15.6
41.5 29.5
7.5 25.5
ø
12
1/4
KQ2F12-02
l
19
17.2 30.9 12.1 17
58.3 46.1
9
32.6
3/8
KQ2F12-03
l
19
17.2 32.3 13.3 17
58.3 46.1
9
27.6
1/2
KQ2F12-04
l
24
17.2 36.3 15.9 17
58.3 46.1
9
46.3
ø
16
3/8
KQ2F16-03
l
24
22
34.7 12.6 20.6
81
67
13
53.8
1/2
KQ2F16-04
l
24
22
38.7 15.9 20.6 113
67
13
51.6
Applicable tubing O.D.
(mm)
Model
Note)
ø
D1
Note)
ø
D2
L
M1
M2
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø
2
ø
3.2 KQ2H02-23A
5.8
7.1 26.2 11.9 13.3
0.9
1.4
1.1
ø
2
ø
4
KQ2H02-04A
5.8
8.2 26.2 11.9 13.3
0.9
1.4
1.2
ø
3.2
ø
4
KQ2H23-04A
7.1
8.2 27.6 13.3 13.3
3.4
2.9
2.5
1.5
ø
3.2
ø
6
KQ2H23-06A
7.1 10.4 27.6 13.3 13.3
3.4
2.9
2.5
1.8
ø
4
ø
6
KQ2H04-06A
8.2 10.4 27.6 13.3 13.3
5.6
5.6
3
2
ø
6
ø
8
KQ2H06-08A 10.4 13.2 28.5 13.3 14.2 13.1 10.4
4.5
2.9
ø
8
ø
10
KQ2H08-10A 13.2 15.9 30.8 14.2 15.6 26.1 18
6
4.9
ø
10
ø
12
KQ2H10-12A 15.9 18.5 33.6 15.6 17
41.5 29.5
7.5
7.2
ø
12
ø
16
KQ2H12-16A 18.5 23.8 38.6 17
20.6 58.3 46.1
9
12.4


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com