Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 86Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 87Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 88Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 89Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 90Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
Applicable tubing
ø
D
Connection
thread
H
ø
D
Applicable tubing
Connection
thread
H
Male Connector: KQ2H (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Hexagon Socket Head Male Connector: KQ2S (Face seal)
Note) øD is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø5/32
1/16
KQ2S03-33
P 2.78 12 19
16.3 13.6 13.3
4.1
3.6 2.8
7.5
1/8
KQ2S03-34
P 2.78 14 17.3 16.3 11.9 13.3 4.1 3.6 2.8
9.2
ø3/16
1/8
KQ2S05-34
P 3.57 14 19.8 18.8 14.4 13.3 7.8 6.5 2
11.7
ø1/4
1/16
KQ2S07-33
P 2.78 12 19.9 16.3 14.5 13.3 8.4 8.4 2.8
7.1
1/8
KQ2S07-34
P 4.76 14 19.8 18.8 14.4 13.3 13.5 11.5 4.8 10.6
1/4
KQ2S07-35
P 4.76 18 19.8 18.8 11.7 13.3 13.5 11.5 4.8 15.6
3/8
KQ2S07-36
P 4.76 22 19.8 18.8 11.7 13.3 13.5 11.5 4.8 26.4
ø5/16
1/8
KQ2S09-34
P 5.56 13 20.9 19.7 15.5 14.2 17.2 16.2 5.6
8.6
1/4
KQ2S09-35
P 6.35 18 20.7 19.7 12.6 14.2 23.3 16.2 6.4 15.3
3/8
KQ2S09-36
P 6.35 22 20.7 19.7 12.6 14.2 23.3 16.2 6.4 25
ø3/8
1/8
KQ2S11-34
P 5.56 15 23.1 21.1 17.7 15.6 22.7 22.7 5.6 12.1
1/4
KQ2S11-35
P 6.35 18 24.5 21.1 16.4 15.6 29.6 29.1 6.4 19.9
3/8
KQ2S11-36
P 6.35 22 22.1 21.1 14
15.6 29.6 29.1 6.4
26.8
1/2
KQ2S11-37
P 6.35 26 22.1 21.1 11.7 15.6 29.6 29.1 6.4 42.8
ø1/2
1/4
KQ2S13-35
P 8
19
31.2 22.5 23.1 17
48
48
8.1
23.9
3/8
KQ2S13-36
P 9.53 22 26.2 22.5 18.1 17
66
51.7 9.6
30.2
1/2
KQ2S13-37
P 9.53 26 25.6 22.5 15.2 17
66
51.7 9.6
43.6
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2H01-33
P 11.11 6.7 16.8 11.4 13.3
3
2.5
2.5
14.9
1/8
KQ2H01-34
P 12.7
6.7 14.3
8.9 13.3
3
2.5
2.5
8.7
1/4
KQ2H01-35
P 17.46 6.7 15.6
7.5 13.3
3.4
2.9
2.5
16.6
ø5/32
1/16
KQ2H03-33
P 11.11 7.7 19
13.6 13.3
5.6
4
3
13.9
1/8
KQ2H03-34
P 12.7
7.7 16.4 11
13.3
5.6
4
3
7.6
1/4
KQ2H03-35
P 17.46 7.7 15.6
7.5 13.3
5.6
4
3
16
ø3/16
1/8
KQ2H05-34
P 12.7
8.3 16.9 11.5 13.3
7.8
6.5
3.6
7.8
1/4
KQ2H05-35
P 17.46 8.3 15.6
7.5 13.3
7.8
6.5
3.5
15.3
ø1/4
1/16
KQ2H07-33
P 11.11 10
19.9 14.5 13.3 13.5 11.5
3.5
6.4
1/8
KQ2H07-34
P 12.7 10
19.5 14.1 13.3 13.5 11.5
4.6
9.4
1/4
KQ2H07-35
P 17.46 10
15.6
7.5 13.3 13.5 11.5
4.6
13.6
3/8
KQ2H07-36
P 22
10
15.1
7
13.3 13.5 11.5
4.6
22.5
ø5/16
1/8
KQ2H09-34
P 17.46 12.2 21.3 15.9 14.2 26.1 18
6
17.8
1/4
KQ2H09-35
P 17.46 12.2 20.5 12.4 14.2 26.1 18
6
15.7
3/8
KQ2H09-36
P 22
12.2 15.2
7.1 14.2 26.1 18
6
20
ø3/8
1/8
KQ2H11-34
P 17.46 14.1 23.1 17.7 15.6 26
26
6
18.4
1/4
KQ2H11-35
P 17.46 14.1 24.5 16.4 15.6 35.3 29.1 7
19.8
3/8
KQ2H11-36
P 22
14.1 21.7 13.6 15.6 35.3 29.1
7
26.3
1/2
KQ2H11-37
P 28.57 14.1 16.9
6.5 15.6 35.3 29.1
7
36.5
ø1/2
1/4
KQ2H13-35
P 22
17.9 27.1 19
17
58.5 51.7
9
29.7
3/8
KQ2H13-36
P 22
17.9 26.2 18.1 17
66
51.7
9.6
31.8
1/2
KQ2H13-37
P 28.57 17.9 25.8 15.4 17
66
51.7
9.6
52.5
Dimensions
88
Inch Size One-touch Fittings
Series
KQ2
適用チューブ:インチサイズ 接続ねじ:NPT
Applicable Tubing: Inch Size, Connection Thread: NPT


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com