Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 86Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 87Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 88Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 89Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 90Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
Hexagon socket head
male connector
P.88
KQ2S
Male connector
P.88
KQ2H
Universal male elbow
P.90
KQ2V
45° male elbow
P.89
KQ2K
Extended male elbow
P.93
KQ2W
P.91
P.92
P.92
P.91
Branch universal male elbow
KQ2Z
Double branch
universal male elbow
KQ2ZD
Triple branch
universal male elbow
KQ2ZT
Double
universal male elbow
KQ2VD
P.91
Male elbow
P.89
KQ2L
Triple
universal male elbow
KQ2VT
Internal hexagon
socket allows
tightening with a
hexagon wrench in
confined spaces.
Hexagon head of the
body allows tightening
with a box wrench in
confined spaces.
Basically, it is used
together with male
elbow. Different point is
that it is used for fittings
to avoid interfering with
each other by making
the piping multi-level.
Use to pipe a female
thread at a 45° angle.
The model between
the male connector
and male elbow.
Use to pipe a female
thread. Most general
model.
Hexagon head of
the body allows
tightening with a
box wrench. Use for
branch connections.
Use to four-branch
a female thread at
right angles. Two
individual parts
rotate 360°.
Use to six-branch a
female thread at
right angles. Three
individual parts
rotate 360°.
Hexagon socket head
universal male elbow
P.90
KQ2VS
Universal female elbow
P.90
KQ2VF
Hexagon socket on
the top allows
tightening with a
hexagon wrench in
confined spaces.
Use to branch a male
or female thread at a
90° angle. Multiple
connections possible.
Hexagon head of the
body allows tightening
with a box wrench.
Use for branch
connections.
Use to three-branch
a female thread at
right angles. Three
individual parts
rotate 360°.
Use to pipe a female
thread at right angles.
Most general model.
Variations
Inch Size One-touch Fittings
P.93
P.94
KQ2T
Branch “Y”
Male branch tee
KQ2U
P.94
Male run tee
KQ2Y
Use to branch a
female thread at
a 90° angle.
Use to branch a
female thread.
Use to branch a
female thread at
both 90° angles.
87


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com