Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 82Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 83Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 86Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 87Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
øN
ø
D
ø
D
Q
L1
M
2 x
Applicable tubing
H
Connection
thread
2 x
øO
2 x øN
ø
D
2 x Applicable tubing
P
ø
D
Q
Q
H
Connection
thread
Male Delta Union: KQ2D (Face seal)
Note) øD is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Note) øD is maximum diameter.
Branch “Y”: KQ2U (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D L
A M P
Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2U23-01
P 12 7.1 35.7 30.5 13.3 7.1 5.2 6 3.2 3.4 2.9 2.7 9
1/4
KQ2U23-02
P 17 7.1 39.1 31.5 13.3 7.1 5.2 6 3.2 3.4 2.9 2.7 19
ø
4
1/8
KQ2U04-01
P 12 8.2 35.8 30.6 13.3 8.2 5.7 6 3.2 4.2 4.2 3.6 9.3
1/4
KQ2U04-02
P 17 8.2 39.2 31.6 13.3 8.2 5.7 6 3.2 4.2 4.2 3.6 19.2
ø
6
1/8
KQ2U06-01
P 12 10.4 36.9 31.7 13.3 10.4 6.8 6 3.2 13.4 10.6 5.4 9.9
1/4
KQ2U06-02
P 17 10.4 40.3 32.7 13.3 10.4 6.8 6 3.2 13.4 10.6 5.4 19.5
3/8
KQ2U06-03
P 21 10.4 39.8 32.2 13.3 10.4 6.8 6 3.2 13.4 10.6 5.4 27.8
ø
8
1/8
KQ2U08-01
P 14 13.2 40 34.8 14.2 13.2 8.7 8 4.2 25.6 17.7 6 15.8
1/4
KQ2U08-02
P 17 13.2 43.4 35.8 14.2 13.2 8.7 8 4.2 25.6 17.7 7.3 21.4
3/8
KQ2U08-03
P 21 13.2 42.9 35.3 14.2 13.2 8.7 8 4.2 25.6 17.7 7.3 29.8
ø
10
1/4
KQ2U10-02
P 17 15.9 47.3 39.7 15.6 15.9 10.1 8 4.2 40 28.4 9 23.9
3/8
KQ2U10-03
P 21 15.9 46.8 39.2 15.6 15.9 10.1 8 4.2 40 28.4 9.4 31.4
1/2
KQ2U10-04
P 27 15.9 49.1 38.7 15.6 15.9 10.1 8 4.2 40 28.4 9.4 49.5
ø
12
1/4
KQ2U12-02
P 21 18.5 51.3 43.7 17 18.5 11.4 8 4.2 57.4 45.4 9 37.6
3/8
KQ2U12-03
P 21 18.5 50.8 43.2 17 18.5 11.4 8 4.2 57.4 45.4 11 35.2
1/2
KQ2U12-04
P 27 18.5 53.1 42.7 17 18.5 11.4 8 4.2 57.4 45.4 11.6 50.8
ø
16
1/4
KQ2U16-02
P 24 23.8 60.7 53.1 20.6 23.8 14
8
4.2 57.4 45.4 9
68.2
3/8
KQ2U16-03
P 24 23.8 60.2 52.6 20.6 23.8 14
8
4.2 81 60
11
64.7
1/2
KQ2U16-04
P 27 23.8 62.5 52.1 20.6 23.8 14
8
4.2 113 60
13
70
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D L1 L2 A M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2D04-01
P 12 8.2 15.8 22.6 21.5 13.3 5.7 6 3.2 6
6
3.6 9.1
1/4
KQ2D04-02
P 17 8.2 15.8 26 22.5 13.3 5.7 6 3.2 6
6
3.6 19
ø
6
1/8
KQ2D06-01
P 12 10.4 16.8 23.6 23.6 13.3 6.7 6 3.2 13.9 11
5.4 9.7
1/4
KQ2D06-02
P 17 10.4 16.8 27 24.6 13.3 6.7 6 3.2 13.9 11
5.4 19.3
3/8
KQ2D06-03
P 21 10.4 16.8 26.5 24.1 13.3 6.7 6 3.2 13.9 11
5.4 27.6
ø
8
1/8
KQ2D08-01
P 14 13.2 18.8 25.6 27 14.2 8.4 8 4.2 26.3 18.2 6 15.2
1/4
KQ2D08-02
P 17 13.2 18.8 29 28 14.2 8.4 8 4.2 26.3 18.2 7.3 20.9
3/8
KQ2D08-03
P 21 13.2 18.8 28.5 27.5 14.2 8.4 8 4.2 26.3 18.2 7.3 29.3
ø
10
1/4
KQ2D10-02
P 17 15.9 21.2 31.4 31.7 15.6 9.6 8 4.2 40.8 29
9
23.2
3/8
KQ2D10-03
P 21 15.9 21.2 30.9 31.2 15.6 9.6 8 4.2 40.8 29
9.4 30.7
1/2
KQ2D10-04
P 27 15.9 21.2 33.2 30.7 15.6 9.6 8 4.2 40.8 29
9.4 48.8
ø
12
1/4
KQ2D12-02
P 21 18.5 23.6 33.8 35.4 17 10.7 8 4.2 57.2 45.2 9 36.6
3/8
KQ2D12-03
P 21 18.5 23.6 33.3 34.9 17 10.7 8 4.2 57.2 45.2 11 34.3
1/2
KQ2D12-04
P 27 18.5 23.6 35.6 34.4 17 10.7 8 4.2 57.2 45.2 11.6 49.8
New
New
83
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com