Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 82Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 83Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 86Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
ø
D2
Connection
thread
H
L1
M
M
L1
2 x Applicable tubing
ø
D2
ø
D1
2 x Applicable tubing
L1
M
H
Connection
thread
Male Branch Tee: KQ2T (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
Male Run Tee: KQ2Y (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2Y23-01
P 12 7.1 10 14.9 15.9 14.9 25.6 13.3 3.4 2.9 2.5 5.7
1/4
KQ2Y23-02
P 17 7.1 10 14.9 19.3 14.9 26.6 13.3 3.4 2.9 2.5 14.9
ø
4
1/8
KQ2Y04-01
P 12 8.2 10 15.3 15.5 15.3 25.6 13.3 6.4 4.4 3
6
1/4
KQ2Y04-02
P 17 8.2 10 15.3 19.9 15.3 27.6 13.3 6.4 4.4 3 15.2
ø
6
1/8
KQ2Y06-01
P 12 10.4 10 16.3 16.6 16.3 27.7 13.3 13.4 10.6 4.5 6.7
1/4
KQ2Y06-02
P 17 10.4 10 16.3 21 16.3 29.7 13.3 13.4 10.6 4.5 16
3/8
KQ2Y06-03
P 21 10.4 10 16.3 23 16.3 31.7 13.3 13.4 10.6 4.5 31.2
ø
8
1/8
KQ2Y08-01
P 12 13.2 10 18.2 18 18.2 31 14.2 13.4 13.4 4.5 8.4
1/4
KQ2Y08-02
P 17 13.2 12 18.2 22.4 18.2 33 14.2 25.6 17.7 6 15.6
3/8
KQ2Y08-03
P 21 13.2 12 18.2 24.4 18.2 35 14.2 25.6 17.7 6 30.5
ø
10
1/8
KQ2Y10-01
P 12 15.9 12 20.6 22.1 20.6 37.5 15.6 40 28.4 6 13
1/4
KQ2Y10-02
P 17 15.9 17 20.6 25.6 20.6 38.6 15.6 40 28.4 7.5 20.7
3/8
KQ2Y10-03
P 21 15.9 17 20.6 25.7 20.6 38.7 15.6 40 28.4 7.5 20.6
1/2
KQ2Y10-04
P 27 15.9 17 20.6 30.5 20.6 40.7 15.6 40 28.4 7.5 47.9
ø
12
1/4
KQ2Y12-02
P 17 18.5 17 23 26.9 23 42.3 17
57.4 45.4 9
23.8
3/8
KQ2Y12-03
P 21 18.5 17 23 27 23 42.4 17
57.4 45.4 9
23.8
1/2
KQ2Y12-04
P 27 18.5 17 23 31.8 23 44.4 17
57.4 45.4 9
51.1
ø
16
1/4
KQ2Y16-02
P 17 23.8 17 28.6 29.6 28.6 50.6 20.6 57.4 45.4 9 32.2
3/8
KQ2Y16-03
P 21 23.8 21 28.6 32.7 28.6 53.7 20.6 81 60 11 41.3
1/2
KQ2Y16-04
P 27 23.8 21 28.6 34.7 28.6 52.9 20.6 113 60 13 67.3
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2T23-01
P 12
7.1 10 14.5 15.9 14.3 13.3
3.4 2.9
2.5
5.7
1/4
KQ2T23-02
P 17
7.1 10 14.5 19.3 15.3 13.3
3.4 2.9
2.5 14.9
ø
4
1/8
KQ2T04-01
P 12
8.2 10 14.8 15.5 14.4 13.3
6
4.1
3
5.9
1/4
KQ2T04-02
P 17
8.2 10 14.8 19.9 16.4 13.3
6
4.1
3
15.2
ø
6
1/8
KQ2T06-01
P 12 10.4 10 15.5 16.6 16.6 13.3 13.9 11
4.5
6.6
1/4
KQ2T06-02
P 17 10.4 10 15.5 21
18.6 13.3 13.9 11
4.5 15.9
3/8
KQ2T06-03
P 21 10.4 10 15.5 23
20.6 13.3 13.9 11
4.5 31.1
ø
8
1/8
KQ2T08-01
P 12 13.2 10 16.4 18
19.4 14.2 14
14
4.5
8.3
1/4
KQ2T08-02
P 17 13.2 12 17.2 22.4 21.4 14.2 26.3 18.2 6
15.5
3/8
KQ2T08-03
P 21 13.2 12 17.2 24.4 23.4 14.2 26.3 18.2 6
30.4
ø
10
1/8
KQ2T10-01
P 12 15.9 12 18.6 22.1 24.9 15.6 21.6 14.9 6
12.9
1/4
KQ2T10-02
P 17 15.9 17 19.3 25.6 26
15.6 35.2 25
7.5 20.5
3/8
KQ2T10-03
P 21 15.9 17 19.3 25.7 26.1 15.6 35.2 25
7.5 20.4
1/2
KQ2T10-04
P 27 15.9 17 19.3 30.5 28.1 15.6 35.2 25
7.5 47.7
ø
12
1/4
KQ2T12-02
P 17 18.5 17 21.5 26.9 28.6 17
57.2 45.2
9
23.5
3/8
KQ2T12-03
P 21 18.5 17 21.5 27
28.7 17
57.2 45.2
9
23.6
1/2
KQ2T12-04
P 27 18.5 17 21.5 31.8 30.7 17
57.2 45.2
9
50.8
ø
16
1/4
KQ2T16-02
P 17 23.8 17 25.1 29.6 33.9 20.6 57.2 57.2 9
31.7
3/8
KQ2T16-03
P 21 23.8 21 27.1 32.7 37
20.6 71
58.9 11
40.8
1/2
KQ2T16-04
P 27 23.8 21 27.1 34.7 36.2 20.6 100 58.9 13
66.8
New
New
New
New
82
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com