Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 82Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 83Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
P2
M
L1
6 x Applicable tubing
H
ø
D2
Connection thread
ø
D2
H
Connection
thread
Applicable tubing
M
L1
Triple Branch Universal Male Elbow: KQ2ZT (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Extended Male Elbow: KQ2W (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2W23-01
P 12
7.1 10 14.5 29.6 28
13.3
2.8 2.4
2.5 15.3
1/4
KQ2W23-02
P 17
7.1 10 14.5 31
27
13.3
2.8 2.4
2.5 34.6
ø
4
1/8
KQ2W04-01
P 12
8.2 10 14.8 29.2 28.1 13.3
4
4
3
15.5
1/4
KQ2W04-02
P 17
8.2 10 14.8 31.5 28
13.3
4
4
3
34.9
ø
6
1/8
KQ2W06-01
P 12 10.4 10 15.5 30.3 30.3 13.3 10.9 8.6 4.5 15.9
1/4
KQ2W06-02
P 17 10.4 10 15.5 32.6 30.2 13.3 10.9 8.6 4.5 35.3
3/8
KQ2W06-03
P 21 10.4 10 15.5 34.6 32.2 13.3 10.9 8.6 4.5 62.8
ø
8
1/8
KQ2W08-01
P 12 13.2 10 16.4 31.7 33.1 14.2 10.9 10.9 4.5 16.7
1/4
KQ2W08-02
P 17 13.2 12 17.2 36.1 35.1 14.2 20.5 14.2 6
35.4
3/8
KQ2W08-03
P 21 13.2 12 17.2 38.1 37.1 14.2 20.5 14.2 6
64.7
ø
10
1/4
KQ2W10-02
P 17 15.9 17 19.3 50.1 50.5 15.6 33.5 23.8 7.5 54.3
3/8
KQ2W10-03
P 21 15.9 17 19.3 44.7 45.1 15.6 33.5 23.8 7.5 57.8
1/2
KQ2W10-04
P 27 15.9 17 19.3 49.5 47.1 15.6 33.5 23.8 7.5 122.8
ø
12
1/4
KQ2W12-02
P 17 18.5 17 21.5 51.4 53.1 17
47.7 37.7
9
56
3/8
KQ2W12-03
P 21 18.5 17 21.5 46
47.7 17
47.7 37.7
9
59.7
1/2
KQ2W12-04
P 27 18.5 17 21.5 50.8 49.7 17
47.7 37.7
9
124.6
ø
16
1/4
KQ2W16-02
P 17 23.8 17 25.1 54.1 58.4 20.6 47.7 47.7 9
60.4
3/8
KQ2W16-03
P 22 23.8 21 27.1 57
61.3 20.6 71
58.9 11
89.1
1/2
KQ2W16-04
P 27 23.8 21 27.1 59
60.5 20.6 100
58.9 13
155.9
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2ZT04-01
P 14 8.2 13.4 18.5 17.6 53.8 48.6 13.3 13.4 8.2 4.7 4.7 3
29.9
1/4
KQ2ZT04-02
P 17 8.2 13.4 18.5 21 57.2 49.6 13.3 13.4 8.2 4.7 4.7 3
39.2
3/8
KQ2ZT04-03
P 21 8.2 13.4 18.5 23 59.2 51.6 13.3 13.4 8.2 4.7 4.7 3
56.8
ø
6
1/8
KQ2ZT06-01
P 14 10.4 13.4 18.4 17.6 53.8 48.6 13.3 13.4 10.4 10.8 8.6 4.5 31.8
1/4
KQ2ZT06-02
P 17 10.4 13.4 18.4 21 57.2 49.6 13.3 13.4 10.4 10.8 8.6 4.5 41.1
3/8
KQ2ZT06-03
P 21 10.4 13.4 18.4 23 59.2 51.6 13.3 13.4 10.4 10.8 8.6 4.5 58.7
ø
8
1/8
KQ2ZT08-01
P 19 13.2 17.6 21.2 21 63.8 58.6 14.2 15.9 13.2 20.5 14.2 6
72.5
1/4
KQ2ZT08-02
P 19 13.2 17.6 21.2 23.4 66.2 58.6 14.2 15.9 13.2 20.5 14.2 6
66.3
3/8
KQ2ZT08-03
P 21 13.2 17.6 21.2 24.4 67.2 59.6 14.2 15.9 13.2 20.5 14.2 6
78.2
1/2
KQ2ZT08-04
P 27 13.2 17.6 21.2 29.2 72 61.6 14.2 15.9 13.2 20.5 14.2 6 118.3
ø
10
1/4
KQ2ZT10-02
P 21 15.9 20.6 23.6 25.8 77 69.4 15.6 19.2 15.9 31.8 21.6 7.5 98.5
3/8
KQ2ZT10-03
P 21 15.9 20.6 23.6 25.8 77 69.4 15.6 19.2 15.9 31.8 21.6 7.5 95.3
1/2
KQ2ZT10-04
P 27 15.9 20.6 23.6 30.6 81.8 71.4 15.6 19.2 15.9 31.8 21.6 7.5 134.3
ø
12
1/4
KQ2ZT12-02
P 26 18.5 25.2 26.8 29.1 86.7 79.1 17 21.6 18.5 44.6 35.3 9 171.5
3/8
KQ2ZT12-03
P 26 18.5 25.2 26.8 29.1 86.7 79.1 17 21.6 18.5 44.6 35.3 9 158.3
1/2
KQ2ZT12-04
P 27 18.5 25.2 26.8 31.9 89.5 79.1 17 21.6 18.5 44.6 35.3 9 168.3
New
New
81
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com