Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 77Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 82Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 83Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
L1
M
P
ø
D2
2 x Applicable tubing
Connection
thread
H
L1
M
Applicable tubing
Connection
thread
ø
D2
H
Connection
thread
Rc
P
H
Connection thread
P2
M
L1
4 x Applicable tubing
ø
D2
Branch Universal Male Elbow: KQ2Z (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
/A: Brass, N: Brass + Electroless nickel plated
Branch Universal Female Elbow: KQ2ZF (Face seal)
Note) øD1 is maximum diameter.
Double Branch Universal Male Elbow: KQ2ZD (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2ZD04-01
P 14 8.2 13.4 18.5 17.6 40.3 35.1 13.3 13.4 8.2 4.7 4.7 3
23.6
1/4
KQ2ZD04-02
P 17 8.2 13.4 18.5 21 43.7 36.1 13.3 13.4 8.2 4.7 4.7 3
32.8
3/8
KQ2ZD04-03
P 21 8.2 13.4 18.5 23 45.7 38.1 13.3 13.4 8.2 4.7 4.7 3
50.3
ø
6
1/8
KQ2ZD06-01
P 14 10.4 13.4 18.4 17.6 40.3 35.1 13.3 13.4 10.4 10.8 8.6 4.5 24.8
1/4
KQ2ZD06-02
P 17 10.4 13.4 18.4 21 43.7 36.1 13.3 13.4 10.4 10.8 8.6 4.5 34
3/8
KQ2ZD06-03
P 21 10.4 13.4 18.4 23 45.7 38.1 13.3 13.4 10.4 10.8 8.6 4.5 51.6
ø
8
1/8
KQ2ZD08-01
P 19 13.2 17.6 21.2 21 47.8 42.6 14.2 15.9 13.2 20.5 14.2 6
56.1
1/4
KQ2ZD08-02
P 19 13.2 17.6 21.2 23.4 50.2 42.6 14.2 15.9 13.2 20.5 14.2 6
52.2
3/8
KQ2ZD08-03
P 21 13.2 17.6 21.2 24.4 51.2 43.6 14.2 15.9 13.2 20.5 14.2 6
64.1
1/2
KQ2ZD08-04
P 27 13.2 17.6 21.2 29.2 56 45.6 14.2 15.9 13.2 20.5 14.2 6 104.1
ø
10
1/4
KQ2ZD10-02
P 21 15.9 20.6 23.6 25.8 57.7 50.1 15.6 19.2 15.9 31.8 21.6 7.5 76.5
3/8
KQ2ZD10-03
P 21 15.9 20.6 23.6 25.8 57.7 50.1 15.6 19.2 15.9 31.8 21.6 7.5 75.3
1/2
KQ2ZD10-04
P 27 15.9 20.6 23.6 30.6 62.5 52.1 15.6 19.2 15.9 31.8 21.6 7.5 114
ø
12
1/4
KQ2ZD12-02
P 26 18.5 25.2 26.8 29.1 65 57.4 17 21.6 18.5 44.6 35.3 9 134.4
3/8
KQ2ZD12-03
P 26 18.5 25.2 26.8 29.1 65 57.4 17 21.6 18.5 44.6 35.3 9 126
1/2
KQ2ZD12-04
P 27 18.5 25.2 26.8 31.9 67.8 57.4 17 21.6 18.5 44.6 35.3 9 137.4
Applicable
tubing O.D.
(mm)
Connection
thread
R, Rc
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2ZF04-01
P 17 8.2 17 20.5 14.1 28.6 23.4 13.3 8.2 4.7 4.7 3
29.3
ø
6
1/8
KQ2ZF06-01
P 17 10.4 17 20.5 14.1 28.6 23.4 13.3 10.4 10.8 8.6 4.5 29.9
1/4
KQ2ZF06-02
P 22 10.4 21.7 22.5 17.6 36.4 28.8 13.3 10.4 10.8 8.6 4.5 61.3
ø
8
1/8
KQ2ZF08-01
P 17 13.2 17.6 21.2 14.8 29.3 24.1 14.2 13.2 20.5 14.2 6
28.9
1/4
KQ2ZF08-02
P 22 13.2 21.4 23.3 17.8 36.4 28.8 14.2 13.2 20.5 14.2 6
62.8
ø
10
1/4
KQ2ZF10-02
P 22 15.9 22.6 24.6 18.8 38.7 31.1 15.6 15.9 31.8 22.6 7.5 63.8
3/8
KQ2ZF10-03
P 27 15.9 26.6 26.9 21.4 42.2 34.6 15.6 15.9 31.8 22.6 7.5 93
ø
12
3/8
KQ2ZF12-03
P 27 18.5 26.6 28.1 20.9 42.2 34.6 17 18.5 44.6 35.3 9
96
1/2
KQ2ZF12-04
P 30 18.5 31.6 32 22.3 47.2 36.8 17 18.5 44.6 35.3 9 148.8
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2Z04-01
P 8 8.2 13.4 18.5 12.7 24.6 19.4 13.3 8.2 4.7 4.7 3 13.4
ø
6
1/8
KQ2Z06-01
P 8 10.4 13.4 18.4 12.7 24.6 19.4 13.3 10.4 10.8 8.6 4.5 14
1/4
KQ2Z06-02
P 14 10.4 20.6 21.5 17.3 33.1 25.5 13.3 10.4 10.8 8.6 4.5 35.4
3/8
KQ2Z06-03
P 14 10.4 20.6 21.5 17.4 33.2 25.6 13.3 10.4 10.8 8.6 4.5 42.3
ø
8
1/8
KQ2Z08-01
P 12 13.2 17.6 21.2 14.1 26.6 21.4 14.2 13.2 20.5 14.2 6 24.5
1/4
KQ2Z08-02
P 12 13.2 17.6 21.2 16.7 29.2 21.6 14.2 13.2 20.5 14.2 6 28.9
3/8
KQ2Z08-03
P 14 13.2 20.6 22.3 17.4 33.2 25.6 14.2 13.2 20.5 14.2 6 44
ø
10
1/4
KQ2Z10-02
P 14 15.9 21.6 23.6 18.1 33.1 25.5 15.6 15.9 31.8 22.6 7.5 40
3/8
KQ2Z10-03
P 14 15.9 21.6 23.6 18.2 33.2 25.6 15.6 15.9 31.8 22.6 7.5 46.9
ø
12
3/8
KQ2Z12-03
P 17 18.5 24.1 26.9 19.1 35.5 27.9 17 18.5 44.6 35.3 9 60.5
1/2
KQ2Z12-04
P 17 18.5 24.1 26.9 22.4 38.8 28.4 17 18.5 44.6 35.3 9 76
80
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com