Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 76Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 77Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 82Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 83Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 120 page
background image
L1
M
Connection
thread Rc
H
ø
D2
Connection
thread
Applicable tubing
M
L1
H
Connection
thread
ø
D2
3 x Applicable tubing
M
L1
ø
D2
H
Connection
thread
2 x Applicable tubing
Note) øD1 is maximum diameter.
Universal Female Elbow: KQ2VF (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
/A: Brass, N: Brass + Electroless nickel plated
Triple Universal Male Elbow: KQ2VT (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Double Universal Male Elbow: KQ2VD (Face seal)
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2VD04-01
P 14 8.2 13.4 19.3 17.6 40.3 35.1 13.3 13.4 2.9 2.9 3
22
1/4
KQ2VD04-02
P 17 8.2 13.4 19.3 21 43.7 36.1 13.3 13.4 2.9 2.9 3
31.2
3/8
KQ2VD04-03
P 21 8.2 13.4 19.3 23 45.7 38.1 13.3 13.4 2.9 2.9 3
48.7
ø
6
1/8
KQ2VD06-01
P 14 10.4 13.4 20.5 17.6 40.3 35.1 13.3 13.4 7.5 5.9 4.5 22.6
1/4
KQ2VD06-02
P 17 10.4 13.4 20.5 21 43.7 36.1 13.3 13.4 7.5 5.9 4.5 31.8
3/8
KQ2VD06-03
P 21 10.4 13.4 20.5 23 45.7 38.1 13.3 13.4 7.5 5.9 4.5 49.3
ø
8
1/8
KQ2VD08-01
P 19 13.2 17.6 23.7 21 47.8 42.6 14.2 15.9 16 11.2 6
52.4
1/4
KQ2VD08-02
P 19 13.2 17.6 23.7 23.4 50.2 42.6 14.2 15.9 16 11.2 6
48.6
3/8
KQ2VD08-03
P 21 13.2 17.6 23.7 24.4 51.2 43.6 14.2 15.9 16 11.2 6
60.4
1/2
KQ2VD08-04
P 27 13.2 17.6 23.7 29.2 56 45.6 14.2 15.9 16 11.2 6 100.4
ø
10
1/4
KQ2VD10-02
P 21 15.9 20.6 25.7 25.8 57.7 50.1 15.6 19.2 27 20.3 7.5 70.6
3/8
KQ2VD10-03
P 21 15.9 20.6 25.7 25.8 57.7 50.1 15.6 19.2 27 20.3 7.5 69.5
1/2
KQ2VD10-04
P 27 15.9 20.6 25.7 30.6 62.5 52.1 15.6 19.2 27 20.3 7.5 108.2
ø
12
1/4
KQ2VD12-02
P 26 18.5 25.2 28.9 29.1 65 57.4 17 21.6 39 30.8 9 125.8
3/8
KQ2VD12-03
P 26 18.5 25.2 28.9 29.1 65 57.4 17 21.6 39 30.8 9 117.4
1/2
KQ2VD12-04
P 27 18.5 25.2 28.9 31.9 67.8 57.4 17 21.6 39 30.8 9 128.8
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2VT04-01
P 14 8.2 13.4 19.3 17.6 53.8 48.6 13.3 13.4 2.9 2.9 3
27.5
1/4
KQ2VT04-02
P 17 8.2 13.4 19.3 21 57.2 49.6 13.3 13.4 2.9 2.9 3
36.8
3/8
KQ2VT04-03
P 21 8.2 13.4 19.3 23 59.2 51.6 13.3 13.4 2.9 2.9 3
54.4
ø
6
1/8
KQ2VT06-01
P 14 10.4 13.4 20.5 17.6 53.8 48.6 13.3 13.4 7.5 5.9 4.5 28.5
1/4
KQ2VT06-02
P 17 10.4 13.4 20.5 21 57.2 49.6 13.3 13.4 7.5 5.9 4.5 37.8
3/8
KQ2VT06-03
P 21 10.4 13.4 20.5 23 59.2 51.6 13.3 13.4 7.5 5.9 4.5 55.4
ø
8
1/8
KQ2VT08-01
P 19 13.2 17.6 23.7 21 63.8 58.6 14.2 15.9 16 11.2 6
67
1/4
KQ2VT08-02
P 19 13.2 17.6 23.7 23.4 66.2 58.6 14.2 15.9 16 11.2 6
60.8
3/8
KQ2VT08-03
P 21 13.2 17.6 23.7 24.4 67.2 59.6 14.2 15.9 16 11.2 6
72.7
1/2
KQ2VT08-04
P 27 13.2 17.6 23.7 29.2 72 61.6 14.2 15.9 16 11.2 6 112.8
ø
10
1/4
KQ2VT10-02
P 21 15.9 20.6 25.7 25.8 77 69.4 15.6 19.2 27 20.3 7.5 89.7
3/8
KQ2VT10-03
P 21 15.9 20.6 25.7 25.8 77 69.4 15.6 19.2 27 20.3 7.5 86.5
1/2
KQ2VT10-04
P 27 15.9 20.6 25.7 30.6 81.8 71.4 15.6 19.2 27 20.3 7.5 125.5
ø
12
1/4
KQ2VT12-02
P 26 18.5 25.2 28.9 29.1 86.7 79.1 17 21.6 39 30.8 9 158.6
3/8
KQ2VT12-03
P 26 18.5 25.2 28.9 29.1 86.7 79.1 17 21.6 39 30.8 9 145.4
1/2
KQ2VT12-04
P 27 18.5 25.2 28.9 31.9 89.5 79.1 17 21.6 39 30.8 9 155.4
Applicable
tubing O.D.
(mm)
Connection
thread
R, Rc
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2VF04-01
P 17 8.2 17 21.2 14.1 28.6 23.4 13.3 2.9 2.9 3
28.5
ø
6
1/8
KQ2VF06-01
P 17 10.4 17 22.4 14.1 28.6 23.4 13.3 7.5 5.9 4.5 28.9
1/4
KQ2VF06-02
P 22 10.4 21.7 23.2 17.6 36.4 28.8 13.3 7.5 5.9 4.5 60.3
ø
8
1/8
KQ2VF08-01
P 17 13.2 17.6 23.5 14.8 29.3 24.1 14.2 16 11.2 6
27.2
1/4
KQ2VF08-02
P 22 13.2 21.6 25.1 17.8 36.4 28.8 14.2 16 11.2 6
61.2
3/8
KQ2VF08-03
P 27 13.2 27.7 26.2 22.2 42.2 34.6 14.2 16 11.2 6
90.2
ø
10
1/4
KQ2VF10-02
P 22 15.9 22.6 26.9 18.8 38.7 31.1 15.6 27 20.3 7.5 61
3/8
KQ2VF10-03
P 27 15.9 26.6 27.6 21.4 42.2 34.6 15.6 27 20.3 7.5 90
ø
12
3/8
KQ2VF12-03
P 27 18.5 26.6 29.9 20.9 42.2 34.6 17 39 30.8 9
91.6
1/2
KQ2VF12-04
P 30 18.5 31.6 32.1 22.3 47.2 36.8 17 39 30.8 9 144.1
79
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com