Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 76Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 77Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
ø
D2
M
L1
Connection
thread
H
Applicable tubing
øN
Q1
L1
M
H
Connection
thread
2 x Applicable tubing
ø
D
Male Elbow: KQ2L (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Male Branch Connector: KQ2LU (Face seal)
Note) øD is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D L1 L2 L3 A M P O N Q1 Q2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2LU04-01
P 12 8.2 15.8 22.6 26.7 21.5 13.3 8.2 6 3.2 15.8 7.9 6
4.1 3
9.5
1/4
KQ2LU04-02
P 17 8.2 15.8 26 30.1 22.5 13.3 8.2 6 3.2 15.8 7.9 6
4.1 3
19.4
ø
6
1/8
KQ2LU06-01
P 12 10.4 16.5 23.3 28.5 23.3 13.3 10.4 6 3.2 16.5 10 13.9 11 4.5 10.2
1/4
KQ2LU06-02
P 17 10.4 16.5 26.7 31.9 24.3 13.3 10.4 6 3.2 16.5 10 13.9 11 4.5 19.8
3/8
KQ2LU06-03
P 21 10.4 16.5 26.2 31.4 23.8 13.3 10.4 6 3.2 16.5 10 13.9 11 4.5 28.1
ø
8
1/8
KQ2LU08-01
P 14 13.2 18.2 25 31.6 26.4 14.2 13.2 8 4.2 18.2 13.1 26.3 18.2 6
16.4
1/4
KQ2LU08-02
P 17 13.2 18.2 28.4 35 27.4 14.2 13.2 8 4.2 18.2 13.1 26.3 18.2 6
22
3/8
KQ2LU08-03
P 21 13.2 18.2 27.9 34.5 26.9 14.2 13.2 8 4.2 18.2 13.1 26.3 18.2 6
30.4
ø
10
1/4
KQ2LU10-02
P 17 15.9 20.3 30.5 38.5 30.9 15.6 15.9 8 4.2 20.3 15.9 40.8 29 7.5 24.9
3/8
KQ2LU10-03
P 21 15.9 20.3 30 38 30.4 15.6 15.9 8 4.2 20.3 15.9 40.8 29 7.5 32.4
1/2
KQ2LU10-04
P 27 15.9 20.3 32.3 40.3 29.9 15.6 15.9 8 4.2 20.3 15.9 40.8 29 7.5 50.5
ø
12
1/4
KQ2LU12-02
P 21 18.5 22.5 32.7 41.9 34.3 17 18.5 8 4.2 22.5 17.9 57.2 45.2 9
39.3
3/8
KQ2LU12-03
P 21 18.5 22.5 32.2 41.4 33.8 17 18.5 8 4.2 22.5 17.9 57.2 45.2 9
37
1/2
KQ2LU12-04
P 27 18.5 22.5 34.5 43.7 33.3 17 18.5 8 4.2 22.5 17.9 57.2 45.2 9
52.5
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2L23-01
P 12
7.1
10 14.5 16
14.3 13.3
3
2.5
2.5
5.1
1/4
KQ2L23-02
P 17
7.1
10 14.5 19.4 15.3 13.3
3
2.5
2.5 14.3
ø
4
1/8
KQ2L04-01
P 12
8.2
10 14.8 15.5 14.4 13.3
4.2 4.2
3
5.2
1/4
KQ2L04-02
P 17
8.2
10 14.8 19.9 16.4 13.3
4.2 4.2
3
14.5
ø
6
1/8
KQ2L06-01
P 12 10.4 10 15.5 16.6 16.6 13.3 11.4 9
4.5
5.7
1/4
KQ2L06-02
P 17 10.4 10 15.5 21
18.6 13.3 11.4 9
4.5 15
3/8
KQ2L06-03
P 21 10.4 10 15.5 23
20.6 13.3 11.4 9
4.5 30.2
ø
8
1/8
KQ2L08-01
P 12 13.2 10 16.4 18
19.4 14.2 11.4 11.4
4.5
6.5
1/4
KQ2L08-02
P 17 13.2 12 17.2 22.4 21.4 14.2 21.6 14.9 6
13.7
3/8
KQ2L08-03
P 21 13.2 12 17.2 24.4 23.4 14.2 21.6 14.9 6
28.7
ø
10
1/8
KQ2L10-01
P 12 15.9 12 18.6 22.2 24.9 15.6 21.6 14.9 6
10.1
1/4
KQ2L10-02
P 17 15.9 17 19.3 25.7 26.0 15.6 35.2 25
7.5 17.9
3/8
KQ2L10-03
P 21 15.9 17 19.3 25.8 26.1 15.6 35.2 25
7.5 17.8
1/2
KQ2L10-04
P 27 15.9 17 19.3 30.6 28.1 15.6 35.2 25
7.5 45.1
ø
12
1/4
KQ2L12-02
P 17 18.5 17 21.5 27
28.6 17
50.2 39.7
9
19.6
3/8
KQ2L12-03
P 21 18.5 17 21.5 27.1 28.7 17
50.2 39.7
9
19.7
1/2
KQ2L12-04
P 27 18.5 17 21.5 31.9 30.7 17
50.2 39.7
9
47
ø
16
1/4
KQ2L16-02
P 17 23.8 17 25.1 29.6 33.9 20.6 50.2 50.2 9
24
3/8
KQ2L16-03
P 21 23.8 21 27.1 32.7 37.0 20.6 71 58.9 11
33.8
1/2
KQ2L16-04
P 27 23.8 21 27.1 34.7 36.2 20.6 100 58.9 13
59.9
New
New
77
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com