Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 76Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 77Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
Applicable tubing
ø
D
Connection
thread
H
ø
D
Applicable tubing
Connection
thread
H
Male Connector: KQ2H (Face seal)
/A: Brass, N: Brass + Electroless nickel plated
Hexagon Socket Head Male Connector: KQ2S (Face seal)
Note) øD is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2S04-01
P
3
13
20.6 19.6 15.4 13.3
4.1 3.6
3.1 11.6
ø
6
1/8
KQ2S06-01
P
4
13
19.8 18.8 14.6 13.3 10
10
4
9.6
1/4
KQ2S06-02
P
4
18
19.8 18.8 12.2 13.3 10.7 10
4.1 16.3
ø
8
1/8
KQ2S08-01
P
5
13
21.2 19.7 16
14.2 17.2 16.2
5.1
9
1/4
KQ2S08-02
P
6
18
20.4 19.5 12.8 14.2 23.3 16.2
6.1 15.5
3/8
KQ2S08-03
P
6
22
20.7 19.7 13.1 14.2 23.3 16.2
6.1 26.3
ø
10
1/8
KQ2S10-01
P
5
18
23
21.1 17.8 15.6 17.2 16.2
5.1 17.8
1/4
KQ2S10-02
P
8
18
28.8 20.1 21.2 15.6 39
26.6
8.1 19.2
3/8
KQ2S10-03
P
8
22
21.1 20.1 13.5 15.6 39
26.6
8.1 23.4
1/2
KQ2S10-04
P
8
26
21.1 20.1 10.7 15.6 39
26.6
8.1 40.6
ø
12
1/4
KQ2S12-02
P
8
18
30.2 21.5 22.6 17
46
44.5
8.1 24.3
3/8
KQ2S12-03
P 10
22
25.1 21.8 17.5 17
60
44.5 10.1 28.2
1/2
KQ2S12-04
P 10
26
25.2 21.8 14.8 17
60
44.5 10.1 40.7
ø
16
1/4
KQ2S16-02
P
8
23
30.6 25.1 23
20.6 44
44
8.1 35.1
3/8
KQ2S16-03
P 10
22
30.6 25.4 23
20.6 81
67
10.1 27.9
1/2
KQ2S16-04
P 12
26
32.1 26.1 21.7 20.6 113
67
12.1 48.2
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2H23-01
P 12
6.7 14.1
8.9 13.3
3
2.9
2.5
6.3
1/4
KQ2H23-02
P 17
6.7 15
7.4 13.3
3.4
2.9
2.5 15.1
ø
4
1/8
KQ2H04-01
P 12
7.7 16.4 11.2 13.3
5.6
4
3
6.9
1/4
KQ2H04-02
P 17
7.7 15
7.4 13.3
5.6
4
3
14.5
ø
6
1/8
KQ2H06-01
P 12
9.7 17.2 12
13.3
13.1 10.4
4.5
6.5
1/4
KQ2H06-02
P 17
9.7 14
6.4 13.3
13.1 10.4
4.5 10.6
3/8
KQ2H06-03
P 21
9.7 15.2
7.6 13.3
13.1 10.4
4.5 22.8
ø
8
1/8
KQ2H08-01
P 14
12.2 21.1 15.9 14.2
26.1 18
6
11.8
1/4
KQ2H08-02
P 17
12.2 19.9 12.3 14.2
26.1 18
6
13.9
3/8
KQ2H08-03
P 21
12.2 15.2
7.6 14.2
26.1 18
6
19.6
ø
10
1/8
KQ2H10-01
P 17
14.6 22.9 17.7 15.6
26.1 26.1
6
16.3
1/4
KQ2H10-02
P 17
14.6 24.4 16.8 15.6
41.5 29.5
7.5 17.9
3/8
KQ2H10-03
P 21
14.6 21.2 13.6 15.6
41.5 29.5
7.5 23.7
1/2
KQ2H10-04
P 27
14.6 18.8
8.4 15.6
41.5 29.5
7.5 40.9
ø
12
1/4
KQ2H12-02
P 19
17
26.6 19
17
58.3 46.1
9
22
3/8
KQ2H12-03
P 21
17
25.1 17.5 17
58.3 46.1
9
28.6
1/2
KQ2H12-04
P 27
17
25.1 14.7 17
58.3 46.1
9
45
ø
16
1/4
KQ2H16-02
P 24
21.8 30.6 23
20.6
58.3 46.1
9
42.5
3/8
KQ2H16-03
P 24
21.8 30.6 23
20.6
81
67
11
39.2
1/2
KQ2H16-04
P 27
21.8 32.1 21.7 20.6 113
67
13
55
New
New
New
New
76
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com