Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 76Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 77Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
Face seal
Applicable Tubing
Specifications
Principal Parts Material
Suitable for use with nylon and
urethane. Large retaining force.
The chuck provides secure retention and
the collet increases the holding force on
the tube.
Can be used for a wide range of
pressures from a low vacuum
up to a pressure of 1 MPa.
The use of a special profile ensures
sealing and reduces resistance when
the tube is inserted.
Requires little force for
removal.
Releases the chuck collet to remove
the tube as well as to prevent the
chuck from biting too deeply into the
tubing.
Effective when piping in a
confined space.
Body part rotates allowing for
positioning.
Face seal method
Seal
Stud
Release button
O-ring
Body
Piping installability is improved by
changing to the face seal structure.
Seal ring
Chuck
Guide
Note 1) The surge pressure must be under the maximum operating pressure.
Note 2) Do not use the fittings with a leak tester or for vacuum retention because they are not guaranteed for
zero leakage.
One-touch IN/OUT
connection.
Possible to use in
vacuum to −100 kPa
New thread for piping that
drastically reduced the
screw-in time thanks to
the face seal method.
R, Rc
Connection thread
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: R, Rc
Fluid
Air/Water Note 1)
Operating pressure range Note 2)
−100 kPa to 1 MPa
Proof pressure (at 23°C)
3 MPa
Ambient and fluid temperature
−5 to 60°C, Water: 0 to 40°C
(No freezing)
Thread
Mounting section
JIS B0203 (Taper thread for piping)
JIS B0205 (Metric coarse thread)
Nut section
JIS B0205 (Metric fine thread)
Sealant on the threads
Seal ring
Body
C3604, PBT, PP, Stainless steel 303
Stud
C3604 (Thread portion), Stainless steel 303 (Thread portion)
Chuck
Stainless steel 304
Guide
Stainless steel 304
Release button
POM
Seal, O-ring, Seal ring
NBR
Tubing material
FEP, PFA, Nylon, Soft nylon, Polyurethane
Tubing O.D.
ø3.2, ø4, ø6, ø8, ø10, ø12, ø16
73
A


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com