Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
ø
D2
M
L1
2 x Applicable tubing
ø
D1
H
Connection
thread
Mounting plate thickness
7 mm or less
L1
M
L2
Connection
thread
H1
H2
T
Applicable tubing
Bulkhead Connector: KQ2E
Male Run Tee: KQ2Y (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
T
(M)
H1
(Width
across
flats)
H2
(Width
across
flats)
L1
L2 Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2E04-G01
 M12 x 1 14
14 25.1 10.7 13 13.3
5.6 4
3
21.3
1/4
KQ2E04-G02
 M12 x 1 17
14 30.7 16.3 13 13.3
5.6 4
3
31.5
ø
6
1/8
KQ2E06-G01
 M14 x 1 17
17 24.5 10.1 15 13.3 13.1 10.4
4.5 29.8
1/4
KQ2E06-G02
 M14 x 1 17
17 30
15.6 15 13.3 13.1 10.4
4.5 32.8
3/8
KQ2E06-G03
 M14 x 1 21
17 32
17.6 15 13.3 13.1 10.4
4.5 45.5
ø
8
1/8
KQ2E08-G01
 M16 x 1 17
19 24.7
7.3 17 14.2 26.1 18
6
30.9
1/4
KQ2E08-G02
 M16 x 1 17
19 30
12.6 17 14.2 26.1 18
6
33.5
3/8
KQ2E08-G03
 M16 x 1 21
19 33.1 15.7 17 14.2 26.1 18
6
46.1
ø
10
1/4
KQ2E10-G02
 M20 x 1 22
24 31
11.6 21 15.6 41.5 29.5
7.5 66.7
3/8
KQ2E10-G03
 M20 x 1 22
24 32.5 13.1 21 15.6 41.5 29.5
7.5 61.6
ø
12
3/8
KQ2E12-G03
 M22 x 1 24
27 33.5 13.1 23 17
58.3 46.1
9
70.4
1/2
KQ2E12-G04
 M22 x 1 27
27 39.9 19.5 23 17
58.3 46.1
9
94
ø
16
3/8
KQ2E16-G03
 M28 x 1.5 30
32 35.9 13
29 20.6 96
67
13
127.6
1/2
KQ2E16-G04
 M28 x 1.5 30
32 41
18.1 29 20.6 113
67
13
137.2
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2Y04-G01
 12 8.2 10 15.3 16.8 15.3 26.6 13.3 6.4 4.4 3
7
1/4
KQ2Y04-G02
 17 8.2 10 15.3 20.3 15.3 29.1 13.3 6.4 4.4 3 17.5
ø
6
1/8
KQ2Y06-G01
 12 10.4 10 16.3 17.9 16.3 28.7 13.3 13.4 10.6 4.5 7.7
1/4
KQ2Y06-G02
 17 10.4 10 16.3 21.4 16.3 31.2 13.3 13.4 10.6 4.5 18.2
3/8
KQ2Y06-G03
 21 10.4 10 16.3 22.4 16.3 31.2 13.3 13.4 10.6 4.5 29.9
ø
8
1/8
KQ2Y08-G01
 12 13.2 10 18.2 19.3 18.2 32 14.2 13.4 13.4 4.5 9.5
1/4
KQ2Y08-G02
 17 13.2 12 18.2 22.8 18.2 34.5 14.2 25.6 17.7 6 17.7
3/8
KQ2Y08-G03
 21 13.2 12 18.2 23.8 18.2 34.5 14.2 25.6 17.7 6 29.7
ø
10
1/8
KQ2Y10-G01
 12 15.9 12 20.6 22.5 20.6 37.5 15.6 40 28.4 6 13.2
1/4
KQ2Y10-G02
 17 15.9 17 20.6 24.6 20.6 38.6 15.6 40 28.4 7.5 20.3
3/8
KQ2Y10-G03
 21 15.9 17 20.6 27.7 20.6 40.7 15.6 40 28.4 7.5 25.4
1/2
KQ2Y10-G04
 27 15.9 17 20.6 29.2 20.6 40.7 15.6 40 28.4 7.5 45.3
ø
12
1/4
KQ2Y12-G02
 17 18.5 17 23 25.9 23 42.3 17
57.4 45.4 9
23.4
3/8
KQ2Y12-G03
 21 18.5 17 23 29 23 44.4 17
57.4 45.4 9
28.6
1/2
KQ2Y12-G04
 27 18.5 17 23 30.4 23 44.4 17
57.4 45.4 9
48.5
ø
16
3/8
KQ2Y16-G03
 21 23.8 21 28.6 33.1 28.6 54.2 20.6 81 60 11 42.7
1/2
KQ2Y16-G04
 27 23.8 21 28.6 33.8 28.6 53.4 20.6 113 60 13 66.2
Dimensions
71
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: G


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com