Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 120 page
background image
L1
M
ø
D2
H
Connection
thread
Applicable tubing
ø
D2
L1
M
L1
M
2 x Applicable tubing
H
Connection
thread
Extended Male Elbow: KQ2W (Face seal)
Note) øD1 is maximum diameter.
Male Branch Tee: KQ2T (Face seal)
Note) øD1 is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2T04-G01
 12
8.2
10 14.8 16.8 15.4 13.3
6
4.1
3
7
1/4
KQ2T04-G02
 17
8.2
10 14.8 20.3 17.9 13.3
6
4.1
3
17.4
ø
6
1/8
KQ2T06-G01
 12 10.4 10 15.5 17.9 17.6 13.3 13.9 11
4.5
7.6
1/4
KQ2T06-G02
 17 10.4 10 15.5 21.4 20.1 13.3 13.9 11
4.5 18.1
3/8
KQ2T06-G03
 21 10.4 10 15.5 22.4 20.1 13.3 13.9 11
4.5 29.8
ø
8
1/8
KQ2T08-G01
 12 13.2 10 16.4 19.3 20.4 14.2 14 14
4.5
9.4
1/4
KQ2T08-G02
 17 13.2 12 17.2 22.8 22.9 14.2 26.3 18.2 6
17.6
3/8
KQ2T08-G03
 21 13.2 12 17.2 23.8 22.9 14.2 26.3 18.2 6
29.6
ø
10
1/8
KQ2T10-G01
 12 15.9 12 18.6 22.4 24.9 15.6 21.6 14.9 6
13.1
1/4
KQ2T10-G02
 17 15.9 17 19.3 24.5 26
15.6 35.2 25
7.5 20.1
3/8
KQ2T10-G03
 21 15.9 17 19.3 27.6 28.1 15.6 35.2 25
7.5 25.3
1/2
KQ2T10-G04
 27 15.9 17 19.3 29.1 28.1 15.6 35.2 25
7.5 45.2
ø
12
1/4
KQ2T12-G02
 17 18.5 17 21.5 25.8 28.6 17
57.2 45.2
9
23.1
3/8
KQ2T12-G03
 21 18.5 17 21.5 28.9 30.7 17
57.2 45.2
9
28.4
1/2
KQ2T12-G04
 27 18.5 17 21.5 30.4 30.7 17
57.2 45.2
9
48.3
ø
16
3/8
KQ2T16-G03
 21 23.8 21 27.1 33.1 37.5 20.6 71 58.9 11
42.1
1/2
KQ2T16-G04
 27 23.8 21 27.1 33.8 36.7 20.6 100 58.9 13
65.7
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2W04-G01
 12
8.2
10 14.8 30.5 29.1 13.3
4
4
3
16.5
1/4
KQ2W04-G02
 17
8.2
10 14.8 31.2 28.8 13.3
4
4
3
35.8
ø
6
1/8
KQ2W06-G01
 12 10.4 10 15.5 31.6 31.3 13.3 10.9 8.6 4.5 17
1/4
KQ2W06-G02
 17 10.4 10 15.5 32.3 31
13.3 10.9 8.6
4.5 36.2
3/8
KQ2W06-G03
 21 10.4 10 15.5 33.3 31
13.3 10.9 8.6
4.5 59.4
ø
8
1/8
KQ2W08-G01
 12 13.2 10 16.4 33
34.1 14.2 10.9 10.9
4.5 17.8
1/4
KQ2W08-G02
 17 13.2 12 17.2 36.5 36.6 14.2 20.5 14.2 6
37.5
3/8
KQ2W08-G03
 21 13.2 12 17.2 37.5 36.6 14.2 20.5 14.2 6
63.9
ø
10
1/4
KQ2W10-G02
 17 15.9 17 19.3 48.8 50.3 15.6 33.5 23.8 7.5 45.1
3/8
KQ2W10-G03
 21 15.9 17 19.3 46.6 47.1 15.6 33.5 23.8 7.5 62.6
1/2
KQ2W10-G04
 27 15.9 17 19.3 48.1 47.1 15.6 33.5 23.8 7.5 120.2
ø
12
1/4
KQ2W12-G02
 17 18.5 17 21.5 50.1 52.9 17
47.7 37.7
9
46.9
3/8
KQ2W12-G03
 21 18.5 17 21.5 47.9 49.7 17
47.7 37.7
9
64.5
1/2
KQ2W12-G04
 27 18.5 17 21.5 49.4 49.7 17
47.7 37.7
9
122.1
ø
16
3/8
KQ2W16-G03
 21 23.8 21 27.1 57.4 61.8 20.6 71 58.9 11
71.7
1/2
KQ2W16-G04
 27 23.8 21 27.1 58.1 61
20.6 100
58.9 13
144.1
70
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: G
Applicable Tubing: Metric Size, Connection Thread: G


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com