Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
4
Triple universal male elbow
P.14
P.29
P.30
P.29
KQ2VT
Different diameter
double union “Y”
P.27
P.27
P.26
KQ2UD
Adapter
KQ2N
Double universal male elbow
P.14
P.26
P.29
KQ2VD
Double branch “Y”
KQ2UD
Bulkhead male elbow
KQ2LE
Female elbow
P.17
P.24
P.28
KQ2LF
Delta union
KQ2D
Plug-in reducer
KQ2R
P.23
P.24
Male delta union
KQ2D
Branch “Y”
KQ2U
P.17
P.25
Extended plug-in elbow
KQ2W
Plug-in “Y”
KQ2U
P.10
P.9
P.25
KQ2LU
Branch union elbow
Male branch connector
KQ2LU
Different diameter union “Y”
KQ2U
Hexagon socket head
universal male elbow
P.12
P.16
P.25
KQ2VS
Triple branch
universal male elbow
KQ2ZT
Union “Y”
KQ2U
Branch universal male elbow
P.15
KQ2Z
Different diameter plug-in “Y”
KQ2X
Tube cap
KQ2C
Double branch
universal male elbow
P.16
KQ2ZD
Male run tee
P.22
KQ2Y
Double plug-in “Y”
KQ2XD
Plug
KQ2P
Use to branch a
female thread at a
90
° angle.
Hexagon socket on
the top allows
tightening with a
hexagon wrench in
confined spaces.
Use to six-branch a
female thread at right
angles.
Three individual parts
rotate 360
°.
Use to connect
tubing for branching
with size reduced.
Use to branch One-
touch fittings.
Use to branch a
female thread.
Use to change size
of One-touch fittings.
Use to connect
tubing through a
panel, etc. and to
change the tube
direction by 90
°.
Use to connect
One-touch fittings
and R female
thread.
Use to plug unused
tubing.
Use to plug unused
One-touch fittings.
Use to branch tubing
at right angles.
Use to change the tube
direction of One-touch
fittings by 90
°. Multi-level
piping is also possible
with the plug-in elbow.
Use to branch a
female thread at two
right angles.
Use to branch
tubing at three right
angles.
Use to four-branch a
female thread.
Use to four-branch
tubing with size
reduced.
Use to branch One-
touch fittings with size
reduced.
Use to four-branch
One-touch fittings.
Use to branch
tubing in the same
direction.
Use to branch a
female thread at right
angles.
Use to pipe a male
thread at right
angles.
Use to three-branch a
female thread at right
angles.
Three individual parts
rotate 360
°.
Hexagon head of the
body allows
tightening with a box
wrench. Use for
branch connections.
Use to four-branch a
female thread at right
angles. Two individual
parts rotate 360
°.
Use to branch a
female thread at
right angles.
Two individual parts
rotate 360
°.
Series
KQ2
P.20
P.20
Different diameter tee
KQ2T
Different diameter tee
KQ2T
P.21
Different diameter cross
KQ2TY
Use to connect tubing
for branching at both
90
° angles with size
reduced.
Use to connect tubing
for branching at 90
°
angle with size
reduced from the
same piping.
Use to connect
tubing for branching
in three directions
with size reduced.
P.30
Color cap
KQ2C
Mount onto the
release button and
use different colors
for piping according
to applications.


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com