Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 65Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 66Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
ø
D
H
Connection
thread
Applicable tubing
ø
D Applicable tubing
Connection
thread
H
Connection
thread
H
Applicable tubing
L1
M
L2
Male Connector: KQ2H (Face seal)
Hexagon Socket Head Male Connector: KQ2S (Face seal)
Note) øD is maximum diameter.
Female Connector: KQ2F
Note) øD is maximum diameter.
/A: Brass, N: Brass + Electroless nickel plated
/A: Brass, N: Brass + Electroless nickel plated
/A: Brass, N: Brass + Electroless nickel plated
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2F04-G01
 14
7.9 24.7
9.5 13.3
5.6
4
3
12.4
1/4
KQ2F04-G02
 17
7.9 30.1 13.9 13.3
5.6
4
3
21.3
ø
6
1/8
KQ2F06-G01
 14
9.9 24.3
9.5 13.3
13.1 10.4
4.5 12.6
1/4
KQ2F06-G02
 17
9.9 29.6 13.9 13.3
13.1 10.4
4.5 21.4
3/8
KQ2F06-G03
 21
9.9 31.1 13.7 13.3
13.1 10.4
4.5 29.6
ø
8
1/8
KQ2F08-G01
 14
12.4 24.7
9.5 14.2
26.1 18
6
15.1
1/4
KQ2F08-G02
 17
12.4 30.1 13.9 14.2
26.1 18
6
24
3/8
KQ2F08-G03
 21
12.4 31.6 13.7 14.2
26.1 18
6
32.3
ø
10
1/4
KQ2F10-G02
 17
14.8 31.1 13.9 15.6
41.5 29.5
7.5 24.1
3/8
KQ2F10-G03
 21
14.8 32.6 13.7 15.6
41.5 29.5
7.5 32.6
ø
12
1/4
KQ2F12-G02
 19
17.2 32
13.8 17
58.3 46.1
9
33
3/8
KQ2F12-G03
 21
17.2 33.5 13.7 17
58.3 46.1
9
34.1
1/2
KQ2F12-G04
 27
17.2 38.6 16.9 17
58.3 46.1
9
64.9
ø
16
3/8
KQ2F16-G03
 24
22
36
14.4 20.6
81
67
13
55.7
1/2
KQ2F16-G04
 27
22
41.1 16.9 20.6 113
67
13
71.7
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2S04-G01
3
13
20.6 19.6 15.1 13.3
4.1 3.6
3.1 11.6
ø
6
1/8
KQ2S06-G01
4
13
19.8 18.8 14.3 13.3 10
9.9
4.1
9.7
1/4
KQ2S06-G02
4
18
19.8 18.8 13.3 13.3 10.7 10
4.1 18
ø
8
1/8
KQ2S08-G01
5
13
21.7 19.7 16.2 14.2 17.2 16.2
5.1
9.5
1/4
KQ2S08-G02
6
18
20.5 19.5 14
14.2 23.3 16.2
6.1 17.2
3/8
KQ2S08-G03
6
22
20.7 19.7 13.2 14.2 23.3 16.2
6.1 27.1
ø
10
1/8
KQ2S10-G01
5
15
23
21.1 17.5 15.6 17.2 16.2
5.1 10.9
1/4
KQ2S10-G02
8
18
24.1 20.1 17.6 15.6 39
26.6
8.1 19.2
3/8
KQ2S10-G03
8
22
21.4 20.1 13.9 15.6 39
26.6
8.1 25
1/2
KQ2S10-G04
8
26
21.1 20.1 12.1 15.6 39
26.6
8.1 34.1
ø
12
1/4
KQ2S12-G02
8
18
25.6 21.5 19.1 17
46
44.5
8.1 18.3
3/8
KQ2S12-G03
 10
22
23.8 21.8 16.3 17
60
44.5 10.1 25.7
1/2
KQ2S12-G04
 10
26
22.8 21.8 13.8 17
60
44.5 10.1 35.6
ø
16
3/8
KQ2S16-G03
 10
22
30.8 25.4 23.3 20.6 81
67
10.1 29.2
1/2
KQ2S16-G04
 12
26
30.3 26.1 21.3 20.6 113
67
12.1 45.8
Applicable
tubing O.D.
(mm)
Connection
thread
G
Model
H
(Width
across
flats)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2H04-G01
 12
7.7 17.1 11.6 13.3
5.6
4
3
7.7
1/4
KQ2H04-G02
 17
7.7 15.4
8.9 13.3
5.6
4
3
16.8
ø
6
1/8
KQ2H06-G01
 12
9.7 17.3 11.8 13.3
13.1 10.4
4.5
6.6
1/4
KQ2H06-G02
 17
9.7 15.4
8.9 13.3
13.1 10.4
4.5 14.8
3/8
KQ2H06-G03
 21
9.7 16.4
8.9 13.3
13.1 10.4
4.5 27.1
ø
8
1/8
KQ2H08-G01
 14
12.2 21.4 15.9 14.2
26.1 18
6
7.5
1/4
KQ2H08-G02
 17
12.2 19.9 13.4 14.2
26.1 18
6
15.5
3/8
KQ2H08-G03
 21
12.2 16.4
8.9 14.2
26.1 18
6
23.8
ø
10
1/8
KQ2H10-G01
 17
14.6 23.2 17.7 15.6
26.1 26.1
6
15.7
1/4
KQ2H10-G02
 17
14.6 22.8 16.3 15.6
41.5 29.5
7.5 16.8
3/8
KQ2H10-G03
 21
14.6 21.8 14.3 15.6
41.5 29.5
7.5 26.1
1/2
KQ2H10-G04
 27
14.6 17.9
8.9 15.6
41.5 29.5
7.5 39.9
ø
12
1/4
KQ2H12-G02
 19
17
25.3 18.8 17
58.3 46.1
9
15.1
3/8
KQ2H12-G03
 21
17
23.6 16.1 17
58.3 46.1
9
25.6
1/2
KQ2H12-G04
 27
17
24.8 15.8 17
58.3 46.1
9
46.9
ø
16
3/8
KQ2H16-G03
 27
21.8 30.5 23
20.6
81
67
11
47.1
1/2
KQ2H16-G04
 27
21.8 29.7 20.7 20.6 113
67
13
48.8
Dimensions
68
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: G
Applicable Tubing: Metric Size, Connection Thread: G


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com