Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 62Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 63Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 64Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 65Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 66Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 120 page
background image
Face seal
Applicable Tubing
Specifications
Principal Parts Material
Suitable for use with nylon and
urethane. Large retaining force.
The chuck provides secure retention and the
collet increases the holding force on the tube.
Requires little force
for removal.
Releases the chuck collet to
remove the tube as well as to
prevent the chuck from biting
too deeply into the tubing.
Effective when piping in
a confined space.
The body and the threaded portion can rotate
(for positioning to some extent).
Seal
Stud
Release button
O-ring
Body
Piping installability is improved by
changing to the face seal structure.
Seal ring
Chuck
Guide
Note 1) The surge pressure must be under the maximum operating pressure.
Note 2) Do not use the fittings with a leak tester or for vacuum retention because they are not guaranteed for
zero leakage.
Applicable to parallel pipe
thread (G).
New thread for piping that
drastically reduced the
screw-in time thanks to
the face seal method.
G thread
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: G
Fluid
Air/Water Note 1)
Operating pressure range Note 2)
−100 kPa to 1 MPa
Proof pressure (at 23°C)
3 MPa
Ambient and fluid temperature
−5 to 60
°C, Water: 0 to 40°C
(No freezing)
Thread
Mounting section
ISO 16030 (Parallel pipe thread)
Nut section
JIS B0205 (Metric fine thread)
Sealant on the threads
Seal ring
Body
C3604, PBT
Stud
C3604 (Thread portion)
Chuck
Stainless steel 304
Guide
Stainless steel 304
Release button
POM
Seal, O-ring, Seal ring
NBR
Tubing material
FEP, PFA, Nylon, Soft nylon, Polyurethane
Tubing O.D.
ø4, ø6, ø8, ø10, ø12, ø16
Face seal method
Can be used for a wide range of
pressures from a low vacuum
up to a pressure of 1 MPa.
The use of a special profile ensures
sealing and reduces resistance when
the tube is inserted.
65


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com