Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 59Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 60Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 61Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 62Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 63Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 64Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 65Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 66Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
61
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: M, R, Rc
ø
D2
L1
M
M
L1
H
Connection thread
(With sealant)
2 x Applicable
tubing
ø
D2
M
L1
ø
D1
H
Connection
thread
(With sealant)
2 x Applicable
tubing
H
ø
D2
M
L1
Connection
thread
(With sealant)
Applicable
tubing
Dimensions
Extended Male Elbow: KQ2W (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Male Branch Tee: KQ2T (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Male Run Tee: KQ2Y (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø3/16
1/8
KQ2W05-01
lS 10
9.1 10 15
30.4 31.8 13.3
6.8
5.6 3.5 11.2
1/4
KQ2W05-02
lS 14
9.1 10 15
33.8 33.7 13.3
6.8
5.6 3.5 27.7
ø1/4
1/8
KQ2W07-01
lS 10 11.1 10 15.6 31.4 33.8 13.3 11.6 10.0 4.5 11.5
1/4
KQ2W07-02
lS 14 11.1 10 15.6 34.8 35.7 13.3 11.6 10.0 4.5 28
3/8
KQ2W07-03
lS 17 11.1 10 15.6 36.1 36.6 13.3 11.6 10.0 4.5 47.4
ø5/16
1/8
KQ2W09-01
lS 10 13.2 10 16.4 32.4 35.9 14.2 11.6 11.6 4.5 12.2
1/4
KQ2W09-02
lS 14 13.2 12 17.2 39.1 41
14.2 21.5 14.9 6
40
3/8
KQ2W09-03
lS 17 13.2 12 17.2 39.2 40.7 14.2 21.5 14.9 6
47
ø3/8
1/4
KQ2W11-02
lS 17 15.4 17 19.3 52.7 55.7 15.6 28.8 23.8 7
58.8
3/8
KQ2W11-03
lS 17 15.4 17 19.3 48.3 50.9 15.6 28.8 23.8 7
51.1
1/2
KQ2W11-04
lS 22 15.4 17 19.3 52.3 53.6 15.6 28.8 23.8 7
91.8
ø1/2
1/4
KQ2W13-02
lS 17 19.3 17 21.5 54.6 59.6 17
56.7 44.4 9
61
3/8
KQ2W13-03
lS 17 19.3 17 21.8 48.2 52.8 17
56.7 44.4 9.5 48.4
1/2
KQ2W13-04
lS 22 19.3 17 21.8 50.2 53.5 17
56.7 44.4 9.5 92.3
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø3/16
1/8
KQ2T05-01
lS 10
9.1 10 15
16.7 18.1 13.3
8.4
7.0 3.5
5.8
1/4
KQ2T05-02
lS 14
9.1 10 15
22.2 22
13.3
8.4
7.0 3.5 15.3
ø1/4
1/8
KQ2T07-01
lS 10 11.1 10 15.6 17.7 20.1 13.3 14.4 12.4 4.5
6.5
1/4
KQ2T07-02
lS 14 11.1 10 15.6 23.2 24
13.3 14.4 12.4 4.5 16
3/8
KQ2T07-03
lS 17 11.1 10 15.6 24.5 24.9 13.3 14.4 12.4 4.5 27.7
ø5/16
1/8
KQ2T09-01
lS 10 13.2 10 16.4 18.7 22.2 14.2 14.4 14.4 4.5
7.9
1/4
KQ2T09-02
lS 14 13.2 12 17.2 25.4 27.3 14.2 26.3 18.2 6
19.4
3/8
KQ2T09-03
lS 17 13.2 12 17.2 25.5 27
14.2 26.3 18.2 6
26.5
ø3/8
1/4
KQ2T11-02
lS 17 15.4 17 19.3 28.4 31.4 15.6 28.8 23.8 7.5 23.9
3/8
KQ2T11-03
lS 17 15.4 17 19.3 29.3 31.9 15.6 28.8 23.8 7.5 24.4
1/2
KQ2T11-04
lS 22 15.4 17 19.3 33.3 34.6 15.6 28.8 23.8 7.5 46.9
ø1/2
1/4
KQ2T13-02
lS 17 19.3 17 21.5 30.3 35.3 17
57.3 50.6 9
27.9
3/8
KQ2T13-03
lS 17 19.3 17 21.8 28.4 33
17
63.8 50.6 9.5 27.4
1/2
KQ2T13-04
lS 22 19.3 17 21.8 30.4 33.7 17
63.8 50.6 9.5 48.8
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø3/16
1/8
KQ2Y05-01
lS 10 9.1 10 15.7 16.7 15.7 29.3 13.3 8.4 7.0 3.5 5.9
1/4
KQ2Y05-02
lS 14 9.1 10 15.7 22.2 15.7 33.2 13.3 8.4 7.0 3.5 15.4
ø1/4
1/8
KQ2Y07-01
lS 10 11.1 10 16.5 17.7 16.5 31.1 13.3 14.0 12.4 4.5 6.5
1/4
KQ2Y07-02
lS 14 11.1 10 16.5 23.2 16.5 35 13.3 14.0 12.4 4.5 16
3/8
KQ2Y07-03
lS 17 11.1 10 16.5 24.5 16.5 35.9 13.3 14.0 12.4 4.5 27.7
ø5/16
1/8
KQ2Y09-01
lS 10 13.2 10 18.2 18.7 18.2 33.8 14.2 14.0 14.0 4.5 8
1/4
KQ2Y09-02
lS 14 13.2 12 18.2 25.4 18.2 38.9 14.2 26.3 18.3 6
19.5
3/8
KQ2Y09-03
lS 17 13.2 12 18.2 25.5 18.2 38.6 14.2 26.3 18.3 6
26.5
ø3/8
1/4
KQ2Y11-02
lS 17 15.4 17 20.4 28.4 20.4 44.1 15.6 28.8 23.8 7.5 24.1
3/8
KQ2Y11-03
lS 17 15.4 17 20.4 29.3 20.4 44.6 15.6 28.8 23.8 7.5 24.5
1/2
KQ2Y11-04
lS 22 15.4 17 20.4 33.3 20.4 47.3 15.6 28.8 23.8 7.5 47
ø1/2
1/4
KQ2Y13-02
lS 17 19.3 17 23.4 30.3 23.4 49 17 57.3 50.6 9
28.3
3/8
KQ2Y13-03
lS 17 19.3 17 23.4 28.4 23.4 46.7 17 64.6 50.6 9.5 27.6
1/2
KQ2Y13-04
lS 22 19.3 17 23.4 30.4 23.4 47.4 17 64.6 50.6 9.5 49


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com