Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 58Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 59Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 60Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 61Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 62Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 63Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 64Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 65Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
60
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: M, R, Rc
ø
D
H
Connection
thread
Applicable
tubing
Applicable
tubing
ø
D
H
Connection
thread
(With sealant)
Connection
thread
ø
D2
L1
Applicable
tubing
H
M
Connection
thread
(With sealant)
Applicable
tubing
H
M
L1
ø
D2
Male Connector: KQ2H (Gasket seal)
Male Connector: KQ2H (Sealant)
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Male Elbow: KQ2L (Sealant)
Male Elbow: KQ2L (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø3/16
1/8
KQ2L05-01
lS 10
9.1 10 15
16.7 18.2 13.3
6.8
5.6 3.5
5
1/4
KQ2L05-02
lS 14
9.1 10 15
22.2 22.1 13.3
6.8
5.6 3.5 14.5
ø1/4
1/8
KQ2L07-01
lS 10 11.1 10 15.6 17.7 20.2 13.3 11.3 10
4.5
5.3
1/4
KQ2L07-02
lS 14 11.1 10 15.6 23.2 24.1 13.3 11.3 10
4.5 14.8
3/8
KQ2L07-03
lS 17 11.1 10 15.6 24.5 25.0 13.3 11.3 10
4.5 26.5
ø5/16
1/8
KQ2L09-01
lS 10 13.2 10 16.4 18.7 22.2 14.2 11.4 11.4 4.5
6.1
1/4
KQ2L09-02
lS 14 13.2 12 17.2 25.4 27.3 14.2 21.6 14.9 6
17.7
3/8
KQ2L09-03
lS 17 13.2 12 17.2 25.5 27.0 14.2 21.6 14.9 6
24.7
ø3/8
1/4
KQ2L11-02
lS 17 15.4 17 19.3 28.5 31.5 15.6 28.8 23.8 7.5 21.5
3/8
KQ2L11-03
lS 17 15.4 17 19.3 29.4 32.0 15.6 28.8 23.8 7.5 22
1/2
KQ2L11-04
lS 22 15.4 17 19.3 33.4 34.7 15.6 28.8 23.8 7.5 44.4
ø1/2
1/4
KQ2L13-02
lS 17 19.3 17 21.5 30.4 35.3 17
50.3 44.4 9
23.8
3/8
KQ2L13-03
lS 17 19.3 17 21.8 28.5 33.0 17
56.7 44.4 9.5 23.2
1/2
KQ2L13-04
lS 22 19.3 17 21.8 30.5 33.7 17
56.7 44.4 9.5 44.6
Applicable
tubing O.D.
(inch)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 M5 x 0.8
KQ2L01-M5
l 7
7.1
7
15.3 14.3 14.9 13.3 2.6
2.2
2.5
3.1
ø1/4 M5 x 0.8
KQ2L07-M5
l 7 11.1
7
15.4 16.1 18.7 13.3 3.5
3.5
2.5
3.6
Applicable
tubing O.D.
(inch)
Connection
thread
R
Model
H
(Width
across
flats)
ø
D
L
A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2H01-01
lS 10
6.7 14
10.9 13.3
3.4
2.9
2.5
6
1/4
KQ2H01-02
lS 14
6.7 16.7 12
13.3
3.4
2.9
2.5
15.3
ø3/16
1/8
KQ2H05-01
lS 10
8.3 17.9 14.8 13.3
7.8
6.5
3.5
6.4
1/4
KQ2H05-02
lS 14
8.3 16.7 12
13.3
7.8
6.5
3.5
13.9
ø1/4
1/8
KQ2H07-01
lS 12
10
18.2 15.1 13.3 13.5 11.5
4.6
7.1
1/4
KQ2H07-02
lS 14
10
16.7 12
13.3 13.5 11.5
4.6
12.1
3/8
KQ2H07-03
lS 17
10
18.1 13
13.3 13.5 11.5
4.6
24
ø5/16
1/8
KQ2H09-01
lS 14
12.2 22.5 19.4 14.2 26.1 18
6
11.9
1/4
KQ2H09-02
lS 14
12.2 22
17.3 14.2 26.1 18
6
13.9
3/8
KQ2H09-03
lS 17
12.2 18.1 13
14.2 26.1 18
6
21
ø3/8
1/4
KQ2H11-02
lS 17
14.1 26.9 22.2 15.6 35.3 29.1
7
22.5
3/8
KQ2H11-03
lS 17
14.1 23.2 18.1 15.6 35.3 29.1
7
22.9
1/2
KQ2H11-04
lS 22
14.1 22.3 15.9 15.6 35.3 29.1
7
45.9
ø1/2
1/4
KQ2H13-02
lS 19
17.9 28.7 24
17
58.5 51.7
9
23.3
3/8
KQ2H13-03
lS 19
17.9 27.2 22.1 17
66.0 51.7
9.6
26.2
1/2
KQ2H13-04
lS 22
17.9 22.3 15.9 17
66.0 51.7
9.6
35.4
Applicable
tubing O.D.
(inch)
Connection
thread
M
Model
H
(Width
across
flats)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
M5 x 0.8
KQ2H01-M5
l
7
6.7 17.3 14.3 13.3
3.0
2.5
2.5
2.7
ø3/16
M5 x 0.8
KQ2H05-M5
l 10
8.3 17.6 14.6 13.3
4.0
4.0
2.5
4.6
ø1/4
M5 x 0.8
KQ2H07-M5
l 12
10
18.4 15.4 13.3
4.0
4.0
2.5
6.5


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com