Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 120 page
background image
3
Hexagon socket head
male connector
P.7
KQ2S
Male connector
P.5
KQ2H
Universal male elbow
P.12
KQ2V
45° male elbow
P.11
KQ2K
Extended male elbow
P.18
KQ2W
Bulkhead union
P.28
KQ2E
Bulkhead connector
P.28
KQ2E
Nipple
P.30
KQ2N
Reducer nipple
P.30
KQ2N
Male elbow
P.8
P.19
P.20
P.9
P.9
KQ2L
Male branch tee
KQ2T
Female connector
P.6
KQ2F
Union elbow
P.9
KQ2L
Union tee
KQ2T
Straight union
P.5
KQ2H
Plug-in elbow
KQ2L
Different diameter straight
P.6
KQ2H
Reducer elbow
KQ2L
P.21
Cross
P.21
KQ2TW
Different diameter cross
KQ2TX
Internal hexagon
socket allows
tightening with a
hexagon wrench in
confined spaces.
Hexagon head of the
body allows tightening
with a box wrench in
confined spaces.
Basically, it is used together
with male elbow. Different
point is that it is used for
fittings to avoid interfering
with each other by making
the piping multi-level.
Use to connect male
thread and tubing
through a panel, etc.
Use to connect One-
touch fittings of
different sizes.
Use to pipe a female
thread at a 45
° angle.
The model between
the male connector
and male elbow.
Use to connect tubing
through a panel, etc.
Use to connect
One-touch
fittings.
Use to pipe a
female thread. Most
general model.
Use to pipe a
female thread at
right angles. Most
general model.
Use to branch a
female thread at
both 90
° angles.
Use to branch
tubing at both 90
°
angles.
Use to connect
tubing at right
angles.
Use to change the
tube direction from
One-touch fittings
by 90
°.
Use to change the
tube direction from
One-touch fittings by
90
° and to reduce
size.
Use to branch tubing
with size reduced at
both 90
° angles.
Use to pipe a male
thread of a pressure
gauge, etc.
Use to connect
tubing in the same
direction.
Use to connect
tubing of different
sizes.
Use to
four-branch line.
Variations
Metric Size One-touch Fittings
Universal female elbow
P.13
KQ2VF
Branch universal
female elbow
P.15
KQ2ZF
Use to branch a male or female thread at a 90
°
angle. Multiple connections possible.
Use to two-branch a male or female thread at
a 90
° angle. Multiple connections possible.


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com