Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 54Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 55Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 56Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 57Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 58Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 59Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
54
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
Mounting plate
thickness
7 mm or less
L1
M
L2
Connection
thread
NPT
H1
H2
T
Applicable
tubing
2 x Applicable tubing
B
M
H1
H2
T
A
L
Applicable fitting size
ø
d
Bulkhead Connector: KQ2E
Bulkhead Male Elbow: KQ2LE
Plug: KQ2P
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD is maximum diameter.
Note) øD is maximum diameter.
Applicable
fitting size
ø
d (inch)
Model
Note)
ø
D
L
A
Weight
(g)
ø1/8
KQ2P-01
5
31.5
18.2
1
ø5/32
KQ2P-03
6
32
18.7
1
ø3/16
KQ2P-05
6.8
34
20.7
1
ø1/4
KQ2P-07
8.5
35
21.7
1
ø5/16
KQ2P-09
10
39
24.8
2
ø3/8
KQ2P-11
11.5
43
27.4
3.5
ø1/2
KQ2P-13
15
45.5
28.5
5
Applicable
tubing O.D.
(inch)
Model
T (UNF)
H1
(Width
across
flats)
H2
(Width
across
flats)
B
E
Note)
ø
D
Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2LE01-00
l 1/2-20UNF 17.46 17.46 14.5 28.9 7.1 13.5 13.3 3
2.5 2.5 27.5
ø5/32
KQ2LE03-00
l 1/2-20UNF 17.46 17.46 14.8 28.5 8.2 13.5 13.3 4.2 4.2 3
27.1
ø3/16
KQ2LE05-00
l 9/16-18UNF 17.46 17.46 15 29.7 9.1 15 13.3 6.8 5.6 3.5 34.1
ø1/4
KQ2LE07-00
l 9/16-18UNF 17.46 17.46 15.6 30.7 11.1 15 13.3 11.3 10 4.5 32.8
ø5/16
KQ2LE09-00
l 3/4-16UNF 22.23 22.23 17.2 34.2 13.2 20 14.2 21.6 14.9 6
55.6
ø3/8
KQ2LE11-00
l 7/8-14UNF 25.4 25.4 19.3 32.6 15.4 23 15.6 28.8 23.8 7
67.7
ø1/2
KQ2LE13-00
l 1-12UNF 28.57 28.57 21.8 43.2 19.3 26 17 56 44.4 9.5 121.5
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
T (UNF)
H1
(Width
across
flats)
H2
(Width
across
flats)
L1 L2 Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/4
KQ2E01-35
l 1/2-20UNF 17.46 17.46 28.7 13.3 13.5 13.3 3.4 2.9 2.5 33.3
ø5/32
1/4
KQ2E03-35
l 1/2-20UNF 17.46 17.46 29 13.6 13.5 13.3 5.6 4
3
33.3
ø3/16
1/8
KQ2E05-34
l 9/16-18UNF 17.46 17.46 25.6 9.2 15 13.3 7.8 6.5 3.5 36.6
ø1/4
1/4
KQ2E07-35
l 9/16-18UNF 17.46 17.46 29.9 13.5 15 13.3 13.5 11.5 4.6 38.8
ø5/16
3/8
KQ2E09-36
l 3/4-16UNF 22.23 22.23 31 13.6 20 14.2 26.1 18
6
61.8
ø3/8
3/8
KQ2E11-36
l 7/8-14UNF 25.4 25.4 31.4 12 23 15.6 35.3 29.1 7
83.8
ø1/2
3/8
KQ2E13-36
l 1-12UNF 28.57 28.57 32 11.6 26 17 66 51.7 9.6 106.6
1/2
KQ2E13-37
l 1-12UNF 28.57 28.57 36.1 15.7 26 17 66 51.7 9.6 114.3
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com