Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 54Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 55Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 56Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 57Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 58Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 120 page
background image
53
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
Q
ø
D2
Q
2 x Applicable tubing
ø
D1 øD1
P
2 x ø
O
2 x ø
N
Applicable fitting size
ø
d
ø
d
ø
d
Applicable
tubing
Applicable fitting size
ø
d
ø
D
Mounting plate
thickness
11 mm or less
L
M
M
T
2 x Applicable tubing
H
Mounting plate
thickness
7 mm or less
L
M
M
T
2 x Applicable tubing
H
Different Diameter Plug-in “Y”: KQ2X
Plug-in Reducer: KQ2R
Bulkhead Union: KQ2E (Interchangeable with KQ)
l/A: Brass, N: Brass + Electroless nickel plated
Bulkhead Union: KQ2E (Interchangeable with KJ)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1, øD2 are maximum diameters.
Note) øD is maximum diameter.
Applicable
tubing O.D.
(inch)
Model
T (UNF)
H
(Width
across
flats)
L
Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2E01-00
lJ 3/8-24UNF 12.7 27.3 10.5 13.3
3
2.5
2.5
12.6
ø5/32
KQ2E03-00
lJ 3/8-24UNF 12.7 27.3 10.5 13.3
4
4
3
11.9
ø1/4
KQ2E07-00
lJ 1/2-20UNF 15.88 27.3 14
13.3 13.5 11.5
4.6
19.2
Applicable
tubing O.D.
(inch)
Model
T (UNF)
H
(Width
across
flats)
L
Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2E01-00
l 1/2-20UNF 17.46 27.8 13.5 13.3
3.4
2.9 2.5
26.9
ø5/32
KQ2E03-00
l 1/2-20UNF 17.46 27.8 13.5 13.3
5.6
4
3
25.7
ø3/16
KQ2E05-00
l 9/16-18UNF 17.46 29.8 15
13.3
7.8
6.5 3.5
40.3
ø1/4
KQ2E07-00
l 9/16-18UNF 17.46 29.8 15
13.3 13.5 11.5 4.6
36.9
ø5/16
KQ2E09-00
l 3/4-16UNF 22.23 31.8 20
14.2 26.1 18
6
61.2
ø3/8
KQ2E11-00
l 7/8-14UNF 25.4 33.8 23
15.6 35.3 29.1 7
83.4
ø1/2
KQ2E13-00
l
1-12UNF
28.57 37.8 26
17
66
51.7 9.6 109.2
Applicable
tubing O.D.
(inch)
Applicable
fitting size
ø
d (inch)
Model
Note)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
ø5/32
KQ2R01-03A
7.1
28.6
15.3
13.3
3.4
2.9
2.5
0.8
ø3/16
KQ2R01-05A
7.1
28.7
15.4
13.3
3.4
2.9
2.5
0.8
ø1/4
KQ2R01-07A
7.1
28.4
15.1
13.3
3.4
2.9
2.5
1
ø5/32
ø3/16
KQ2R03-05A
8.2
28.7
15.4
13.3
5.6
4
3
1
ø1/4
KQ2R03-07A
8.2
31.8
18.5
13.3
5.6
4
3
1.2
ø3/16
ø1/4
KQ2R05-07A
9.1
31.4
18.1
13.3
7.8
6.5
3.5
1.3
ø5/16
KQ2R05-09A
9.1
33.4
19.2
13.3
7.8
6.5
3.5
1.5
ø1/4
ø5/16
KQ2R07-09A 11.1
33.3
19.1
13.3
13.5
11.5
4.6
1.7
ø3/8
KQ2R07-11A 11.1
35.9
20.3
13.3
13.5
11.5
4.6
2.2
ø5/16
ø3/8
KQ2R09-11A 13.2
36.2
20.6
14.2
26
18.1
6
2.8
ø1/2
KQ2R09-13A 13.2
37.2
20.2
14.2
26
18.1
6
3.5
ø3/8
ø1/2
KQ2R11-13A 15.4
39.5
22.5
15.6
35.3
29.1
7
4.2
Applicable
tubing O.D.
(inch)
Applicable
fitting size
ø
d (inch)
Model
Note)
ø
D1
Note)
ø
D2 L1 L2 A P M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 ø5/32
KQ2X01-03A 7.1 8.2 44.7 18 42.2 7.1 13.3 5.7 6 3.2 3.2 2.7 2.5 2.8
ø5/32
ø3/16
KQ2X03-05A 8.2 9.1 46.1 18.8 42.6 8.2 13.3 6.2 6 3.2 3.4 2.9 3.5 3.3
ø1/4
KQ2X03-07A 8.2 11.1 46.8 19 42.2 8.2 13.3 7.2 6 3.2 3.4 2.9 4.1 4
ø3/16 ø1/4
KQ2X05-07A 9.1 11.1 47.1 19.8 42.5 9.1 13.3 7.2 6 3.2 8.4 7 4.6 4.4
ø1/4 ø5/16
KQ2X07-09A 11.1 13.2 51.2 21.3 45.2 11.1 13.3 8.6 8 4
14.4 12.4 6
6.5
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com