Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 54Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 55Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 56Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 57Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 120 page
background image
52
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
ø
D
2 x ø
N
2 x ø
O
Q
Q
3 x Applicable tubing
P
Q
Q
ø
D
2 x Applicable tubing
ø
D
P
Applicable fitting size
ø
d
ø
d
2 x ø
O
2 x ø
N
Q
Q
Applicable
tubing b
ø
D2
2 x Applicable tubing a
P
ø
D1
ø
D1
2 x ø
N
2 x ø
O
Union “Y”: KQ2U
Plug-in “Y”: KQ2U
Different Diameter Union “Y”: KQ2U
Note) øD is maximum diameter.
Note) øD is maximum diameter.
Note) øD1, øD2 are maximum diameters.
Applicable
tubing O.D. (inch)
Model
Note)
ø
D1
Note)
ø
D2 L1 L2 P M1 M2 Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø1/8
ø5/32
KQ2U01-03A 7.1 8.2 28.9 18
7.1 13.3 13.3 5.7 6 3.2 3.2 2.7 3.3 2.7
ø1/4
KQ2U01-07A 7.1 11.1 30.3 18.5 7.1 13.3 13.3 7.2 6 3.2 3.2 2.7 3.3 3.3
ø5/32
ø3/16
KQ2U03-05A 8.2 9.1 29.6 18.8 8.2 13.3 13.3 6.2 6 3.2 4.2 4.2 4.1 3.2
ø1/4
KQ2U03-07A 8.2 11.1 30.3 19
8.2 13.3 13.3 7.2 6 3.2 4.2 4.2 4.1 3.6
ø3/16 ø1/4
KQ2U05-07A 9.1 11.1 30.6 19.8 9.1 13.3 13.3 7.2 6 3.2 8.4 7 4.8 3.9
ø1/4
ø5/16
KQ2U07-09A 11.1 13.2 32.3 21.3 11.1 13.3 14.2 8.6 8 4
14.4 12.4 6.4 6
ø3/8
KQ2U07-11A 11.1 15.4 34.4 21.7 11.1 13.3 15.6 9.8 8 4
14.4 12.4 6.4 7.2
ø5/16
ø3/8
KQ2U09-11A 13.2 15.4 35.3 23 13.2 14.2 15.6 9.9 8 4.2 26.3 18.3 8.1 8.5
ø1/2
KQ2U09-13A 13.2 19.3 38.7 24.2 13.2 14.2 17 11.8 8 4.2 26.3 18.3 8.1 11.2
ø3/8
ø1/2
KQ2U11-13A 15.4 19.3 40.1 26.6 15.4 15.6 17 11.8 8 4.2 28.8 23.8 9.6 13
Applicable
tubing O.D.
(inch)
Applicable
fitting size
ø
d (inch)
Model
Note)
ø
D L1 L2 P
A M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
ø1/8
KQ2U01-99A 7.1 45.1 18
7.1 31.8 13.3 5.2
6
3.2
3.4 2.9 2
2.5
ø5/32 ø5/32
KQ2U03-99A 8.2 44.8 18.2 8.2 31.5 13.3 5.7 6 3.2 4.2 4.2 2.5 3.1
ø3/16 ø3/16
KQ2U05-99A 9.1 46.1 18.9 9.1 32.8 13.3 6.2 6 3.2 8.4 7
3.5 3.6
ø1/4
ø1/4
KQ2U07-99A 11.1 46.8 20.2 11.1 33.5 13.3 7.6 8 4
14.4 12.4 4.6 5.5
ø5/16 ø5/16
KQ2U09-99A 13.2 52.1 22.3 13.2 37.9 14.2 8.7 8 4.2 25.6 17.7 6
8
Applicable
tubing O.D.
(inch)
Model
Note)
ø
D L1 L2
P
M
Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2U01-00A 7.1 28.9 18
7.1 13.3 5.2
6
3.2
3.4 2.9 3.2
2.4
ø5/32
KQ2U03-00A 8.2 29 18.2 8.2 13.3 5.7
6
3.2
4.2 4.2 4.1
2.9
ø3/16
KQ2U05-00A 9.1 29.6 18.9 9.1 13.3 6.2
6
3.2
8.4 7
4.8
3.5
ø1/4
KQ2U07-00A 11.1 30.3 20.2 11.1 13.3 7.6
8
4
14.4 12.4 6.4
5
ø5/16
KQ2U09-00A 13.2 33.2 22.3 13.2 14.2 8.7
8
4.2 25.6 17.7 8.1
7.4
ø3/8
KQ2U11-00A 15.4 36.7 24.6 15.4 15.6 9.9
8
4.2 28.8 23.8 9.6 10.4
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com