Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 54Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 120 page
background image
49
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
2 x ø
N
L1
M
L1
M
3 x Applicable tubing
ø
D
Q
Q
L2
L2
M2
M2
2 x øN
2 x ø
O
Applicable tubing b
ø
D1
2 x Applicable tubing a
Q2
Q2
2 x
øN
ø
D
Q
Q
L
M
L
4 x Applicable tubing
Union Tee: KQ2T
Different Diameter Tee: KQ2T
Cross: KQ2TW
Note) øD1 is maximum diameter.
Note) øD is maximum diameter.
Note) øD is maximum diameter.
Applicable
tubing O.D.
(inch)
Model
Note)
ø
D
L
Q
M
ø
O øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø5/32
KQ2TW03-00A
8.2 15.3
5.7 13.3
6
3.2
6.4
4.4 3
3.5
ø1/4
KQ2TW07-00A 11.1 16.5
7.2 13.3
6
3.2 14.4 12.4 4.6
5.4
ø5/16
KQ2TW09-00A 13.2 18.2
8.4 14.2
8
4.2 25.6 17.7 6
8.5
ø3/8
KQ2TW11-00A 15.4 20.4
9.9 15.6
8
4.2 28.8 23.8 7
12
ø1/2
KQ2TW13-00A 19.3 23.4 11.8 17
8
4.2 64.6 50.6 9.6 19.7
Applicable
tubing O.D. (inch)
Model
Note)
ø
D1 øD2 L1 L2 L3 M1 M2 Q1 Q2 øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø1/8
ø5/32
KQ2T01-03A 8.2 7.1 14.9 15.3 18.5 13.3 13.3 5.4 5.8 6 3.2 3.8 3.5 3
2.6
ø1/4
KQ2T01-07A 11.1 7.1 14.9 16.5 18.5 13.3 13.3 5.3 7.2 6 3.2 3.8 3.5 3.2 2.8
ø5/32
ø3/16
KQ2T03-05A 9.1 8.2 15.3 15.7 19.4 13.3 13.3 5.7 6.2 6 3.2 7.1 6.6 3.5 2.6
ø1/4
KQ2T03-07A 11.1 8.2 15.3 16.5 19.4 13.3 13.3 5.7 7.2 6 3.2 7.1 6.6 4.1 3
ø3/16 ø1/4
KQ2T05-07A 11.1 9.1 15.7 16.5 20.3 13.3 13.3 6.2 7.2 6 3.2 8.4 7 4.6 3.7
ø1/4
ø5/16
KQ2T07-09A 13.2 11.1 17.4 17.3 23 14.2 13.3 7.4 8.4 8 4.2 14.4 12.4 6
5.6
ø3/8
KQ2T07-11A 15.4 11.1 18.8 18.1 24.4 15.6 13.3 7.7 9.9 8 4.2 14.4 12.4 6.4 6.8
ø5/16
ø3/8
KQ2T09-11A 15.4 13.2 19.6 19 26.2 15.6 14.2 8.7 9.9 8 4.2 26.3 18.3 7
8.2
ø1/2
KQ2T09-13A 19.3 13.2 21 20.6 27.6 17 14.2 8.7 11.8 8 4.2 26.3 18.3 8.1 10.6
ø3/8 ø1/2
KQ2T11-13A 19.3 15.4 21.8 22 29.5 17 15.6 9.9 11.8 8 4.2 28.8 23.8 9.6 12.4
Applicable
tubing O.D.
(inch)
Model
Note)
ø
D L1
L2
M
Q
ø
O øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2T01-00A
7.1 14.9 18.5 13.3
5.4
6
3.2
3.4
2.9 2.5
2.3
ø5/32
KQ2T03-00A
8.2 15.3 19.4 13.3
5.7
6
3.2
6.4
4.4 3
2.8
ø3/16
KQ2T05-00A
9.1 15.7 20.3 13.3
6.2
6
3.2
8.4
7
3.5
3.2
ø1/4
KQ2T07-00A 11.1 16.5 22.1 13.3 7.2
6
3.2 14.4 12.4 4.6
4.3
ø5/16
KQ2T09-00A 13.2 18.2 24.8 14.2 8.4
8
4.2 25.6 17.7 6
7
ø3/8
KQ2T11-00A 15.4 20.4 28.1 15.6 9.9
8
4.2 28.8 23.8 7
10.2
ø1/2
KQ2T13-00A 19.3 23.4 33
17
11.8
8
4.2 64.6 50.6 9.6 16.9
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com