Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
48
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
ø
D2
L1
M
M
L1
H
Connection thread
(With sealant)
2 x Applicable tubing
Connection
thread
H
2 x Applicable tubing
L1
M
L1
M
ø
D2
Male Branch Tee: KQ2T (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Male Branch Tee: KQ2T (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2T01-33
lS 11.11 7.1 10 14.5 24.2 23.7 13.3 3.4 2.9 2.5
9.7
1/8
KQ2T01-34
lS 11.11 7.1 10 14.5 16.6 17
13.3
3.4
2.9 2.5
6
1/4
KQ2T01-35
lS 14.29 7.1 10 14.5 21
20.2 13.3
3.4
2.9 2.5 15.6
ø5/32
1/16
KQ2T03-33
lS 11.11 8.2 10 14.8 23.8 23.8 13.3 6
4.1 3
10
1/8
KQ2T03-34
lS 11.11 8.2 10 14.8 16.2 17.1 13.3 6
4.1 3
6.3
1/4
KQ2T03-35
lS 14.29 8.2 10 14.8 21.6 21.3 13.3 6
4.1 3
15.9
ø3/16
1/8
KQ2T05-34
lS 11.11 9.1 10 15
16.7 18
13.3
8.4
7
3.5
6.6
1/4
KQ2T05-35
lS 14.29 9.1 10 15
22.1 22.2 13.3
8.4
7
3.5 16.2
ø1/4
1/16
KQ2T07-33
lS 11.11 11.1 10 15.6 25.3 26.8 13.3 8.5 8.5 3.5 11
1/8
KQ2T07-34
lS 11.11 11.1 10 15.6 17.7 20
13.3 14
12.4 4.5
7.3
1/4
KQ2T07-35
lS 14.29 11.1 10 15.6 23.1 24.2 13.3 14
12.4 4.5 16.9
3/8
KQ2T07-36
lS 17.46 11.1 10 15.6 24.5 25.3 13.3 14
12.4 4.5 29.2
ø5/16
1/8
KQ2T09-34
lS 11.11 13.2 10 16.4 18.7 22.1 14.2 14
14
4.5
8.7
1/4
KQ2T09-35
lS 14.29 13.2 12 17.2 24.1 26.3 14.2 26.3 18.2 6
15.9
3/8
KQ2T09-36
lS 17.46 13.2 12 17.2 25.5 27.4 14.2 26.3 18.2 6
27.9
ø3/8
1/8
KQ2T11-34
lS 12.7 15.4 12 18.6 23.1 27.6 15.6 21.2 21.2 6
14.4
1/4
KQ2T11-35
lS 17.46 15.4 17 19.3 28.5 31.8 15.6 28.8 23.8 7.5 24.1
3/8
KQ2T11-36
lS 17.46 15.4 17 19.3 29.1 32.1 15.6 28.8 23.8 7.5 22.2
1/2
KQ2T11-37
lS 22.23 15.4 17 19.3 33.3 34.6 15.6 28.8 23.8 7.5 48.7
ø1/2
1/4
KQ2T13-35
lS 17.46 19.3 17 21.5 30.4 35.7 17
57.3 50.6 9
28.1
3/8
KQ2T13-36
lS 17.46 19.3 17 21.8 26.2 31.2 17
63.8 50.6 9.5 24.4
1/2
KQ2T13-37
lS 22.23 19.3 17 21.8 30.4 33.7 17
63.8 50.6 9.5 50.5
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2T01-32
l 7
7.1
7
15.3 14.2 14.2 13.3 3.2
2.7
2.5
3.5
ø5/32 10-32UNF
KQ2T03-32
l 7
8.2
7
15.4 14.7 15.3 13.3 4.5
4.5
2.5
3.8
ø1/4 10-32UNF
KQ2T07-32
l 7 11.1 7 15.4 16
18
13.3 4.5
4.5
2.5
4.7
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com