Electronic Components Datasheet Search |
|
KQ2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
KQ2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 120 page 2 Metric Size One-touch Fittings Series KQ2 Applicable Tubing: Metric Size, Connection Thread: M, R, Rc A S 06 01 KQ2 H One-touch fittings Model Male thread seal method * : A, N Thread material/Surface treatment Accessories Spare Parts A 06 00 KQ2 H One-touch fittings Model Applicable tubing O.D. Port size/Applicable tubing O.D. Port size/Applicable tubing O.D. Use the part number below to order the gasket for M3, M5 and M6 threads. Gasket for M3 thread: M-3G2 Gasket for M5 thread: M-5G2 Gasket for M6 thread: M-6G * Only for “Bulkhead union” and “Bulkhead male elbow”. Applicable tubing O.D. How to Order Symbol Size 02 ø2 23 ø3.2 04 ø4 06 ø6 08 ø8 10 ø10 12 ø12 16 ø16 Symbol Size Tubing connection 00* Same dia. tubing Thread connection M3 M3 x 0.5 M5 M5 x 0.8 M6 M6 x 1.0 01 R1/8, Rc1/8 02 R1/4, Rc1/4 03 R3/8, Rc3/8 04 R1/2, Rc1/2 Symbol Size 00 Same diameter tubing 99 Same diameter rod 23 ø3.2 04 ø4 06 ø6 08 ø8 10 ø10 12 ø12 16 ø16 Symbol Size 02 ø2 23 ø3.2 04 ø4 06 ø6 08 ø8 10 ø10 12 ø12 16 ø16 Symbol Model H Straight union Different diameter straight L Union elbow Plug-in elbow Reducer elbow LU Branch union elbow W Extended plug-in elbow T Union tee Different diameter tee TW Cross TX Different diameter cross TY Different diameter cross D Delta union U Union “Y” Plug-in “Y” Different diameter union “Y” UD Different diameter double union “Y” X Different diameter plug-in “Y” R Plug-in reducer XD Double plug-in “Y” Symbol Name KQ2N Nipple Reducer nipple KQ2C Tube cap KQ2P Plug Symbol Thread material/Surface treatment A Brass N Brass + Electroless nickel plated G Stainless steel 303 (Connection thread/Only male thread and M3) Bulkhead union lJ Interchangeable with KJE Symbol Seal method Nil None S With thread sealant Symbol Model H Male connector S Hexagon socket head male connector F Female connector L Male elbow LU Male branch connector K 45° male elbow V Universal male elbow VS Hexagon socket head universal male elbow VF Universal female elbow LF Female elbow VD Double universal male elbow VT Triple universal male elbow Z Branch universal male elbow ZF Branch universal female elbow ZD Double branch universal male elbow ZT Triple branch universal male elbow W Extended male elbow T Male branch tee Y Male run tee D Male delta union U Branch “Y” UD Double branch “Y” E Bulkhead union Bulkhead connector LE Bulkhead male elbow N Adapter Threaded Type Tube Tube Type |
Similar Part No. - KQ2 |
|
Similar Description - KQ2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |