Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
47
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
P2
6 x Applicable tubing
L1
M
ø
D2
H
Connection
thread
(With sealant)
H
Connection
thread
Applicable tubing
M
L1
ø
D2
H
ø
D2
Connection
thread
(With sealant)
Applicable tubing
M
L1
Triple Universal Male Elbow: KQ2ZT (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Extended Male Elbow: KQ2W (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Extended Male Elbow: KQ2W (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
* Reference dimensions after
installation of NPT thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2W01-33
lS 11.11 7.1 10 14.5 35.9 35.4 13.3 2.8 2.4 2.5 16.6
1/8
KQ2W01-34
lS 11.11 7.1 10 14.5 30.3 30.7 13.3 2.8 2.4 2.5 13.9
1/4
KQ2W01-35
lS 14.29 7.1 10 14.5 32.7 31.9 13.3 2.8 2.4 2.5 27.3
ø5/32
1/16
KQ2W03-33
lS 11.11 8.2 10 14.8 35.4 35.4 13.3 4
4
3
16.7
1/8
KQ2W03-34
lS 11.11 8.2 10 14.8 29.9 30.8 13.3 4
4
3
14.1
1/4
KQ2W03-35
lS 14.29 8.2 10 14.8 33.2 32.9 13.3 4
4
3
27.5
ø3/16
1/8
KQ2W05-34
lS 11.11 9.1 10 15
30.4 31.7 13.3
6.8
5.6 3.5 14.3
1/4
KQ2W05-35
lS 14.29 9.1 10 15
33.7 33.9 13.3
6.8
5.6 3.5 27.7
ø1/4
1/16
KQ2W07-33
lS 11.11 11.1 10 15.6 36.9 38.4 13.3 6.8 6.8 3.5 17.3
1/8
KQ2W07-34
lS 11.11 11.1 10 15.6 31.4 33.7 13.3 11.3 10
4.5 14.6
1/4
KQ2W07-35
lS 14.29 11.1 10 15.6 34.7 35.9 13.3 11.3 10
4.5 28
3/8
KQ2W07-36
lS 17.46 11.1 10 15.6 36.1 37
13.3 11.3 10
4.5 50.2
ø5/16
1/8
KQ2W09-34
lS 11.11 13.2 10 16.4 32.4 35.8 14.2 11.3 11.3 4.5 15.4
1/4
KQ2W09-35
lS 14.29 13.2 12 17.2 37.8 40
14.2 20.5 14.2 6
26.5
3/8
KQ2W09-36
lS 17.46 13.2 12 17.2 39.2 41.1 14.2 20.5 14.2 6
50
ø3/8
1/4
KQ2W11-35
lS 17.46 15.4 17 19.3 48.3 51.6 15.6 28.8 23.8 7.5 54.3
3/8
KQ2W11-36
lS 17.46 15.4 17 19.3 45.1 48.1 15.6 28.8 23.8 7.5 37.8
1/2
KQ2W11-37
lS 22.23 15.4 17 19.3 49.3 50.6 15.6 28.8 23.8 7.5 86.5
ø1/2
1/4
KQ2W13-35
lS 17.46 19.3 17 21.5 50.2 55.5 17
50.3 44.4 9
56.6
3/8
KQ2W13-36
lS 17.46 19.3 17 21.8 46
51
17
56
44.4 9.5 42.8
1/2
KQ2W13-37
lS 22.23 19.3 17 21.8 50.2 53.5 17
56
44.4 9.5 95.5
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2W01-32
l 7
7.1
7
15.3 25.8 25.9 13.3 2.8
2.4
2.5
5.9
ø5/32 10-32UNF
KQ2W03-32
l 7
8.2
7
15.4 26.3 26.9 13.3 3
3
2.5
6
ø1/4 10-32UNF
KQ2W07-32
l 7 11.1 7 15.4 27.6 29.7 13.3 3.5 3.5 2.5 6.4
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1øD2 L1 L2 L3 A* M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2ZT01-34
lS 14.29 7.1 13.4 18.5 16.3 52.5 49.3 13.3 13.4 7.1 2.2 1.9 2.5 27.3
ø5/32
1/8
KQ2ZT03-34
lS 14.29 8.2 13.4 18.5 16.3 52.5 49.3 13.3 13.4 8.2 2.9 2.9 3
28.2
ø3/16
1/8
KQ2ZT05-34
lS 14.29 9.1 13.4 18.4 16.3 52.5 49.3 13.3 13.4 9.1 4.5 3.7 3.5 29
ø1/4
1/8
KQ2ZT07-34
lS 14.29 11.1 13.4 18.3 17.7 54.6 51.4 13.3 13.8 11.1 7.7 6.6 4.6 33.1
1/4
KQ2ZT07-35
lS 14.29 11.1 13.4 18.3 21.1 58 53.6 13.3 13.8 11.1 7.7 6.6 4.6 40
3/8
KQ2ZT07-36
lS 17.46 11.1 13.4 18.3 22.5 59.4 54.7 13.3 13.8 11.1 7.7 6.6 4.6 52.4
ø5/16
1/4
KQ2ZT09-35
lS 17.46 13.2 17.6 21.2 22.4 65.2 60.8 14.2 15.9 13.2 20.5 14.2 6
60.9
3/8
KQ2ZT09-36
lS 19 13.2 17.6 21.2 23 65.8 61.1 14.2 15.9 13.2 20.5 14.2 6
70.8
1/2
KQ2ZT09-37
lS 22.23 13.2 17.6 21.2 27.2 70 63.6 14.2 15.9 13.2 20.5 14.2 6
97.3
ø3/8
1/4
KQ2ZT11-35
lS 22.23 15.4 20.6 23.6 24.4 75.6 71.2 15.6 19.2 15.4 23.4 19.3 7 100.2
3/8
KQ2ZT11-36
lS 22.23 15.4 20.6 23.6 24.8 76 71.3 15.6 19.2 15.4 23.4 19.3 7 100.2
1/2
KQ2ZT11-37
lS 22.23 15.4 20.6 23.6 28.7 79.9 73.5 15.6 19.2 15.4 23.4 19.3 7 100.2
ø1/2
3/8
KQ2ZT13-36
lS 25.4 19.3 27 27.9 29.6 86.8 82.1 17 22.3 19.3 43.8 34.3 9.6 182.3
1/2
KQ2ZT13-37
lS 25.4 19.3 27 27.9 32.8 90 83.6 17 22.3 19.3 43.8 34.3 9.6 200
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com