Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 120 page
background image
46
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
L1
M
P
H
2 x Applicable tubing
Connection thread
ø
D2
H
L1
M
2 x Applicable tubing
Connection thread
(With sealant)
ø
D2
P
P2
4 x Applicable tubing
L1
M
ø
D2
Connection thread
(With sealant)
H
Branch Universal Male Elbow: KQ2Z (Sealant)
Branch Universal Male Elbow: KQ2Z (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Double Branch Universal Male Elbow: KQ2ZD (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
* Reference dimensions after
installation of NPT thread
Note) øD1 is maximum diameter.
* Reference dimensions after
installation of NPT thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1øD2 L1 L2 L3 A* M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2ZD01-34
lS 14.29 7.1 13.4 18.5 16.3 39 35.8 13.3 13.4 7.1 2.2 1.9 2.5 21.2
ø5/32
1/8
KQ2ZD03-34
lS 14.29 8.2 13.4 18.5 16.3 39 35.8 13.3 13.4 8.2 2.9 2.9 3
21.8
ø3/16
1/8
KQ2ZD05-34
lS 14.29 9.1 13.4 18.4 16.3 39 35.8 13.3 13.4 9.1 4.5 3.7 3.5 22.4
ø1/4
1/8
KQ2ZD07-34
lS 14.29 11.1 13.4 18.3 17.7 40.8 37.6 13.3 13.8 11.1 7.7 6.6 4.6 25.5
1/4
KQ2ZD07-35
lS 14.29 11.1 13.4 18.3 21.1 44.2 39.8 13.3 13.8 11.1 7.7 6.6 4.6 32.4
3/8
KQ2ZD07-36
lS 17.46 11.1 13.4 18.3 22.5 45.6 40.9 13.3 13.8 11.1 7.7 6.6 4.6 44.8
ø5/16
1/4
KQ2ZD09-35
lS 19 13.2 17.6 21.95 22.4 49.2 44.8 14.2 15.9 13.2 20.5 14.2 6
48.7
3/8
KQ2ZD09-36
lS 19 13.2 17.6 21.95 23 49.8 45.1 14.2 15.9 13.2 20.5 14.2 6
56.8
1/2
KQ2ZD09-37
lS 22.23 13.2 17.6 21.95 27.2 54 47.6 14.2 15.9 13.2 20.5 14.2 6
83.3
ø3/8
1/4
KQ2ZD11-35
lS 22.23 15.4 20.6 23.6 24.4 56.3 51.9 15.6 19.2 15.4 23.4 19.3 7
71.1
3/8
KQ2ZD11-36
lS 22.23 15.4 20.6 23.6 24.8 56.7 52 15.6 19.2 15.4 23.4 19.3 7
73.2
1/2
KQ2ZD11-37
lS 22.23 15.4 20.6 23.6 28.7 60.6 54.2 15.6 19.2 15.4 23.4 19.3 7
93.3
ø1/2
3/8
KQ2ZD13-36
lS 25.4 19.3 27 27.9 29.6 64.4 59.7 17 22.3 19.3 43.8 34.3 9.6 137.2
1/2
KQ2ZD13-37
lS 25.4 19.3 27 27.9 32.8 67.6 61.2 17 22.3 19.3 43.8 34.3 9.6 155
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2Z01-34
lS 8
7.1 13.4 18.5 13.7 25.6 22.4 13.3 7.1 2.2 1.9 2.5 14.1
ø5/32
1/8
KQ2Z03-34
lS 8
8.2 13.4 18.5 13.7 25.6 22.4 13.3 8.2 2.9 2.9 3
14.4
ø3/16
1/8
KQ2Z05-34
lS 8
9.1 13.4 18.4 13.7 25.6 22.4 13.3 9.1 4.5 3.7 3.5 14.7
ø1/4
1/8
KQ2Z07-34
lS 8 11.1 13.4 18.4 13.7 25.6 22.4 13.3 11.1 7.5 6.6 4.5 15.2
1/4
KQ2Z07-35
lS 11.11 11.1 17.6 20.4 18 31 26.6 13.3 11.1 7.7 6.6 4.5 29.5
ø5/16
1/8
KQ2Z09-34
lS 11.11 13.2 17.6 21.2 15.1 27.6 24.4 14.2 13.2 20.5 14.2 6 24.1
1/4
KQ2Z09-35
lS 11.11 13.2 17.6 21.2 18.5 31 26.6 14.2 13.2 20.5 14.2 6 31
3/8
KQ2Z09-36
lS 12.7 13.2 20.6 22.3 19.5 35.3 30.6 14.2 13.2 20.5 14.2 6 46
ø3/8
1/4
KQ2Z11-35
lS 12.7 15.4 20.6 25.9 19.1 34.9 30.5 15.6 15.4 23.4 19.3 7 40.7
3/8
KQ2Z11-36
lS 12.7 15.4 20.6 25.9 19.5 35.3 30.6 15.6 15.4 23.4 19.3 7 48.4
ø1/2
3/8
KQ2Z13-36
lS 17.46 19.3 27 30.1 20.2 35.1 30.4 17 19.3 38.8 34.3 9 69.5
1/2
KQ2Z13-37
lS 17.46 19.3 27 30.1 23.4 38.3 31.9 17 19.3 38.8 34.3 9 88.1
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2Z01-32
l 8 7.1 9.8 16.5 10.4 17.9 14.4 13.3 7.1 2.2 1.9 2.5 5.9
ø5/32 10-32UNF
KQ2Z03-32
l 8 8.2 9.8 16.5 10.4 17.9 14.4 13.3 8.2 2.9 2.9 2.5 6.2
ø1/4 10-32UNF
KQ2Z07-32
l 8 11.1 13.4 18.4 12.1 24 20.5 13.3 11.1 2.9 2.9 2.5 13.4
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com