Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
44
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
M
L1
Connection thread
H
2 x Applicable tubing
ø
D2
M
L1
2 x Applicable tubing
H
ø
D2
Connection
thread
(With sealant)
Double Universal Male Elbow: KQ2VD (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Double Universal Male Elbow: KQ2VD (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2VD01-34
lS 14.29 7.1 13.4 19.3 16.3 39 35.8 13.3 13.4 2.2 1.9 2.5 20
ø5/32
1/8
KQ2VD03-34
lS 14.29 8.2 13.4 19.3 16.3 39 35.8 13.3 13.4 2.9 2.9 3
20.2
ø3/16
1/8
KQ2VD05-34
lS 14.29 9.1 13.4 19.6 16.3 39 35.8 13.3 13.4 4.5 3.7 3.5 20.5
ø1/4
1/8
KQ2VD07-34
lS 14.29 11.1 13.4 20.6 17.7 40.8 37.6 13.3 13.8 7.7 6.6 4.6 23.3
1/4
KQ2VD07-35
lS 14.29 11.1 13.4 20.6 21.1 44.2 39.8 13.3 13.8 7.7 6.6 4.6 30.1
3/8
KQ2VD07-36
lS 17.46 11.1 13.4 20.6 22.5 45.6 40.9 13.3 13.8 7.7 6.6 4.6 42.5
ø5/16
1/4
KQ2VD09-35
lS 19 13.2 17.6 23.7 22.4 49.2 44.8 14.2 15.9 16 11.2 6
45
3/8
KQ2VD09-36
lS 19 13.2 17.6 23.7 23 49.8 45.1 14.2 15.9 16 11.2 6
53.2
1/2
KQ2VD09-37
lS 22.23 13.2 17.6 23.7 27.2 54 47.6 14.2 15.9 16 11.2 6
79.7
ø3/8
1/4
KQ2VD11-35
lS 22.23 15.4 20.6 25.3 24.4 56.3 51.9 15.6 19.2 23.4 19.3 7
65.5
3/8
KQ2VD11-36
lS 22.23 15.4 20.6 25.3 24.8 56.7 52 15.6 19.2 23.4 19.3 7
67.6
1/2
KQ2VD11-37
lS 22.23 15.4 20.6 25.3 28.7 60.6 54.2 15.6 19.2 23.4 19.3 7
87.7
ø1/2
3/8
KQ2VD13-36
lS 25.4 19.3 27 30.5 29.6 64.4 59.7 17 22.3 43.8 34.3 9.6 128.6
1/2
KQ2VD13-37
lS 25.4 19.3 27 30.5 32.8 67.6 61.2 17 22.3 43.8 34.3 9.6 146.3
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2VD01-32
l 14.29 7.1 13.4 19.3 15.2 37.9 34.4 13.3 13.4 2.2 1.9 2.3 24.4
ø5/32 10-32UNF
KQ2VD03-32
l 14.29 8.2 13.4 19.3 15.2 37.9 34.4 13.3 13.4 2.5 2.5 2.3 24.6
ø1/4 10-32UNF
KQ2VD07-32
l 14.29 11.1 13.4 20.6 15.6 38.7 35.2 13.3 13.8 2.5 2.5 2.3 26.9
Dimensions


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com