Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
43
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
L1
ø
D2
Connection
thread
Applicable tubing
H
M
L1
M
H
ø
D2
Connection thread
(With sealant)
Applicable tubing
M
L1
H
Connection
thread
ø
D2
Applicable tubing
Connection thread 10-32UNF
Connection
thread NPT
H
L1
M
Connection
thread
(With sealant)
Applicable tubing
ø
D2
Hexagon Socket Head Universal Male Elbow: KQ2VS (Sealant)
Hexagon Socket Head Universal Male Elbow: KQ2VS (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Universal Female Elbow: KQ2VF (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Universal Female Elbow: KQ2VF (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Note) øD1 is maximum diameter.
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2VF01-34
lS 14.29 7.1 13.4 19.3 14.4 28.5 25.3 13.3 2.2 1.9 2.5 18
ø5/32
1/8
KQ2VF03-34
lS 14.29 8.2 13.4 19.3 14.4 28.5 25.3 13.3 2.9 2.9 3
18.1
ø3/16
1/8
KQ2VF05-34
lS 14.29 9.1 13.4 19.6 14.4 28.5 25.3 13.3 4.5 3.7 3.5 18.2
ø1/4
1/8
KQ2VF07-34
lS 14.29 11.1 13.4 20.6 14.4 28.5 25.3 13.3 7.7 6.6 4.6 18.5
1/4
KQ2VF07-35
lS 17.46 11.1 17.6 21.3 19.4 37.9 33.5 13.3 7.7 6.6 4.6 38.4
ø5/16
1/8
KQ2VF09-34
lS 17.46 13.2 17.6 23.5 15.5 30 26.8 14.2 16 11.2 6
28.7
1/4
KQ2VF09-35
lS 17.46 13.2 17.6 23.5 18.9 37.9 33.5 14.2 16 11.2 6
39.3
3/8
KQ2VF09-36
lS 22.23 13.2 25.2 24.9 24 44 39.3 14.2 16 11.2 6
67.2
ø3/8
1/4
KQ2VF11-35
lS 22.23 15.4 20.6 25.8 20.7 40.3 35.9 15.6 23.4 19.3 7
58.7
3/8
KQ2VF11-36
lS 22.23 15.4 25.2 26.3 23.2 44 39.3 15.6 23.4 19.3 7
67.9
ø1/2
3/8
KQ2VF13-36
lS 25.4 19.3 27 30.5 21.2 40.7 36 17 38.8 34.3 9
69.8
1/2
KQ2VF13-37
lS 25.4 19.3 27 30.5 24.4 48.9 42.5 17 38.8 34.3 9
105.7
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2VS01-34
lS 6.35 7.1 13.4 19.3 13.7 25.8 22.6 13.3 2.2 1.9 2.5 13.1
ø5/32
1/8
KQ2VS03-34
lS 6.35 8.2 13.4 19.3 13.7 25.8 22.6 13.3 2.9 2.9 3
13.2
ø3/16
1/8
KQ2VS05-34
lS 6.35 9.1 13.4 19.6 13.7 25.8 22.6 13.3 4.5 3.7 3.5 13.3
ø1/4
1/8
KQ2VS07-34
lS 6.35 11.1 13.4 20.6 13.7 25.8 22.6 13.3 7.7 6.6 4.6 13.7
1/4
KQ2VS07-35
lS 6.35 11.1 15.3 19.9 18.7 28.1 23.7 13.3 7.7 6.6 4.6 20.8
ø5/16
1/8
KQ2VS09-34
lS 8
13.2 17.6 23.5 15.1 26
22.8 14.2 16
11.2 6
19.3
1/4
KQ2VS09-35
lS 8
13.2 17.6 23.5 18.5 29.5 25.1 14.2 16
11.2 6
24.6
3/8
KQ2VS09-36
lS 8
13.2 20.6 23.1 19.5 31.4 26.7 14.2 16
11.2 6
37.6
ø3/8
1/4
KQ2VS11-35
lS 8
15.4 20.6 25.8 19.6 30.8 26.4 15.6 23.4 19.3 7
29
3/8
KQ2VS11-36
lS 8
15.4 20.6 25.8 20
31.4 26.7 15.6 23.4 19.3 7
38.6
ø1/2
3/8
KQ2VS13-36
lS 9.53 19.3 27 30.5 20.2 33.6 28.9 17 38.8 34.3 9
59.2
1/2
KQ2VS13-37
lS 9.53 19.3 27 30.5 23.4 36.8 30.4 17 38.8 34.3 9
78.3
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2VF01-32
l 8
7.1 9.8 17.5 10.4 19.4 15.9 13.3 2.2 1.9 2.5
5.4
ø5/32 10-32UNF
KQ2VF03-32
l 8
8.2 9.8 17.5 10.4 19.4 15.9 13.3 2.9 2.9 2.5
5.5
ø1/4 10-32UNF
KQ2VF07-32
l 14.29 11.1 13.4 20.6 12.8 22.4 18.9 13.3 2.9 2.9 2.5 14.2
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2VS01-32
l 4.4
7.1 9.8 17.5 10.4 18.2 14.7 13.3 2.2 1.9 2.3
5.3
ø5/32 10-32UNF
KQ2VS03-32
l 4.4
8.2 9.8 17.5 10.4 18.2 14.7 13.3 2.9 2.9 2.3
5.4
ø1/4 10-32UNF
KQ2VS07-32
l 6.35 11.1 13.4 20.6 11.1 23.2 19.7 13.3 2.9 2.9 2.5 11.3


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com