Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 40Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
42
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
øD
1
Applicable tubing
H
Connection thread
ø
D2
ø
D2
øD
1
Applicable tubing
Connection thread
(With sealant)
H
ø
D2
L1
M
H
Applicable tubing
Connection
thread
ø
D2
L1
M
H
Applicable tubing
Connection
thread
(With sealant)
Note) øD1 is maximum diameter.
45
° Male Elbow: KQ2K (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
45
° Male Elbow: KQ2K (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Universal Male Elbow: KQ2V (Gasket seal)
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Universal Male Elbow: KQ2V (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2V01-34
lS 8
7.1 13.4 19.3 13.7 25.6 22.4 13.3 2.2 1.9 2.5 13.5
ø5/32
1/8
KQ2V03-34
lS 8
8.2 13.4 19.3 13.7 25.6 22.4 13.3 2.9 2.9 3
13.6
ø3/16
1/8
KQ2V05-34
lS 8
9.1 13.4 19.6 13.7 25.6 22.4 13.3 4.5 3.7 3.5 13.7
ø1/4
1/8
KQ2V07-34
lS 8
11.1 13.4 20.6 13.7 25.6 22.4 13.3 7.5 6.6 4.5 14.1
1/4
KQ2V07-35
lS 8
11.1 15.3 19.9 18.7 32.1 27.7 13.3 7.5 6.6 4.5 25.6
ø5/16
1/8
KQ2V09-34
lS 11.11 13.2 17.6 23.5 15.1 27.6 24.4 14.2 16 11.2 6
22.3
1/4
KQ2V09-35
lS 11.11 13.2 17.6 23.5 18.5 31 26.6 14.2 16 11.2 6
29.2
3/8
KQ2V09-36
lS 12.7 13.2 20.6 23.1 19.5 35.3 30.6 14.2 16 11.2 6
44.1
ø3/8
1/4
KQ2V11-35
lS 12.7 15.4 20.6 25.8 19.6 34.9 30.5 15.6 23.4 19.3 7
37.5
3/8
KQ2V11-36
lS 12.7 15.4 20.6 25.8 20 35.3 30.6 15.6 23.4 19.3 7
45.2
ø1/2
3/8
KQ2V13-36
lS 17.46 19.3 27 30.5 20.2 35.1 30.4 17 38.8 34.3 9
64
1/2
KQ2V13-37
lS 17.46 19.3 27 30.5 23.4 38.3 31.9 17 38.8 34.3 9
82.6
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2V01-32
l 8
7.1 9.8 17.5 10.4 17.9 14.4 13.3 2.2 1.9 2.5
5.2
ø5/32 10-32UNF
KQ2V03-32
l 8
8.2 9.8 17.5 10.4 17.9 14.4 13.3 2.9 2.9 2.5
5.3
ø1/4 10-32UNF
KQ2V07-32
l 8 11.1 13.4 20.6 12.1 24 20.5 13.3 2.9 2.9 2.5 12.2
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2K01-34
lS 11.11 7.1 10 14.3 12.7 21.8 13.3 3
2.5 2.5
5.3
ø5/32
1/8
KQ2K03-34
lS 11.11 8.2 10 14.4 12.7 22.2 13.3 4.2 4.2 3
5.5
ø3/16
1/8
KQ2K05-34
lS 11.11 9.1 10 14.5 13.2 23.1 13.3 6.8 5.6 3.5
5.6
ø1/4
1/8
KQ2K07-34
lS 11.11 11.1 10 14.8 15.2 25.8 13.3 11.3 10
4.5
6
1/4
KQ2K07-35
lS 14.29 11.1 10 14.8 19.6 29
13.3 11.3 10
4.5 15.6
3/8
KQ2K07-36
lS 17.46 11.1 10 14.8 21
30.1 13.3 11.3 10
4.5 27.8
ø5/16
1/8
KQ2K09-34
lS 11.11 13.2 10 16
15.7 27.9 14.2 11.3 11.3 4.5
6.8
1/4
KQ2K09-35
lS 14.29 13.2 12 16
21.1 32.1 14.2 19.7 19.7 6
13.9
3/8
KQ2K09-36
lS 17.46 13.2 12 16
22.5 33.2 14.2 19.7 19.7 6
26
ø3/8
1/8
KQ2K11-34
lS 12.7 15.4 12 18.1 21.1 35.5 15.6 21.2 21.2 6
11.7
1/4
KQ2K11-35
lS 17.46 15.4 17 17.7 28.6 41.5 15.6 28.8 23.8 7
21.8
3/8
KQ2K11-36
lS 17.46 15.4 17 17.7 23.5 36.1 15.6 28.8 23.8 7
19.2
1/2
KQ2K11-37
lS 22.23 15.4 17 17.7 27.7 38.6 15.6 28.8 23.8 7
45.7
ø1/2
1/4
KQ2K13-35
lS 17.46 19.3 17 19.4 28.7 44.1 17
50.3 44.4 9
23.8
3/8
KQ2K13-36
lS 17.46 19.3 17 19.4 23.6 38.7 17
56
44.4 9.5 19.9
1/2
KQ2K13-37
lS 22.23 19.3 17 19.4 27.8 41.2 17
56
44.4 9.5 46
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2K01-32
l 7
7.1
7
14.4 13
21.9 13.3 3
2.5
2.5
2.8
ø5/32 10-32UNF
KQ2K03-32
l 7
8.2
7
14.4 13
22.2 13.3 3.4
3.4
2.5
3
ø1/4 10-32UNF
KQ2K07-32
l 7 11.1 7 14.9 16.5 26.8 13.3 3.5 3.5 2.5 3.6


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com