Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 39Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 40Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 120 page
background image
41
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
øO
L
M
2 x Applicable tubing
ø
D
Q
ø
D2
ø
d
Applicable fitting size
ø
d
M
L1
Applicable tubing
ø
D2
Applicable tubing
M
L1
ø
d
Applicable fitting size
ø
d
ø
D2
L1
M
Applicable tubing
H
Connection thread
NPT
Union Elbow: KQ2L
Plug-in Elbow: KQ2L
Reducer Elbow: KQ2L
Female Elbow: KQ2LF
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Note) øD is maximum diameter.
Note) øD1 is maximum diameter.
Note) øD1 is maximum diameter.
Note) øD1 is maximum diameter.
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/8
KQ2LF01-34
l 14.29 7.1 10 14.5 22.8 13.3 3
2.5 2.5 18.2
1/4
KQ2LF01-35
l 17.46 7.1 10 14.5 26.3 13.3 3
2.5 2.5 31.7
ø5/32
1/8
KQ2LF03-34
l 14.29 8.2 10 14.8 22.4 13.3 4.2 4.2 3
18.3
1/4
KQ2LF03-35
l 17.46 8.2 10 14.8 26.9 13.3 4.2 4.2 3
31.9
ø1/4
1/8
KQ2LF07-34
l 14.29 11.1 10 15.6 23.9 13.3 11.3 10
4.5 18.9
1/4
KQ2LF07-35
l 17.46 11.1 10 15.6 28.4 13.3 11.3 10
4.5 32.4
3/8
KQ2LF07-36
l 22.23 11.1 10 15.6 28.9 13.3 11.3 10
4.5 53.1
ø3/8
1/4
KQ2LF11-35
l 17.46 15.4 17 19.3 27.1 15.6 28.8 23.8 7
28
3/8
KQ2LF11-36
l 22.23 15.4 17 19.3 33.3 15.6 28.8 23.8 7
49.6
1/2
KQ2LF11-37
l 23.81 15.4 17 19.3 36.3 15.6 28.8 23.8 7
56.9
ø1/2
3/8
KQ2LF13-36
l 22.23 19.3 17 21.8 30.4 17
56
44.4 9.5 51.4
1/2
KQ2LF13-37
l 23.81 19.3 17 21.8 33.4 17
56
44.4 9.5 58
Applicable
tubing O.D.
(inch)
Applicable
fitting size
ø
d (inch)
Model
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
ø5/32
KQ2L01-03A 7.1
6.4 14.5 23.9 14.1 13.3
3
2.5 2.5
1.1
ø3/16
KQ2L01-05A 7.1
6.4 14.5 28.4 18.6 13.3
3
2.5 2.5
1.1
ø1/4
KQ2L01-07A 7.1
6.4 14.5 24.5 14.7 13.3
3
2.5 2.5
1.3
ø5/32
ø3/16
KQ2L03-05A 8.2
7.2 14.8 29.1 19.9 13.3
4.2
4.2 3
1.3
ø1/4
KQ2L03-07A 8.2
7.2 14.8 21.1 11.9 13.3
4.2
4.2 3
1.4
ø3/16
ø1/4
KQ2L05-07A 9.1
8
15
21.6 12.8 13.3
6.8
5.6 3.5
1.5
ø5/16
KQ2L05-09A 9.1
8
15
30
20.3 13.3
6.8
5.6 3.5
1.9
ø1/4
ø5/16
KQ2L07-09A 11.1
8
15.6 30.7 22
13.3 11.6 10
4.6
2.3
ø3/8
KQ2L07-11A 11.1
8
15.6 31.1 21
13.3 11.6 10
4.6
3
ø5/16
ø3/8
KQ2L09-11A 13.2 10
18.8 34.1 25.1 14.2 21.6 14.9 6
3.7
ø1/2
KQ2L09-13A 13.2 10
18.8 35.6 25.2 14.2 21.6 14.9 6
4.6
ø3/8
ø1/2
KQ2L11-13A 15.4 12
19.1 36.5 27.2 15.6 28.8 23.8 7
5.6
Applicable
tubing O.D.
(inch)
Applicable
fitting size
ø
d (inch)
Model
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
ø1/8
KQ2L01-99A 7.1
6.4 14.5 20.9 11.1 13.3
3
2.5 2.2
0.9
ø5/32 ø5/32
KQ2L03-99A 8.2
7.2 14.5 21.1 11.9 13.3
4.2
4.2 2.5
1.2
ø3/16 ø3/16
KQ2L05-99A 9.1
8
15
22.2 13.4 13.3
6.8
5.6 3.5
1.4
ø1/4
ø1/4
KQ2L07-99A 11.1
8
15.6 22.8 15
13.3 11.6 10
4.6
1.9
ø5/16 ø5/16
KQ2L09-99A 13.2 10
17.2 26.2 18.6 14.2 21.6 14.9 6
3
ø3/8
ø3/8
KQ2L11-99A 15.4 12
19.1 28
20.1 15.6 28.8 23.8 7
4.5
ø1/2
ø1/2
KQ2L13-99A 19.3 14
21.8 38.7 31.3 17
56.7 44.4 9.6
7.8
Applicable
tubing O.D.
(inch)
Model
Note)
ø
D
L
Q
M
ø
O øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2L01-00A
7.1 14.9
5.4 13.3
6
3.2
3
2.5 2.5
1.6
ø5/32
KQ2L03-00A
8.2 15.3
5.7 13.3
6
3.2
4.2
4.2 3
1.9
ø3/16
KQ2L05-00A
9.1 15.7
6.2 13.3
6
3.2
6.8
5.6 3.5
2.2
ø1/4
KQ2L07-00A
11.1 16.5
7.2 13.3
6
3.2 11.6 10
4.6
2.9
ø5/16
KQ2L09-00A
13.2 18.2
8.4 14.2
8
4.2 21.6 14.9 6
4.7
ø3/8
KQ2L11-00A
15.4 20.4
9.9 15.6
8
4.2 28.8 23.8 7
6.7
ø1/2
KQ2L13-00A
19.3 23.4 11.8 17
8
4.2 56.7 44.4 9.6 10.8


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com