Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 38Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 39Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 40Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
40
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
ø
D2
L1
M
Applicable tubing
Connection thread
H
Applicable tubing
Connection
thread
(With sealant)
H
M
L1
ø
D2
Male Elbow: KQ2L (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
NPT thread
Note) øD1 is maximum diameter.
Male Elbow: KQ2L (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(inch)
Connection
thread
NPT
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
1/16
KQ2L01-33
lS 11.11 7.1 10 14.5 24.3 23.8 13.3 3
2.5 2.5
9.1
1/8
KQ2L01-34
lS 11.11 7.1 10 14.5 16.7 17.1 13.3 3
2.5 2.5
5.5
1/4
KQ2L01-35
lS 14.29 7.1 10 14.5 21.1 20.3 13.3 3
2.5 2.5 15
ø5/32
1/16
KQ2L03-33
lS 11.11 8.2 10 14.8 23.8 23.8 13.3 4.2 4.2 3
9.3
1/8
KQ2L03-34
lS 11.11 8.2 10 14.8 16.2 17.1 13.3 4.2 4.2 3
5.6
1/4
KQ2L03-35
lS 14.29 8.2 10 14.8 21.6 21.3 13.3 4.2 4.2 3
15.2
ø3/16
1/8
KQ2L05-34
lS 11.11 9.1 10 15
16.7 18.1 13.3
6.8
5.6 3.5
5.8
1/4
KQ2L05-35
lS 14.29 9.1 10 15
22.1 22.3 13.3
6.8
5.6 3.5 15.4
ø1/4
1/16
KQ2L07-33
lS 11.11 11.1 10 15.6 25.3 26.8 13.3 6.8 6.8 3.5
9.8
1/8
KQ2L07-34
lS 11.11 11.1 10 15.6 17.7 20.1 13.3 11.3 10
4.5
6.1
1/4
KQ2L07-35
lS 14.29 11.1 10 15.6 23.1 24.3 13.3 11.3 10
4.5 15.7
3/8
KQ2L07-36
lS 17.46 11.1 10 15.6 24.5 25.4 13.3 11.3 10
4.5 28
ø5/16
1/8
KQ2L09-34
lS 11.11 13.2 10 16.4 18.7 22.1 14.2 11.4 11.4 4.5
6.9
1/4
KQ2L09-35
lS 14.29 13.2 12 17.2 24.1 26.3 14.2 21.6 14.9 6
14.1
3/8
KQ2L09-36
lS 17.46 13.2 12 17.2 25.5 27.4 14.2 21.6 14.9 6
26.2
ø3/8
1/8
KQ2L11-34
lS 12.7 15.4 12 18.6 23.2 27.7 15.6 21.2 21.2 6
11.8
1/4
KQ2L11-35
lS 17.46 15.4 17 19.3 28.6 31.9 15.6 28.8 23.8 7.5 21.7
3/8
KQ2L11-36
lS 17.46 15.4 17 19.3 29.2 32.2 15.6 28.8 23.8 7.5 19.8
1/2
KQ2L11-37
lS 22.23 15.4 17 19.3 33.4 34.7 15.6 28.8 23.8 7.5 46.2
ø1/2
1/4
KQ2L13-35
lS 17.46 19.3 17 21.5 30.5 35.7 17
50.3 44.4 9
24
3/8
KQ2L13-36
lS 17.46 19.3 17 21.8 26.3 31.2 17
56
44.4 9.5 20.3
1/2
KQ2L13-37
lS 22.23 19.3 17 21.8 30.5 33.7 17
56
44.4 9.5 46.3
Applicable
tubing O.D.
(inch)
Connection
thread
UNF
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8 10-32UNF
KQ2L01-32
l 7
7.1
7
15.3 14.2 14.3 13.3 2.6
2.2
2.5
3
ø5/32 10-32UNF
KQ2L03-32
l 7
8.2
7
15.4 14.7 15.3 13.3 3.5
3.5
2.5
3.1
ø3/16 10-32UNF
KQ2L05-32
l 7
9.1
7
14.5 15.8 16.9 13.3 3.5
3.5
2.5
3.2
ø1/4 10-32UNF
KQ2L07-32
l 7 11.1 7 15.4 16
18.1 13.3 3.5
3.5
2.5
3.5


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com