Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 36Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 37Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 38Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 39Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 40Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
38
Inch Size One-touch Fittings
Series
KQ2
Applicable Tubing: Inch Size, Connection Thread: UNF, NPT
2 x Applicable tubing
M
M
L
Applicable
tubing a
Applicable
tubing b
L
M2
M1
Connection
thread
Applicable
tubing
H
M
L1
L2
Different Diameter Straight: KQ2H
Note) øD1, øD2 are maximum diameters.
Note) øD is maximum diameter.
Female Connector: KQ2F
l/A: Brass, N: Brass + Electroless nickel plated
Straight Union: KQ2H
Note) øD is maximum diameter.
Dimensions
Applicable
tubing O.D.
(inch)
Connection
thread
UNF, NPT
Model
H
(Width
across
flats)
Note)
ø
D
L1
L2
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
10-32UNF
KQ2F01-32
l 7
6.9 19.7
5.7 13.3
3
2.5
2.5
3.4
1/8
KQ2F01-34
l 14.29 6.9 25
9.5 13.3
3
2.5
2.5 13.4
1/4
KQ2F01-35
l 17.46 6.9 29.8 13.3 13.3
3
2.5
2.5 24.4
ø5/32
10-32UNF
KQ2F03-32
l 8
7.9 19.5
5.7 13.3
4
4
3
4.5
1/8
KQ2F03-34
l 14.29 7.9 24.8
9.5 13.3
5.6
4
3
13.7
1/4
KQ2F03-35
l 17.46 7.9 29.7 13.3 13.3
5.6
4
3
24.7
ø1/4
10-32UNF
KQ2F07-32
l 11.11 10.2 17.7
5.5 13.3 10.1 10.1
3.9
6.7
1/8
KQ2F07-34
l 14.29 10.2 24.4
9.5 13.3 13
11.5
4.6 14.2
1/4
KQ2F07-35
l 17.46 10.2 29.2 13.3 13.3 13
11.5
4.6 25.1
3/8
KQ2F07-36
l 22.23 10.2 30.5 13.2 13.3 13
11.5
4.6 38.7
ø5/16
1/8
KQ2F09-34
l 14.29 12.4 24.8
9.2 14.2 26.1 18
6
15.2
1/4
KQ2F09-35
l 17.46 12.4 29.7 11.8 14.2 26.1 18
6
26.2
3/8
KQ2F09-36
l 22.23 12.4 31
12.4 14.2 26.1 18
6
39.8
ø3/8
1/4
KQ2F11-35
l 17.46 14.3 30.5 11.8 15.6 35.3 29.1
8
27.2
3/8
KQ2F11-36
l 22.23 14.3 31.8 12.4 15.6 35.3 29.1
8
40.7
1/2
KQ2F11-37
l 23.81 14.3 34.9 15.8 15.6 35.3 29.1
8
45.6
ø1/2
3/8
KQ2F13-36
l 22.23 18.1 32.6 12.4 17
66
51.7 10
43.8
1/2
KQ2F13-37
l 23.81 18.1 35.7 15.8 17
66
51.7 10
48.6
Applicable
tubing O.D. (inch)
Model
Note)
ø
D1
Note)
ø
D2
L
M1
M2
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø1/8
ø5/32
KQ2H01-03A
7.1
8.2 27.6 13.3 13.3
3.4
2.9
2.5
1.5
ø1/4
KQ2H01-07A
7.1 11.1 27.6 13.3 13.3
3.4
2.9
2.5
2
ø5/32
ø3/16
KQ2H03-05A
8.2
9.1 27.6 13.3 13.3
5.6
5.6
3
1.8
ø1/4
KQ2H03-07A
8.2 11.1 27.6 13.3 13.3
5.6
5.6
3
2.1
ø3/16
ø1/4
KQ2H05-07A
9.1 11.1 27.6 13.3 13.3
7.8
6.5
3.5
2.2
ø1/4
ø5/16
KQ2H07-09A 11.1 13.2 28.5 13.3 14.2 13.5 11.5
4.6
3.2
ø3/8
KQ2H07-11A 11.1 15.4 29.9 13.3 15.6 13.5 11.5
4.6
4.1
ø5/16
ø3/8
KQ2H09-11A 13.2 15.4 30.8 14.2 15.6 26.1 18
6
4.7
ø1/2
KQ2H09-13A 13.2 19.3 32.2 14.2 17
26.1 18
6
6.6
ø3/8
ø1/2
KQ2H11-13A 15.4 19.3 33.6 15.6 17
35.3 29.1
7
7.3
Applicable
tubing O.D.
(inch)
Model
ø
D Note)
L
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø1/8
KQ2H01-00A
7.1
27.6
13.3
3.4
2.9
2.5
1.4
ø5/32
KQ2H03-00A
8.2
27.6
13.3
5.6
4
3
1.6
ø3/16
KQ2H05-00A
9.1
27.6
13.3
7.8
6.5
3.5
1.9
ø1/4
KQ2H07-00A
11.1
27.6
13.3
13.5
11.5
4.6
2.4
ø5/16
KQ2H09-00A
13.2
29.4
14.2
26.1
18
6
3.7
ø3/8
KQ2H11-00A
15.4
32.2
15.6
35.3
29.1
7
5.2
ø1/2
KQ2H13-00A
19.3
35
17
66
51.7
9.6
8.7


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com