Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 33Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 34Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 35Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 36Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
30
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D
Applicable tubing
L
M
M
2 x Applicable fitting
Applicable fitting b
Applicable fitting a
øD
2
L
Applicable tubing
Tube Cap: KQ2C
Note) øD is maximum diameter.
Nipple: KQ2N
Reducer Nipple: KQ2N
l: B (Black), R (Red), YR (Orange), BR (Brown), Y (Yellow), G (Green), CB (Sky blue),
GR (Gray), W (White), BU (Blue)
Color Cap: KQ2C
Dimensions
Applicable
tubing O.D. (mm)
Model
ø
D1
ø
D2
L
Weight
(g)
ø
2
KQ2C-02
lA
6.1
3.2
2.6
0.1
ø
3.2
KQ2C-23
lA
7.3
4.3
2.6
0.1
ø
4
KQ2C-04
lA
8.3
5.2
2.6
0.1
ø
6
KQ2C-06
lA
10.3
7.2
2.6
0.1
ø
8
KQ2C-08
lA
12.8
9.2
2.6
0.1
ø
10
KQ2C-10
lA
15.2
11.2
2.7
0.1
ø
12
KQ2C-12
lA
17.6
13.2
2.7
0.1
ø
16
KQ2C-16
lA
22.4
17.2
3.2
0.2
Applicable fitting
ø
D
Model
L
M
ø
d
Min.
port size
Weight
(g)
ø
4
KQ2N04-99
37
13.3
2.5
2.5
1
ø
6
KQ2N06-99
39
13.3
4
4
2
ø
8
KQ2N08-99
43
14.2
6
6
2
ø
10
KQ2N10-99
49
15.6
7.5
7.5
4
ø
12
KQ2N12-99
52
17
9
9
3.3
ø
16
KQ2N16-99
57
17
13
13
4.8
Applicable
tubing O.D. (mm)
Model
ø
D Note)
L
M
Weight
(g)
ø
4
KQ2C04-00A
8.2
14.5
13.3
0.8
ø
6
KQ2C06-00A
10.4
14.6
13.3
1.1
ø
8
KQ2C08-00A
13.2
15.7
14.2
2
ø
10
KQ2C10-00A
15.9
17.3
15.6
2.9
ø
12
KQ2C12-00A
18.5
18.9
17
4.5
ø
16
KQ2C16-00A
23.8
23
20.6
8.4
Applicable fitting
Model
L
M1
M2
ø
d
Min. port size
Weight
(g)
a
b
ø
4
ø
6
KQ2N04-06
38
13.3
13.3
2.5
2
ø
6
ø
8
KQ2N06-08
42
14.2
13.3
4
2
ø
8 ø10
KQ2N08-10
47
15.6
14.2
6
2
ø
10 ø12
KQ2N10-12
51
17
15.6
7.5
3.1
ø
12 ø16
KQ2N12-16
55
20.6
17
9
4.9


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com