Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 33Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 34Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 35Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
29
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
2 x Applicable tubing
B
M
H1
H2
T
A
L
Applicable fitting size
ø
d
Applicable fitting size
ø
d
H
Connection thread
ø
d
ø
d
Applicable fitting size
ø
d
H
Connection thread
(With sealant)
Bulkhead Male Elbow: KQ2LE
Note) øD is maximum diameter.
Plug: KQ2P
l/A: Brass, N: Brass + Electroless nickel plated
Adapter: KQ2N (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Adapter: KQ2N (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after
installation of R thread
Dimensions
Applicable
fitting size
ø
d
Connection
thread
R
Model
H
(Width
across
flats)
L
A*
M
Min.
port
size
Weight
(g)
ø
4
1/8
KQ2N04-01
lS
10
28.3
25.2
11.9
2.5
4
ø
6
1/8
KQ2N06-01
lS
10
28.3
25.2
11.9
4
4.1
1/4
KQ2N06-02
lS
14
32.8
28.1
14.8
4
13.6
ø
8
1/4
KQ2N08-02
lS
14
35.9
31.2
17
6
15.7
3/8
KQ2N08-03
lS
17
36
30.9
16.7
6
22.7
ø
10
3/8
KQ2N10-03
lS
17
40.6
35.5
19.9
7.5
19.1
Applicable
fitting size
ø
d
Connection
thread
M
Model
H
(Width
across
flats)
L
A
M
Min.
port
size
Weight
(g)
ø
4 M5 x 0.8 KQ2N04-M5
l
7
29.7
26.7
13.4
2.5
2.4
ø
6 M5 x 0.8 KQ2N06-M5
l
7
29.7
26.7
13.4
2.5
2.6
Applicable
fitting size ø
d
Model
ø
D
L
A
Weight
(g)
ø
2
KJP-02
3
17
10.4
0.1
ø
3.2
KQ2P-23
5
31.5
18.2
1
ø
4
KQ2P-04
6
32
18.7
1
ø
6
KQ2P-06
8
35
21.7
1
ø
8
KQ2P-08
10
39
24.8
2
ø
10
KQ2P-10
12
43
27.4
3.5
ø
12
KQ2P-12
14
45.5
28.5
5
ø
16
KQ2P-16
20.9
47
26.4
8
Applicable
tubing O.D.
(mm)
Model
T
(M)
H1
(Width
across
flats)
H2
(Width
across
flats)
B
E
Note)
ø
D
Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
KQ2LE04-00
l M12 x 1 14 14 14.8 28.5 8.2 13 13.3 4.2 4.2 3
21.2
ø
6
KQ2LE06-00
l M14 x 1 17 17 15.5 29.6 10.4 15 13.3 11.4 9
4.5 29.4
ø
8
KQ2LE08-00
l M16 x 1 17 19 17.2 32.3 13.2 17 14.2 21.6 14.9 6
30.4
ø
10
KQ2LE10-00
l M20 x 1 22 24 19.3 37.9 15.9 21 15.6 35.2 25
7.5 53.5
ø
12
KQ2LE12-00
l M22 x 1 24 27 21.5 40.8 18.5 23 17 50.2 39.7 9
61


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com