Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 33Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 34Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
28
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
d
Applicable tubing
Applicable fitting size
ø
d
ø
D
Mounting plate
thickness
11 mm or less
L
M
M
T
2 x Applicable tubing
H
Mounting plate
thickness
ø2: 7 mm or less
Others: 11 mm or less
L
M
M
T
2 x Applicable tubing
H
Mounting plate
thickness
7 mm or less
L1
M
L2
Connection
thread
Rc
H1
H2
T
Applicable tubing
Plug-in Reducer: KQ2R
Bulkhead Union: KQ2E (Interchangeable with KQ)
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Bulkhead Union: KQ2E (Interchangeable with KJ)
l/A: Brass, N: Brass + Electroless nickel plated
Bulkhead Connector: KQ2E
l/A: Brass, N: Brass + Electroless nickel plated
Dimensions
Applicable
tubing O.D.
(mm)
Model
T
(M)
H
(Width
across
flats)
L Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
KQ2E02-00
lJ M7 x 0.75
9
24.5
8
11.9
0.9
1.4
5.2
ø
3.2
KQ2E23-00
lJ M8 x 0.75 10
27.3
9
13.3
3
2.5
2.5
6.9
ø
4
KQ2E04-00
lJ M9 x 0.75 11
27.3
10
13.3
4
4
3
8.3
ø
6
KQ2E06-00
lJ M11 x 0.75 14
27.3
12
13.3
10
10
4.5
11.2
Applicable
tubing O.D.
(mm)
Model
T
(M)
H
(Width
across
flats)
L Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
KQ2E23-00
l M12 x 1 14
27.3
13
13.3
3.4
2.9
2.5
24.1
ø
4
KQ2E04-00
l M12 x 1 14
27.3
13
13.3
5.6
4
3
22.9
ø
6
KQ2E06-00
l M14 x 1 17
27.3
15
13.3
13.1 10.4
4.5
28
ø
8
KQ2E08-00
l M16 x 1 19
29.1
17
14.2
26.1 18
6
34
ø
10
KQ2E10-00
l M20 x 1 24
31.9
21
15.6
41.5 29.5
7.5
64.4
ø
12
KQ2E12-00
l M22 x 1 27
34.7
23
17
58.3 46.1
9
63.8
ø
16
KQ2E16-00
l M28 x 1.5 32
41.9
29
20.6 113
67
13
120.1
Applicable
tubing O.D.
(mm)
Connection
thread
Rc
Model
T
(M)
H1
(Width
across
flats)
H2
(Width
across
flats)
L1
L2 Mounting
hole
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
NylonUrethane
ø
3.2
1/4
KQ2E23-02
l M12 x 1 17
14 28.7 14.3 13 13.3
3.4 2.9
2.5 31.2
ø
4
1/8
KQ2E04-01
l M12 x 1 14
14 24.4 10
13 13.3
5.6 4
3
21.2
1/4
KQ2E04-02
l M12 x 1 17
14 29
14.6 13 13.3
5.6 4
3
30.9
ø
6
1/8
KQ2E06-01
l M14 x 1 17
17 23.6
9.2 15 13.3 13.1 10.4
4.5 28.9
1/4
KQ2E06-02
l M14 x 1 17
17 28.4 14
15 13.3 13.1 10.4
4.5 32.4
3/8
KQ2E06-03
l M14 x 1 19
17 30.7 16.3 15 13.3 13.1 10.4
4.5 35.9
ø
8
1/8
KQ2E08-01
l M16 x 1 17
19 24.1
6.7 17 14.2 26.1 18
6
30.5
1/4
KQ2E08-02
l M16 x 1 17
19 28.4 11
17 14.2 26.1 18
6
33.1
3/8
KQ2E08-03
l M16 x 1 19
19 31.7 14.3 17 14.2 26.1 18
6
37.4
ø
10
1/4
KQ2E10-02
l M20 x 1 22
24 29.3
9.9 21 15.6 41.5 29.5
7.5 63.8
3/8
KQ2E10-03
l M20 x 1 22
24 31.4 12
21 15.6 41.5 29.5
7.5 71.6
ø
12
3/8
KQ2E12-03
l M22 x 1 24
27 32.3 11.9 23 17
58.3 46.1
9
69.3
1/2
KQ2E12-04
l M22 x 1 24
27 37.7 17.3 23 17
58.3 46.1
9
72.7
ø
16
3/8
KQ2E16-03
l M28x1.5 30
32 34.4 11.5 29 20.6 96
67
13
122.2
1/2
KQ2E16-04
l M28 x 1.5 30
32 38.8 15.9 29 20.6 113
67
13
132.1
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D
L
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
ø
4
KQ2R02-04A
5.8
27.8
14.5
11.9
0.9
1.4
0.6
ø
3.2
ø
4
KQ2R23-04A
7.1
28.6
15.3
13.3
3.4
2.9
2.5
0.8
ø
6
KQ2R23-06A
7.1
29.1
15.8
13.3
3.4
2.9
2.5
1
ø
4
ø
6
KQ2R04-06A
8.2
28.6
15.3
13.3
5.6
4
3
1.1
ø
8
KQ2R04-08A
8.2
29.6
15.4
13.3
5.6
4
3
1.3
ø
10 KQ2R04-10A 10.4
31.7
16.1
13.3
5.6
4
3
2.2
ø
6
ø
4
KQ2R06-04A 10.4
33.6
20.3
13.3
4
4
2.5
1.4
ø
8
KQ2R06-08A 10.4
31.6
17.4
13.3
13.1
10.4
4.5
1.7
ø
10 KQ2R06-10A 10.4
33.9
18.3
13.3
13.1
10.4
4.5
2.1
ø
12 KQ2R06-12A 12
35.7
18.7
13.3
13.1
10.4
4.5
3.2
ø
8
ø
10 KQ2R08-10A 13.2
35.1
19.5
14.2
26.1
18
6
2.9
ø
12 KQ2R08-12A 13.2
36.5
19.5
14.2
26.1
18
6
3.4
ø
10
ø
12 KQ2R10-12A 15.9
39.2
22.2
15.6
41.5
32.8
7.5
4.5
ø
16 KQ2R10-16A 16
44.7
24.1
15.6
41.5
32.8
7.5
6
ø
12
ø
16 KQ2R12-16A 18.5
45.7
25.1
17
58.3
46.1
9
7


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com