Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 33Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
27
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D2
4 x Applicable tubing
ø
D1
2 x
ø
N
2 x
ø
O
Applicable fitting size
ø
d
ø
d
I
I
Q
Q
ø
D2
Q
2 x Applicable tubing
ø
D1 øD1
P
2 x
ø
O
2 x
ø
N
Applicable fitting size
ø
d
ø
d
Double Plug-in “Y”: KQ2XD
Note) øD1 is maximum diameter.
Different Diameter Plug-in “Y”: KQ2X
Note) øD1, øD2 are maximum diameters.
Dimensions
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D1
Note)
ø
D2 L1 L2 A
P M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
ø
4 KQ2X23-04A 7.1 8.2 44.7 18 31.4 7.1 13.3 5.7 6 3.2 3.2 2.7 2.5 2.8
ø
4
ø
6 KQ2X04-06A 8.2 10.4 45.2 18 31.9 8.2 13.3 6.8 6 3.2 4.2 4.2 3
3.8
ø
6
ø
8 KQ2X06-08A 10.4 13.2 49.9 19.3 35.7 10.4 13.3 8.2 6 3.2 13.4 10.6 4.5 5.5
ø
8
ø
10 KQ2X08-10A 13.2 15.9 54.8 22.3 39.2 13.2 14.2 10.1 8 4.2 25.6 17.7 6
9.8
ø
10
ø
12 KQ2X10-12A 15.9 18.5 60.4 25 43.4 15.9 15.6 11.4 8 4.2 40 28.4 7.5 14.6
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D1 øD2 L1 L2 A
I
P M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
ø
6 KQ2XD04-06A 8.2 10.4 45.4 18.2 32.1 16.6 8.2 13.3 6.8 6 3.2 4.2 4.2 3
5.9
ø
6
ø
8 KQ2XD06-08A 10.4 13.2 50.9 20.5 36.7 21 10.4 13.3 8.2 6 3.2 13.4 10.6 4.5 8.6


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com