Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
25
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D
2 x
ø
N
2 x
ø
O
Q
Q
3 x Applicable tubing
P
Q
Q
ø
D
2 x Applicable tubing
ø
D
P
Applicable fitting size
ø
d
ø
d
2 x
ø
O
2 x
ø
N
Q
Q
Applicable tubing b
ø
D2
2 x Applicable tubing a
P
ø
D1
ø
D1
2 x
ø
N
2 x
ø
O
Union “Y”: KQ2U
Note) øD is maximum diameter.
Different Diameter Union “Y”: KQ2U
Note) øD1, øD2 are maximum diameters.
Plug-in “Y”: KQ2U
Note) øD is maximum diameter.
Dimensions
Applicable
tubing O.D. (mm)
Model
Note)
ø
D1
Note)
ø
D2 L1 L2 P M1 M2 Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
NylonUrethane
ø
2
ø
3.2 KQ2U02-23A 5.8 7.1 28.2 16.6 5.8 11.9 13.3 5.2 6 3.2 — 0.9 1.2 1.9
ø
2
ø
4 KQ2U02-04A 5.8 8.2 27.6 15.7 5.8 11.9 13.3 5.7 6 3.2 — 0.9 1.2 2.1
ø
3.2
ø
4 KQ2U23-04A 7.1 8.2 28.9 18
7.1 13.3 13.3 5.7 6 3.2 3.2 2.7 2.5 2.7
ø
4
ø
6 KQ2U04-06A 8.2 10.4 29 18
8.2 13.3 13.3 6.8 6 3.2 4.2 4.2 3
3.3
ø
6
ø
8 KQ2U06-08A 10.4 13.2 31 19.3 10.4 13.3 14.2 8.2 6 3.2 13.4 10.6 4.5 5
ø
8
ø
10 KQ2U08-10A 13.2 15.9 34.6 22.3 13.2 14.2 15.6 10.1 8 4.2 25.6 17.7 6
8.6
ø
10
ø
12 KQ2U10-12A 15.9 18.5 38.5 25 15.9 15.6 17 11.4 8 4.2 40 28.4 7.5 12.7
ø
12
ø
16 KQ2U12-16A 18.5 23.8 47.9 31 18.5 17 20.6 14
8 4.2 57.4 45.4 9
21.2
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D L1 L2 P
A M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2 ø3.2 KQ2U23-99A 7.1 45.1 18
7.1 31.8 13.3 5.2 6
3.2
3.4 2.9 2
2.5
ø
4
ø
4
KQ2U04-99A 8.2 44.8 18.2 8.2 31.5 13.3 5.7 6 3.2 4.2 4.2 2.5 3.1
ø
6
ø
6
KQ2U06-99A 10.4 46.3 19.4 10.4 33 13.3 6.8 6 3.2 13.4 10.6 4
4.5
ø
8
ø
8
KQ2U08-99A 13.2 52.1 22.3 13.2 37.9 14.2 8.7 8 4.2 25.6 17.7 6
8
ø
10
ø
10 KQ2U10-99A 15.9 57.3 25 15.9 41.7 15.6 10.1 8 4.2 40 28.4 7.5 12.3
ø
12
ø
12 KQ2U12-99A 18.5 63 27.8 18.5 46 17 11.4 8 4.2 57.4 45.4 9 18.3
ø
16
ø
16 KQ2U16-99A 23.8 75.9 35 23.8 55.3 20.6 14
8
4.2 113 60 13
33.5
Applicable
tubing O.D.
(mm)
Model
Note)
ø
D L1 L2
P
M
Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
KQ2U02-00A 5.8 25.8 16.1 5.8 11.9 4.5 6
3.2
0.9 1.2 1.6
ø
3.2
KQ2U23-00A 7.1 28.9 18
7.1 13.3 5.2
6
3.2
3.4 2.9 2.5 2.4
ø
4
KQ2U04-00A 8.2 29 18.2 8.2 13.3 5.7 6
3.2
4.2 4.2 3
2.9
ø
6
KQ2U06-00A 10.4 30.1 19.4 10.4 13.3 6.8 6
3.2 13.4 10.6 4.5 4.1
ø
8
KQ2U08-00A 13.2 33.2 22.3 13.2 14.2 8.7 8
4.2 25.6 17.7 6
7.4
ø
10
KQ2U10-00A 15.9 37.1 25 15.9 15.6 10.1 8
4.2 40 28.4 7.5 11.2
ø
12
KQ2U12-00A 18.5 41.1 27.8 18.5 17 11.4 8
4.2 57.4 45.4 9
16.4
ø
16
KQ2U16-00A 23.8 51.5 35 23.8 20.6 14
8
4.2 113 60
13
30.6


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com