Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
23
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D
øO
ø
D
L1
M
Q
2 x Applicable tubing
H
Connection thread
øN
ø
D
ø
D
Q
M
L1
2 x Applicable tubing
H
Connection thread
(With sealant)
Male Delta Union: KQ2D (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Male Delta Union: KQ2D (Gasket seal)
Note) øD is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D L1 L2 A* M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2D04-01
lS 10 8.2 15.8 23.3 24.3 13.3 5.7 6 3.2 6
6
3.6 9.2
1/4
KQ2D04-02
lS 14 8.2 15.8 27.7 27.1 13.3 5.7 6 3.2 6
6
3.6 19
ø
6
1/8
KQ2D06-01
lS 12 10.4 16.8 24.3 26.4 13.3 6.7 6 3.2 13.9 11
5.4 10.2
1/4
KQ2D06-02
lS 14 10.4 16.8 28.7 29.2 13.3 6.7 6 3.2 13.9 11
5.4 19.1
3/8
KQ2D06-03
lS 17 10.4 16.8 30.1 30.2 13.3 6.7 6 3.2 13.9 11
5.4 31
ø
8
1/8
KQ2D08-01
lS 14 13.2 18.8 26.3 29.8 14.2 8.4 8 4.2 26.3 18.2 6 15.3
1/4
KQ2D08-02
lS 14 13.2 18.8 30.7 32.6 14.2 8.4 8 4.2 26.3 18.2 7.3 20.4
3/8
KQ2D08-03
lS 17 13.2 18.8 32.1 33.6 14.2 8.4 8 4.2 26.3 18.2 7.3 32.1
ø
10
1/4
KQ2D10-02
lS 17 15.9 21.2 33.1 36.3 15.6 9.6 8 4.2 40.8 29
9 24.9
3/8
KQ2D10-03
lS 17 15.9 21.2 34.5 37.3 15.6 9.6 8 4.2 40.8 29
9.4 32.7
1/2
KQ2D10-04
lS 22 15.9 21.2 38.7 40.2 15.6 9.6 8 4.2 40.8 29
9.4 60.6
ø
12
1/4
KQ2D12-02
lS 19 18.5 23.6 35.5 40 17 10.7 8 4.2 57.2 45.2 9 35
3/8
KQ2D12-03
lS 19 18.5 23.6 36.9 41 17 10.7 8 4.2 57.2 45.2 11 38
1/2
KQ2D12-04
lS 22 18.5 23.6 41.1 43.9 17 10.7 8 4.2 57.2 45.2 11.6 60
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D L1 L2 A M Q øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
M5 x 0.8
KQ2D04-M5
l 10 8.2 15.8 20.7 21.8 13.3 5.7 6 3.2 2.2 2.2 1.8 6.6
M6 x 1.0
KQ2D04-M6
l 10 8.2 15.8 21.7 21.8 13.3 5.7 6 3.2 4.3 4.3 3
6.4
ø
6
M5 x 0.8
KQ2D06-M5
l 12 10.4 16.8 21.7 23.9 13.3 6.7 6 3.2 4.3 4.3 1.8 9.8
M6 x 1.0
KQ2D06-M6
l 12 10.4 16.8 22.7 23.9 13.3 6.7 6 3.2 4.3 4.3 3
9.7


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com