Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
22
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
M
L1
ø
D1
2 x Applicable tubing
H
Connection thread
ø
D2
ø
D2
M
L1
ø
D1
2 x Applicable tubing
Connection thread
(With sealant)
H
Note) øD1 is maximum diameter.
Male Run Tee: KQ2Y (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Male Run Tee: KQ2Y (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2Y23-01
lS 10 7.1 10 14.9 16.6 14.9 28.5 13.3 3.4 2.9 2.5 5.3
1/4
KQ2Y23-02
lS 14 7.1 10 14.9 21.1 14.9 31.4 13.3 3.4 2.9 2.5 14.7
ø
4
1/8
KQ2Y04-01
lS 10 8.2 10 15.3 16.2 15.3 28.4 13.3 6.4 4.4 3
5.6
1/4
KQ2Y04-02
lS 14 8.2 10 15.3 21.7 15.3 32.3 13.3 6.4 4.4 3 15
ø
6
1/8
KQ2Y06-01
lS 10 10.4 10 16.3 17.3 16.3 30.5 13.3 13.4 10.6 4.5 6.2
1/4
KQ2Y06-02
lS 14 10.4 10 16.3 22.8 16.3 34.4 13.3 13.4 10.6 4.5 15.8
3/8
KQ2Y06-03
lS 17 10.4 10 16.3 24.1 16.3 35.3 13.3 13.4 10.6 4.5 27.5
ø
8
1/8
KQ2Y08-01
lS 10 13.2 10 18.2 18.7 18.2 33.8 14.2 13.4 13.4 4.5 8
1/4
KQ2Y08-02
lS 14 13.2 12 18.2 25.4 18.2 38.9 14.2 25.6 17.7 6 19.5
3/8
KQ2Y08-03
lS 17 13.2 12 18.2 25.5 18.2 38.6 14.2 25.6 17.7 6 26.5
ø
10
1/8
KQ2Y10-01
lS 12 15.9 12 20.6 23.5 20.6 41.1 15.6 40 28.4 6 14
1/4
KQ2Y10-02
lS 17 15.9 17 20.6 28.6 20.6 44.6 15.6 40 28.4 7.5 24.5
3/8
KQ2Y10-03
lS 17 15.9 17 20.6 29.5 20.6 45.1 15.6 40 28.4 7.5 25
1/2
KQ2Y10-04
lS 22 15.9 17 20.6 33.5 20.6 47.8 15.6 40 28.4 7.5 47.4
ø
12
1/4
KQ2Y12-02
lS 17 18.5 17 23 29.9 23 48.3 17 57.4 45.4 9 27.6
3/8
KQ2Y12-03
lS 17 18.5 17 23 30.8 23 48.8 17 57.4 45.4 9 28.2
1/2
KQ2Y12-04
lS 22 18.5 17 23 34.8 23 51.5 17 57.4 45.4 9 50.7
ø
16
1/4
KQ2Y16-02
lS 17 23.8 17 28.6 32.6 28.6 56.5 20.6 57.4 45.4 9 36
3/8
KQ2Y16-03
lS 22 23.8 21 28.6 35.4 28.6 58.9 20.6 81 60 11 48.3
1/2
KQ2Y16-04
lS 22 23.8 21 28.6 34.1 28.6 56.3 20.6 113 60 13 52
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
M3 x 0.5
KQ2Y02-M3G 5.5 5.8 5.5 12.9 12.5 12.9 22.8 11.9 — 0.9 1.2 2
M5 x 0.8
KQ2Y02-M5
l 7
5.8 5.5 12.9 13
12.9 22.9 11.9 —
0.9 1.4 3.1
ø
3.2
M3 x 0.5
KQ2Y23-M3G 7
7.1 7
15.3 13.8 15.3 26.5 13.3 0.9 0.9 1.2 3.1
M5 x 0.8
KQ2Y23-M5
l 7
7.1 7
15.3 14.3 15.3 26.6 13.3 3.2 2.7 2.5 3.5
ø
4
M3 x 0.5
KQ2Y04-M3G 7
8.2 7
15.4 14.3 15.4 27.1 13.3 0.9 0.9 1.2 3.4
M5 x 0.8
KQ2Y04-M5
l 7
8.2 7
15.4 14.8 15.4 27.2 13.3 4.5 4.5 2.5 3.9
M6 x 1.0
KQ2Y04-M6
l 8
8.2 7
15.4 15.8 15.4 27.2 13.3 4.5 4.5 2.5 4.9
ø
6
M5 x 0.8
KQ2Y06-M5
l 7
10.4 7
16.3 16.5 16.3 29.8 13.3 4.5 4.5 2.5 4.6
M6 x 1.0
KQ2Y06-M6
l 8
10.4 7
16.3 17.5 16.3 29.8 13.3 4.5 4.5 2.5 5.7
New
New


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com