Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
21
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
2 x ø
N
ø
D
Q
Q
L
M
L
4 x Applicable tubing
2 x ø
N
Applicable tubing a
Q
Q
Applicable tubing b
M2
L1
Applicable tubing a
L1
Applicable tubing b
ø
D2
2 x
øN
L1
M1
M2
L1
3 x Applicable tubing a
Q
Q
Applicable tubing b
Cross: KQ2TW
Note) øD is maximum diameter.
Different Diameter Cross: KQ2TY
Note) øD1, øD2 are maximum diameters.
Different Diameter Cross: KQ2TX
Note) øD1, øD2 are maximum diameters.
Dimensions
Applicable
tubing O.D. (mm)
Model
Note)
ø
D1
Note)
ø
D2 L1 L2 Q M1 M2 øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø
6
ø
8 KQ2TY06-08A 10.4 13.2 17.3 17.2 8.4 13.3 14.2 8 4.2 13.4 10.6 4.5 6.5
ø
8
ø
10 KQ2TY08-10A 13.2 15.9 19.2 19.6 9.6 14.2 15.6 8 4.2 25.6 17.7 6
10.2
ø
10 ø12 KQ2TY10-12A 15.9 18.5 21.6 22 10.7 15.6 17
8
4.2 40 28.4 7.5 14.9
Applicable
tubing O.D. (mm)
Model
Note)
ø
D1
Note)
ø
D2 L1 L2 Q M1 M2 øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø
6
ø
8 KQ2TX06-08A 10.4 13.2 17.2 17.3 8.4 13.3 14.2 8 4.2 13.4 10.6 4.5 7.1
ø
8
ø
10 KQ2TX08-10A 13.2 15.9 19.6 19.2 9.6 14.2 15.6 8 4.2 25.6 17.7 6
10.9
ø
10 ø12 KQ2TX10-12A 15.9 18.5 22 21.6 10.7 15.6 17
8
4.2 40 28.4 7.5 15.9
Applicable
tubing O.D.
(mm)
Model
Note)
ø
D
L
Q
M
ø
O øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
KQ2TW04-00A
8.2 15.3
5.7 13.3
6
3.2
6.4
4.4 3
3.5
ø
6
KQ2TW06-00A 10.4 16.3 6.8 13.3
6
3.2 13.4 10.6 4.5
4.9
ø
8
KQ2TW08-00A 13.2 18.2 8.4 14.2
8
4.2 25.6 17.7 6
8.5
ø
10
KQ2TW10-00A 15.9 20.6 9.6 15.6
8
4.2 40
28.4 7.5 12.7
ø
12
KQ2TW12-00A 18.5 23
10.7 17
8
4.2 57.4 45.4 9
18.4


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com