Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 120 page
background image
20
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
2 x
øN
L1
M
L1
M
3 x Applicable tubing
ø
D
Q
Q
L2
L2
M2
M2
2 x øN
2 x
ø
O
Applicable tubing b
ø
D1
2 x Applicable tubing a
Q2
Q2
2 x øN
2 x Applicable tubing a
Applicable tubing b
ø
D1
L2
L2
M2
M2
2 x
ø
O
Q2
Q2
Different Diameter Tee: KQ2T
Note) øD1 is maximum diameter.
Different Diameter Tee: KQ2T
Note) øD1 is maximum diameter.
Union Tee: KQ2T
Note) øD is maximum diameter.
Dimensions
Applicable
tubing O.D. (mm)
Model
Note)
ø
D1 øD2 L1 L2 L3 M1 M2 Q1 Q2 øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø
6 ø4 KQ2T06-04A 8.2 10.4 16.3 15.3 21.5 13.3 13.3 6.8 5.7 6 3.2 6.4 4.4 3
3.5
ø
8 ø6 KQ2T08-06A 10.4 13.2 17.3 17.2 23.9 13.3 14.2 8.4 7.3 8 4.2 13.4 10.6 4.5 6
ø
10 ø8 KQ2T10-08A 13.2 15.9 19.2 19.6 27.2 14.2 15.6 9.6 8.4 8 4.2 25.6 17.7 6
9.5
ø
12 ø10 KQ2T12-10A 15.9 18.5 21.6 22 30.9 15.6 17 10.7 9.6 8 4.2 40 28.4 7.5 13.4
Applicable
tubing O.D. (mm)
Model
Note)
ø
D1 øD2 L1 L2 L3 M1 M2 Q1 Q2 øO øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
a
b
Nylon Urethane
ø
3.2 ø4 KQ2T23-04A 8.2 7.1 14.9 15.3 18.5 13.3 13.3 5.4 5.8 6 3.2 3.8 3.5 2.5 2.6
ø
4 ø6 KQ2T04-06A 10.4 8.2 15.3 16.3 19.4 13.3 13.3 5.7 6.8 6 3.2 7.1 6.6 3
3.3
ø
6 ø8 KQ2T06-08A 13.2 10.4 17.2 17.3 22.4 14.2 13.3 7.3 8.4 8 4.2 16.4 16.4 4.5 5.3
ø
8 ø10 KQ2T08-10A 15.9 13.2 19.6 19.2 26.2 15.6 14.2 8.4 9.6 8 4.2 36 27.2 6
8.3
ø
10 ø12 KQ2T10-12A 18.5 15.9 22 21.6 30 17 15.6 9.6 10.7 8 4.2 56 44.5 7.5 12.2
ø
12 ø16 KQ2T12-16A 23.8 18.5 26.6 25 35.9 20.6 17 10.7 13.4 8 4.2 108.5 74 9
20.1
Applicable
tubing O.D.
(mm)
Model
Note)
ø
D L1
L2
M
Q
ø
O øN
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
KQ2T02-00A
5.8 12.9 15.8 11.9
4.5
6
3.2
0.9
1.4
1.4
ø
3.2
KQ2T23-00A
7.1 14.9 18.5 13.3
5.4
6
3.2
3.4 2.9
2.5
2.3
ø
4
KQ2T04-00A
8.2 15.3 19.4 13.3
5.7
6
3.2
6.4 4.4
3
2.8
ø
6
KQ2T06-00A 10.4 16.3 21.5 13.3 6.8
6
3.2 13.4 10.6
4.5
3.8
ø
8
KQ2T08-00A 13.2 18.2 24.8 14.2 8.4
8
4.2 25.6 17.7
6
7
ø
10
KQ2T10-00A 15.9 20.6 28.6 15.6 9.6
8
4.2 40
28.4
7.5 11
ø
12
KQ2T12-00A 18.5 23
32.3 17
10.7
8
4.2 57.4 45.4
9
15.7
ø
16
KQ2T16-00A 23.8 28.6 40.5 20.6 13.4
8
4.2 100
58.9 13
29.8


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com