Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
19
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D2
L1
M
M
L1
H
Connection thread
(With sealant)
2 x Applicable tubing
2 x Applicable tubing
L1
M
L1
M
ø
D2
Connection thread
H
Male Branch Tee: KQ2T (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
Male Branch Tee: KQ2T (Gasket seal)
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2T23-01
lS 10
7.1 10 14.5 16.6 17.1 13.3
3.4 2.9
2.5
5.2
1/4
KQ2T23-02
lS 14
7.1 10 14.5 21.1 20
13.3
3.4 2.9
2.5 14.7
ø
4
1/8
KQ2T04-01
lS 10
8.2 10 14.8 16.2 17.2 13.3
6
4.1
3
5.5
1/4
KQ2T04-02
lS 14
8.2 10 14.8 21.7 21.1 13.3
6
4.1
3
15
ø
6
1/8
KQ2T06-01
lS 10 10.4 10 15.5 17.3 19.4 13.3 13.9 11
4.5
6.1
1/4
KQ2T06-02
lS 14 10.4 10 15.5 22.8 23.3 13.3 13.9 11
4.5 15.6
3/8
KQ2T06-03
lS 17 10.4 10 15.5 24.1 24.2 13.3 13.9 11
4.5 27.4
ø
8
1/8
KQ2T08-01
lS 10 13.2 10 16.4 18.7 22.2 14.2 14 14
4.5
7.9
1/4
KQ2T08-02
lS 14 13.2 12 17.2 25.4 27.3 14.2 26.3 18.2 6
19.4
3/8
KQ2T08-03
lS 17 13.2 12 17.2 25.5 27
14.2 26.3 18.2
6
26.5
ø
10
1/8
KQ2T10-01
lS 12 15.9 12 18.6 23.5 28.4 15.6 21.6 14.9 6
13.9
1/4
KQ2T10-02
lS 17 15.9 17 19.3 28.6 31.9 15.6 35.2 25
7.5 24.3
3/8
KQ2T10-03
lS 17 15.9 17 19.3 29.5 32.4 15.6 35.2 25
7.5 24.8
1/2
KQ2T10-04
lS 22 15.9 17 19.3 33.5 35.1 15.6 35.2 25
7.5 47.3
ø
12
1/4
KQ2T12-02
lS 17 18.5 17 21.5 29.9 34.5 17
57.2 45.2
9
27.3
3/8
KQ2T12-03
lS 17 18.5 17 21.5 30.8 35
17
57.2 45.2
9
28
1/2
KQ2T12-04
lS 22 18.5 17 21.5 34.8 37.7 17
57.2 45.2
9
50.4
ø
16
1/4
KQ2T16-02
lS 17 23.8 17 25.1 32.6 39.8 20.6 57.2 57.2 9
35.5
3/8
KQ2T16-03
lS 22 23.8 21 27.1 35.4 42.2 20.6 71 58.9 11
47.7
1/2
KQ2T16-04
lS 22 23.8 21 27.1 34.1 39.6 20.6 100 58.9 13
51.4
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
M3 x 0.5
KQ2T02-M3G 5.5
5.8 5.5 12.6 12.5 12.8 11.9 —
0.9
1.2
1.9
M5 x 0.8
KQ2T02-M5
l 7
5.8 5.5 12.6 13
12.9 11.9 —
0.9
1.4
3
ø
3.2
M3 x 0.5
KQ2T23-M3G 7
7.1 7
15.3 13.8 14.7 13.3 0.9
0.9
1.2
3.1
M5 x 0.8
KQ2T23-M5
l 7
7.1 7
15.3 14.3 14.8 13.3 3.2
2.7
2.5
3.5
ø
4
M3 x 0.5
KQ2T04-M3G 7
8.2 7
15.4 14.3 15.8 13.3 0.9
0.9
1.2
3.4
M5 x 0.8
KQ2T04-M5
l 7
8.2 7
15.4 14.8 15.9 13.3 4.5
4.5
2.5
3.9
M6 x 1.0
KQ2T04-M6
l 8
8.2 7
15.4 15.8 15.9 13.3 4.5
4.5
2.5
4.9
ø
6
M5 x 0.8
KQ2T06-M5
l 7
10.4 7
14.5 16.5 18.7 13.3 4.5
4.5
2.5
4.4
M6 x 1.0
KQ2T06-M6
l 8
10.4 7
14.5 17.5 18.7 13.3 4.5
4.5
2.5
5.4
New
New


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com