Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
18
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
H
Connection thread
Applicable tubing
M
L1
ø
D2
H
ø
D2
Connection thread
(With sealant)
Applicable tubing
M
L1
Extended Male Elbow: KQ2W (Gasket seal)
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Extended Male Elbow: KQ2W (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2 A*
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2
1/8
KQ2W23-01
lS 10
7.1 10 14.5 30.3 30.8 13.3
2.8 2.4
2.5 10.8
1/4
KQ2W23-02
lS 14
7.1 10 14.5 32.8 31.7 13.3
2.8 2.4
2.5 27.3
ø
4
1/8
KQ2W04-01
lS 10
8.2 10 14.8 29.9 30.9 13.3
4
4
3
11
1/4
KQ2W04-02
lS 14
8.2 10 14.8 33.3 32.7 13.3
4
4
3
27.5
ø
6
1/8
KQ2W06-01
lS 10 10.4 10 15.5 31
33.1 13.3 10.9 8.6
4.5 11.4
1/4
KQ2W06-02
lS 14 10.4 10 15.5 34.4 34.9 13.3 10.9 8.6 4.5 28
3/8
KQ2W06-03
lS 17 10.4 10 15.5 35.7 35.8 13.3 10.9 8.6 4.5 47.4
ø
8
1/8
KQ2W08-01
lS 10 13.2 10 16.4 32.4 35.9 14.2 10.9 10.9 4.5 12.2
1/4
KQ2W08-02
lS 14 13.2 12 17.2 39.1 41
14.2 20.5 14.2
6
40
3/8
KQ2W08-03
lS 17 13.2 12 17.2 39.2 40.7 14.2 20.5 14.2 6
47
ø
10
1/4
KQ2W10-02
lS 17 15.9 17 19.3 52.9 56.2 15.6 33.5 23.8 7.5 59
3/8
KQ2W10-03
lS 17 15.9 17 19.3 48.5 51.4 15.6 33.5 23.8 7.5 51.3
1/2
KQ2W10-04
lS 22 15.9 17 19.3 52.5 54.1 15.6 33.5 23.8 7.5 92
ø
12
1/4
KQ2W12-02
lS 17 18.5 17 21.5 54.2 58.8 17
47.7 37.7
9
60.7
3/8
KQ2W12-03
lS 17 18.5 17 21.5 49.8 54
17
47.7 37.7
9
53.2
1/2
KQ2W12-04
lS 22 18.5 17 21.5 53.8 56.7 17
47.7 37.7
9
93.9
ø
16
1/4
KQ2W16-02
lS 17 23.8 21 25.1 59
66.2 20.6 47.7 47.7
9
67.4
3/8
KQ2W16-03
lS 22 23.8 21 27.1 59.7 66.5 20.6 71 58.9 11 105.5
1/2
KQ2W16-04
lS 22 23.8 21 27.1 58.4 63.9 20.6 100 58.9 13 101.7
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
2
M3 x 0.5
KQ2W02-M3G 5.5
5.8 5.5 12.6 18.8 19.1 11.9 —
0.8
1.2
2.6
M5 x 0.8
KQ2W02-M5
l 7
5.8 5.5 12.6 19.3 19.2 11.9 —
0.8
1.2
4.6
ø
3.2
M3 x 0.5
KQ2W23-M3G 7
7.1 7
15.3 22.5 23.4 13.3 0.8
0.8
1.2
4.8
M5 x 0.8
KQ2W23-M5
l 7
7.1 7
15.3 25.2 25.7 13.3 2.8
2.4
2.5
5.8
ø
4
M3 x 0.5
KQ2W04-M3G 7
8.2 7
15.4 23
24.5 13.3 0.8
0.8
1.2
4.9
M5 x 0.8
KQ2W04-M5
l 7
8.2 7
15.4 25.7 26.8 13.3 3
3
2.5
5.8
ø
6 M5 x 0.8 KQ2W06-M5
l 7
10.4 7
14.5 27.4 29.6 13.3 3
3
2.5
5.9
New
New


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com