Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 120 page
background image
17
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
ø
D2
L1
M
Applicable tubing
H
Connection thread
M
L1
ø
D2
ø
d
Applicable fitting size
ø
d
Applicable tubing
Female Elbow: KQ2LF
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
Extended Plug-in Elbow: KQ2W
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
M, Rc
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1
L2
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
M5 x 0.8
KQ2LF04-M5
l
8
8.2
7
15.4 15.3 13.3
3.5
3.5 2.5
4.7
M6 x 1.0
KQ2LF04-M6
l
8
8.2
7
15.4 16.1 13.3
3.5
3.5 2.5
4.6
1/8
KQ2LF04-01
l 14
8.2
10
14.8 22.4 13.3
4.2
4.2 3
17.6
1/4
KQ2LF04-02
l 17
8.2
10
14.8 26.9 13.3
4.2
4.2 3
29.6
ø
6
M5 x 0.8
KQ2LF06-M5
l
8
10.4
7
14.5 17
13.3
3.5
3.5 2.5
4.8
M6 x 1.0
KQ2LF06-M6
l
8
10.4
7
14.5 17.8 13.3
3.5
3.5 2.5
4.7
1/8
KQ2LF06-01
l 14 10.4 10 15.5 23.5 13.3 11.4 9
4.5 18
1/4
KQ2LF06-02
l 17 10.4 10 15.5 28
13.3 11.4
9
4.5 30.1
3/8
KQ2LF06-03
l 19 10.4 10 15.5 28.5 13.3 11.4 9
4.5 34
ø
8
1/8
KQ2LF08-01
l 14 13.2 10 16.4 24.9 14.2 11.4 11.4 4.5 18.8
1/4
KQ2LF08-02
l 17 13.2 12 17.2 28.8 14.2 21.6 14.9 6
28.7
3/8
KQ2LF08-03
l 19 13.2 12 17.2 29.3 14.2 21.6 14.9 6
32.3
ø
10
1/4
KQ2LF10-02
l 17 15.9 17 19.3 27.4 15.6 21.6 14.9 7.5 26.4
3/8
KQ2LF10-03
l 19 15.9 17 19.3 33.5 15.6 35.2 25
7.5 31
1/2
KQ2LF10-04
l 24 15.9 17 19.3 36.5 15.6 35.2 25
7.5 57.6
ø
12
1/4
KQ2LF12-02
l 17 18.5 17 21.5 28.7 17
50.2 39.7 9
28.2
3/8
KQ2LF12-03
l 19 18.5 17 21.5 34.8 17
50.2 39.7 9
32.9
1/2
KQ2LF12-04
l 24 18.5 17 21.5 37.8 17
50.2 39.7 9
59.5
Applicable
tubing O.D.
(mm)
Applicable
fitting size
ø
d
Model
Note)
ø
D1 øD2 L1
L2
A
M
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
3.2 ø3.2 KQ2W23-99A 7.1 6.4 14.4 30.5 20.8 13.3 3
2.5 2.5
1
ø
4
ø4
KQ2W04-99A 8.2 7.2 14.5 31.8 22.6 13.3 4.2 4.2 3
1.3
ø
6
ø6
KQ2W06-99A 10.4 8
15.3 35.2 27.1 13.3
9
9
4
2
ø
8
ø8
KQ2W08-99A 13.2 10
17.2 41.9 34.3 14.2 21.6 14.9 6
3.5
ø
10 ø10 KQ2W10-99A 15.9 12
19.3 46.6 38.9 15.6 35.2 25
7.5
5.5
ø
12 ø12 KQ2W12-99A 18.5 14
21.5 52
44.2 17
50.2 39.7 9
8.4


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com