Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
16
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
P2
4 x Applicable tubing
L1
M
ø
D2
Connection thread
(With sealant)
H
P2
6 x Applicable tubing
L1
M
ø
D2
H
Connection thread
(With sealant)
Double Branch Universal Male Elbow: KQ2ZD (Sealant)
Triple Branch Universal Male Elbow: KQ2ZT (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
R thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
R thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2ZT04-01
lS 14 8.2 13.4 18.5 16.3 52.5 49.4 13.3 13.4 8.2 4.7 4.7 3
27.7
1/4
KQ2ZT04-02
lS 14 8.2 13.4 18.5 20.7 56.9 52.2 13.3 13.4 8.2 4.7 4.7 3
35.3
3/8
KQ2ZT04-03
lS 17 8.2 13.4 18.5 22.1 58.3 53.2 13.3 13.4 8.2 4.7 4.7 3
47.2
ø
6
1/8
KQ2ZT06-01
lS 14 10.4 13.4 18.4 16.3 52.5 49.4 13.3 13.4 10.4 10.8 8.6 4.5 29.5
1/4
KQ2ZT06-02
lS 14 10.4 13.4 18.4 20.7 56.9 52.2 13.3 13.4 10.4 10.8 8.6 4.5 37.2
3/8
KQ2ZT06-03
lS 17 10.4 13.4 18.4 22.1 58.3 53.2 13.3 13.4 10.4 10.8 8.6 4.5 49.1
ø
8
1/8
KQ2ZT08-01
lS 19 13.2 17.6 21.2 19 61.8 58.7 14.2 15.9 13.2 20.5 14.2 6
65.1
1/4
KQ2ZT08-02
lS 19 13.2 17.6 21.2 22.4 65.2 60.5 14.2 15.9 13.2 20.5 14.2 6
62.3
3/8
KQ2ZT08-03
lS 19 13.2 17.6 21.2 23 65.8 60.7 14.2 15.9 13.2 20.5 14.2 6
70.4
1/2
KQ2ZT08-04
lS 22 13.2 17.6 21.2 27.2 70 63.6 14.2 15.9 13.2 20.5 14.2 6
97
ø
10
1/4
KQ2ZT10-02
lS 21 15.9 20.6 23.6 24.3 75.5 70.8 15.6 19.2 15.9 31.8 21.6 7.5 90.9
3/8
KQ2ZT10-03
lS 21 15.9 20.6 23.6 24.7 75.9 70.8 15.6 19.2 15.9 31.8 21.6 7.5 90.7
1/2
KQ2ZT10-04
lS 22 15.9 20.6 23.6 28.7 79.9 73.5 15.6 19.2 15.9 31.8 21.6 7.5 112.7
ø
12
1/4
KQ2ZT12-02
lS 26 18.5 25.2 26.8 26.5 84.1 79.4 17 21.6 18.5 44.6 35.3 9 152.2
3/8
KQ2ZT12-03
lS 26 18.5 25.2 26.8 26.9 84.5 79.4 17 21.6 18.5 44.6 35.3 9 142.6
1/2
KQ2ZT12-04
lS 26 18.5 25.2 26.8 30.1 87.7 81.3 17 21.6 18.5 44.6 35.3 9 155.1
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M P1 P2
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2ZD04-01
lS 14 8.2 13.4 18.5 16.3 39 35.9 13.3 13.4 8.2 4.7 4.7 3
21.3
1/4
KQ2ZD04-02
lS 14 8.2 13.4 18.5 20.7 43.4 38.7 13.3 13.4 8.2 4.7 4.7 3
29
3/8
KQ2ZD04-03
lS 17 8.2 13.4 18.5 22.1 44.8 39.7 13.3 13.4 8.2 4.7 4.7 3
40.9
ø
6
1/8
KQ2ZD06-01
lS 14 10.4 13.4 18.4 16.3 39 35.9 13.3 13.4 10.4 10.8 8.6 4.5 22.5
1/4
KQ2ZD06-02
lS 14 10.4 13.4 18.4 20.7 43.4 38.7 13.3 13.4 10.4 10.8 8.6 4.5 30.2
3/8
KQ2ZD06-03
lS 17 10.4 13.4 18.4 22.1 44.8 39.7 13.3 13.4 10.4 10.8 8.6 4.5 42.1
ø
8
1/8
KQ2ZD08-01
lS 19 13.2 17.6 21.2 19 45.8 42.7 14.2 15.9 13.2 20.5 14.2 6
48.7
1/4
KQ2ZD08-02
lS 19 13.2 17.6 21.2 22.4 49.2 44.5 14.2 15.9 13.2 20.5 14.2 6
48
3/8
KQ2ZD08-03
lS 19 13.2 17.6 21.2 23 49.8 44.7 14.2 15.9 13.2 20.5 14.2 6
55.9
1/2
KQ2ZD08-04
lS 22 13.2 17.6 21.2 27.2 54 47.6 14.2 15.9 13.2 20.5 14.2 6
82.1
ø
10
1/4
KQ2ZD10-02
lS 21 15.9 20.6 23.6 24.3 56.2 51.5 15.6 19.2 15.9 31.8 21.6 7.5 69
3/8
KQ2ZD10-03
lS 21 15.9 20.6 23.6 24.7 56.6 51.5 15.6 19.2 15.9 31.8 21.6 7.5 71
1/2
KQ2ZD10-04
lS 22 15.9 20.6 23.6 28.7 60 53.6 15.6 19.2 15.9 31.8 21.6 7.5 92.9
ø
12
1/4
KQ2ZD12-02
lS 26 18.5 25.2 26.8 26.5 62.4 57.7 17 21.6 18.5 44.6 35.3 9 115.6
3/8
KQ2ZD12-03
lS 26 18.5 25.2 26.8 26.9 62.8 57.7 17 21.6 18.5 44.6 35.3 9 110.7
1/2
KQ2ZD12-04
lS 26 18.5 25.2 26.8 30.1 66 59.6 17 21.6 18.5 44.6 35.3 9 124.7


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com