Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
15
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
L1
M
P
H
2 x Applicable tubing
Connection thread
ø
D2
H
L1
M
2 x Applicable tubing
Connection thread
(With sealant)
ø
D2
P
P
L1
M
Applicable tubing
Connection thread
ø
D2
H
Connection
thread
M5 x 0.8
L1
M
ø
D2
H
Connection thread
(With sealant)
Applicable tubing
P
Connection
thread
Rc
Branch Universal Male Elbow: KQ2Z (Sealant)
Branch Universal Male Elbow: KQ2Z (Gasket seal)
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Branch Universal Female Elbow: KQ2ZF (Sealant)
Branch Universal Female Elbow: KQ2ZF (Gasket seal)
l/A: Brass, N: Brass + Electroless nickel plated
Note) øD1 is maximum diameter.
* Reference dimensions after installation of
R thread
Note) øD1 is maximum diameter.
l/A: Brass, N: Brass + Electroless nickel plated
* Reference dimensions after installation of
R thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R, Rc
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2ZF04-01
lS 14 8.2 13.4 18.5 14.4 28.5 25.4 13.3 8.2 4.7 4.7 3
18.1
ø
6
1/8
KQ2ZF06-01
lS 14 10.4 13.4 18.4 14.4 28.5 25.4 13.3 10.4 10.8 8.6 4.5 18.7
1/4
KQ2ZF06-02
lS 19 10.4 20.6 21.5 21.2 40.3 35.6 13.3 10.4 10.8 8.6 4.5 45.3
ø
8
1/8
KQ2ZF08-01
lS 17 13.2 17.6 21.2 15.5 30 26.9 14.2 13.2 20.5 14.2 6
29.3
1/4
KQ2ZF08-02
lS 19 13.2 20.6 22.3 21.2 40.3 35.6 14.2 13.2 20.5 14.2 6
47
ø
10
1/4
KQ2ZF10-02
lS 19 15.9 21.6 23.6 20.4 40.3 35.6 15.6 15.9 31.8 22.6 7.5 49.9
3/8
KQ2ZF10-03
lS 22 15.9 25.2 25.5 23.2 44 38.9 15.6 15.9 31.8 22.6 7.5 68.4
ø
12
3/8
KQ2ZF12-03
lS 22 18.5 24.1 26.9 22.7 44 38.9 17 18.5 44.6 35.3 9
71
1/2
KQ2ZF12-04
lS 24 18.5 27 29.9 24.4 48.9 42.5 17 18.5 44.6 35.3 9 100.5
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4 M5 x 0.8 KQ2ZF04-M5
l 8 8.2 9.8 16.5 10.2 19.2 16.2 13.3 8.2 3.4 3.4 2.5 6.3
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2Z04-01
lS
8 8.2 13.4 18.5 13.7 25.6 22.5 13.3 8.2 4.7 4.7 3
14
ø
6
1/8
KQ2Z06-01
lS
8 10.4 13.4 18.4 13.7 25.6 22.5 13.3 10.4 10.8 8.6 4.5 14.6
1/4
KQ2Z06-02
lS 14 10.4 20.6 21.5 19.1 34.9 30.2 13.3 10.4 10.8 8.6 4.5 37
3/8
KQ2Z06-03
lS 14 10.4 20.6 21.5 19.5 35.3 30.2 13.3 10.4 10.8 8.6 4.5 44.6
ø
8
1/8
KQ2Z08-01
lS 12 13.2 17.6 21.2 15.1 27.6 24.5 14.2 13.2 20.5 14.2 6 24.3
1/4
KQ2Z08-02
lS 12 13.2 17.6 21.2 18.5 31 26.3 14.2 13.2 20.5 14.2 6 30.8
3/8
KQ2Z08-03
lS 14 13.2 20.6 22.3 19.5 35.3 30.2 14.2 13.2 20.5 14.2 6 46.3
ø
10
1/4
KQ2Z10-02
lS 14 15.9 21.6 23.6 19.9 34.9 30.2 15.6 15.9 31.8 22.6 7.5 41.7
3/8
KQ2Z10-03
lS 14 15.9 21.6 23.6 20.3 35.3 30.2 15.6 15.9 31.8 22.6 7.5 49.3
ø
12
3/8
KQ2Z12-03
lS 17 18.5 24.1 26.9 21.2 37.6 32.5 17 18.5 44.6 35.3 9 63.4
1/2
KQ2Z12-04
lS 17 18.5 24.1 26.9 24.4 40.8 34.4 17 18.5 44.6 35.3 9 82
Applicable
tubing O.D.
(mm)
Connection
thread
M
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A M P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4 M5 x 0.8 KQ2Z04-M5
l 8 8.2 9.8 16.510.918.414.913.3 8.2 3.4 3.4 2.5 6.2


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com