Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KQ2 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # KQ2
Description  One-touch Fittings
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KQ2 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button KQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
14
Metric Size One-touch Fittings
Series
KQ2
Applicable Tubing: Metric Size, Connection Thread: M, R, Rc
M
L1
H
ø
D2
Connection thread
(With sealant)
3 x Applicable tubing
M
L1
2 x Applicable tubing
H
ø
D2
Connection thread
(With sealant)
Triple Universal Male Elbow: KQ2VT (Sealant)
l/A: Brass, N: Brass + Electroless nickel plated
l/A: Brass, N: Brass + Electroless nickel plated
Double Universal Male Elbow: KQ2VD (Sealant)
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
* Reference dimensions after installation of R
thread
Note) øD1 is maximum diameter.
Dimensions
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2VD04-01
lS 14 8.2 13.4 19.3 16.3 39 35.9 13.3 13.4 2.9 2.9 3
19.7
1/4
KQ2VD04-02
lS 14 8.2 13.4 19.3 20.7 43.4 38.7 13.3 13.4 2.9 2.9 3
27.4
3/8
KQ2VD04-03
lS 17 8.2 13.4 19.3 22.1 44.8 39.7 13.3 13.4 2.9 2.9 3
39.3
ø
6
1/8
KQ2VD06-01
lS 14 10.4 13.4 20.5 16.3 39 35.9 13.3 13.4 7.5 5.9 4.5 20.3
1/4
KQ2VD06-02
lS 14 10.4 13.4 20.5 20.7 43.4 38.7 13.3 13.4 7.5 5.9 4.5 28
3/8
KQ2VD06-03
lS 17 10.4 13.4 20.5 22.1 44.8 39.7 13.3 13.4 7.5 5.9 4.5 39.9
ø
8
1/8
KQ2VD08-01
lS 19 13.2 17.6 23.7 19 45.8 42.7 14.2 15.9 16 11.2 6
45.1
1/4
KQ2VD08-02
lS 19 13.2 17.6 23.7 22.4 49.2 44.5 14.2 15.9 16 11.2 6
44.3
3/8
KQ2VD08-03
lS 19 13.2 17.6 23.7 23 49.8 44.7 14.2 15.9 16 11.2 6
52.3
1/2
KQ2VD08-04
lS 22 13.2 17.6 23.7 27.2 54 47.6 14.2 15.9 16 11.2 6
78.4
ø
10
1/4
KQ2VD10-02
lS 21 15.9 20.6 25.7 24.3 56.2 51.5 15.6 19.2 27 20.3 7.5 63.1
3/8
KQ2VD10-03
lS 21 15.9 20.6 25.7 24.7 56.6 51.5 15.6 19.2 27 20.3 7.5 65.1
1/2
KQ2VD10-04
lS 22 15.9 20.6 25.7 28.7 60 53.6 15.6 19.2 27 20.3 7.5 87
ø
12
1/4
KQ2VD12-02
lS 26 18.5 25.2 28.9 26.5 62.4 57.7 17 21.6 39 30.8 9 107
3/8
KQ2VD12-03
lS 26 18.5 25.2 28.9 26.9 62.8 57.7 17 21.6 39 30.8 9 102.1
1/2
KQ2VD12-04
lS 26 18.5 25.2 28.9 30.1 66 59.6 17 21.6 39 30.8 9 116.1
Applicable
tubing O.D.
(mm)
Connection
thread
R
Model
H
(Width
across
flats)
Note)
ø
D1 øD2 L1 L2 L3 A* M
P
Effective area
(mm2)
Min.
port
size
Weight
(g)
Nylon Urethane
ø
4
1/8
KQ2VT04-01
lS 14 8.2 13.4 19.3 16.3 52.5 49.4 13.3 13.4 2.9 2.9 3
25.3
1/4
KQ2VT04-02
lS 14 8.2 13.4 19.3 20.7 56.9 52.2 13.3 13.4 2.9 2.9 3
32.9
3/8
KQ2VT04-03
lS 17 8.2 13.4 19.3 22.1 58.3 53.2 13.3 13.4 2.9 2.9 3
44.8
ø
6
1/8
KQ2VT06-01
lS 14 10.4 13.4 20.5 16.3 52.5 49.4 13.3 13.4 7.5 5.9 4.5 26.2
1/4
KQ2VT06-02
lS 14 10.4 13.4 20.5 20.7 56.9 52.2 13.3 13.4 7.5 5.9 4.5 33.9
3/8
KQ2VT06-03
lS 17 10.4 13.4 20.5 22.1 58.3 53.2 13.3 13.4 7.5 5.9 4.5 45.8
ø
8
1/8
KQ2VT08-01
lS 19 13.2 17.6 23.7 19 61.8 58.7 14.2 15.9 16 11.2 6
59.6
1/4
KQ2VT08-02
lS 19 13.2 17.6 23.7 22.4 65.2 60.5 14.2 15.9 16 11.2 6
56.8
3/8
KQ2VT08-03
lS 19 13.2 17.6 23.7 23 65.8 60.7 14.2 15.9 16 11.2 6
64.9
1/2
KQ2VT08-04
lS 22 13.2 17.6 23.7 27.2 70 63.6 14.2 15.9 16 11.2 6
91.5
ø
10
1/4
KQ2VT10-02
lS 21 15.9 20.6 25.7 24.3 75.5 70.8 15.6 19.2 27 20.3 7.5 82
3/8
KQ2VT10-03
lS 21 15.9 20.6 25.7 24.7 75.9 70.8 15.6 19.2 27 20.3 7.5 81.9
1/2
KQ2VT10-04
lS 22 15.9 20.6 25.7 28.7 79.9 73.5 15.6 19.2 27 20.3 7.5 103.9
ø
12
1/4
KQ2VT12-02
lS 26 18.5 25.2 28.9 26.5 84.1 79.4 17 21.6 39 30.8 9 139.3
3/8
KQ2VT12-03
lS 26 18.5 25.2 28.9 26.9 84.5 79.4 17 21.6 39 30.8 9 129.7
1/2
KQ2VT12-04
lS 26 18.5 25.2 28.9 30.1 87.7 81.3 17 21.6 39 30.8 9 142.2


Similar Part No. - KQ2

ManufacturerPart #DatasheetDescription
logo
SMC Corporation.
KQ2 SMC-CORP-KQ2 Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01AS SMC-CORP-KQ2F02-01AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01GS SMC-CORP-KQ2F02-01GS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-01NS SMC-CORP-KQ2F02-01NS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
KQ2F02-02AS SMC-CORP-KQ2F02-02AS Datasheet
3Mb / 79P
   Metric Size One-touch Fittings
More results

Similar Description - KQ2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
KR01 HIROSE-KR01 Datasheet
403Kb / 3P
   one touch push pull lock
logo
DDK Ltd.
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Tontek Design Technolog...
SS8022W TONTEK-SS8022W Datasheet
59Kb / 6P
   One channel LED Touch Dimmer
logo
MKS Instruments.
23 MKS-23 Datasheet
2Mb / 8P
   bUTTWELD fittings
logo
Heyco.
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
   Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
   Adapter for Miscellaneous Fittings
logo
Axiomtek Co., Ltd.
MPC152-832 AXIOMTEK-MPC152-832 Datasheet
418Kb / 2P
   One key touch screen on/off button
logo
Norgren Ltd
C0125 NORGREN-C0125 Datasheet
1Mb / 27P
   PUSH-IN fittings, metric
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com